Part Number Hot Search : 
L4741 VS8022FI AMPHENOL AMPHENOL SZ526 5N6BC0 TORX179 MC3401
Product Description
Full Text Search
 

To Download ESD5305F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  esd 5305f 4 - line s , un i - d irectional, l ow c apacitance trans ient voltage suppressors descriptions the esd530 5f is a low capacitance tvs (transient voltage suppressor) array designed to protect high speed data interfaces. it has been specifically designed to protect sensitive electronic components which are connected to data and transmission lines from over - stress caused by esd (e lectro s tatic d ischarge ) . the esd530 5f incorporates four pairs of low capacitance steering diodes plus a tvs diode. the esd530 5f m ay be used to provide esd protection up to 30 k v (contact discharge ) according to iec61000 - 4 - 2 , and withstand peak pulse current up to 6a ( 8/20 s ) according to iec61000 - 4 - 5. the esd530 5f is available in sot 23 - 6l package. standard products are pb - free and h alogen - free. features ? reverse s tand - off voltage: 5 v m ax . ? transient protection for each line according to iec61000 - 4 - 2 (esd) : 30 k v ( contact discharge ) iec61000 - 4 - 5 (surge): 6a (8/20 s) ? l ow capacitance: c i/o - gnd = 0.65 pf typ. (vcc = floated) c i/o - gnd = 0.35 pf typ. (vcc = 5v) ? ultra - low leakage current: i r < 1na typ. ? l ow clamping voltage : v cl = 1 6.5v @ i pp = 16a (tlp) ? solid - state silico n technology applications ? usb 2.0 ? hdmi 1.3 ? sata and esata ? dvi ? ieee 1394 ? pci express ? portable electronics ? notebooks sot 23 - 6l circuit d iagram 5305 = device code yy = year code ww = week code marking & pin configuration (top view) order i nformation device package shipping esd 530 5f - 6 /tr sot 23 - 6l 3 000/tape&reel 1 3 4 6 2 5 6 4 5 3 1 2 i / o i / o vcc i / o i / o gnd 5305 yyww 1 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
absolute m aximum r ating s electrical characteristics ( t a = 25 o c , unless otherwise noted ) definitions of electrical characteristics parameter symbol rating unit peak pulse power ( t p = 8/20 s) p pk 84 w peak pulse current (t p = 8/20 s) i pp 6 a esd according to iec61000 - 4 - 2 air discharge v esd 30 k v esd according to iec61000 - 4 - 2 contact discha rge 30 operation junction temperature t j 1 25 o c lead temperature t l 260 o c storage temperature t stg - 55~150 o c i v v f v rwm v br v fc i pp i f i r i br v cl i pp v f forward voltage i f forward current v fc forward clamping voltage i pp peak pulse current v rwm reverse stand - off voltage i r reverse leakage current v br reverse breakdown voltage v cl clamping voltage i pp peak pulse current esd 5305f 2 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
elect rical characteristics ( t a = 25 o c , unless otherwise noted ) notes: 1) tlp parameter: z 0 = 50 , t p = 100ns, t r = 2n s, averaging window fr om 60ns to 80ns. r dyn is calculated from 4a to 16a. 2) non - repetitive current pulse, according to iec61000 - 4 - 5. parameter symbol condition min. typ. max. unit reverse stand - off voltage v rwm 5.0 v rever se leakage current i r v rwm = 5 v < 1 5 0 n a rever se breakdown voltage v br i br = 1ma 7.0 8. 0 9.0 v forwar d voltage v f i f = 1 0ma 0.6 0. 9 1.2 v clamping voltage 1) v cl i pp = 16a, t p = 100ns 1 6.5 v dynamic resistance 1) r dyn 0. 4 5 2 ) v cl i pp = 1a, t p = 8/20s = 8/20s esd 5305f 3 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
typical characteristics ( t a = 25 o c , unless otherwise noted ) 8/20 s w aveform per iec61000 - 4 - 5 clamping voltage vs. peak pulse current non - repetitive peak pulse p ower vs. pulse time contact discharge current waveform per iec61000 - 4 - 2 capacitance vs. reveres voltage power derating vs. ambient t emperature 0 1 2 3 4 5 0.2 0.3 0.4 0.5 0.6 0.7 0.8 i/o to i/o vcc = floated, i/o to gnd vcc = 5v, i/o to gnd f = 1mhz junction capacitance (pf) v r - reverse voltage (v) 0 25 50 75 100 125 150 0 20 40 60 80 100 % of rated power t a - ambient temperature ( o c) 0 1 2 3 4 5 6 7 9 10 11 12 13 14 pulse waveform: t p = 8/20 esd 5305f 4 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
typical characteristics ( t a = 25 o c , unless otherwise noted ) esd clamping ( +8kv contact discharge per iec61000 - 4 - 2) tlp measurement esd clamping ( - 8kv contact discharge per iec61000 - 4 - 2 ) -2 0 2 4 6 8 10 12 14 16 18 20 -2 0 2 4 6 8 10 12 14 16 18 20 22 z 0 = 50 ? t r = 2ns t p = 100ns tlp current (a) tlp voltage (v) esd 5305f 5 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
package outline dimensions sot 23 - 6 l symbol dimensions in millimeters min. typ. max. a -- -- 1.25 a1 0 -- 0.1 5 a2 1.0 0 1.10 1.20 a3 0.60 0.65 0.70 b 0.36 -- 0.50 b1 0.36 0.38 0.45 c 0.14 -- 0.20 c1 0.14 0.1 5 0.16 d 2.826 2.926 3.026 e 2 . 60 2.80 3.00 e1 1.526 1.626 1.726 e 0.90 0.95 1.00 e 1 1.80 1.90 2.00 l 0.35 0.45 0.60 l1 0.59ref l2 0.25bsc r 0.10 -- -- r1 0.10 -- 0.20 0 o -- 8 o 1 3 o 5 o 7 o 2 6 o -- 14 o esd 5305f 6 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of ESD5305F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X