Part Number Hot Search : 
251913B SCD215H VCH16245 L7809AB MA277 21D05 AT603 50310
Product Description
Full Text Search
 

To Download DTC144TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital transistors (built-in resistors) dtc144tm/dtc144te/dtc144tua dtc144tka /DTC144TCA/dtc144tsa equivalent circuit digital transistor (npn) features ? built-in bias resistors enable the co nfiguration of an inverter circuit without connecting external input re sistors(see equivalent circuit) ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input.they also have the advantage of almost completely eliminating parasitic effects ? only the on/off conditions need to be se t for operation, making device design easy pin connenctions and marking dtc144tm sot-723 1. in 2. gnd 3. out marking:06 dtc144te sot-523 1. in 2. gnd 3. out marking: 06 dtc144tua sot-323 1. in 2. gnd 3. out marking: 06 dtc144tka sot-23-3l 1. in 2. gnd 3. out marking: 06 DTC144TCA sot-23 1. in 2. gnd 3. out marking: 06 dtc144tsa to-92s 1. gnd 2. out 3. in 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c , jun ,2013
maximum ratings(ta= 25 unless otherwise noted) limits(dtc144t ) symbol parameter m e ua ka ca sa unit v cbo collector-base voltage 50 v v ceo collector-emitter voltage 50 v v ebo emitter-base voltage 5 v i c collector current 100 ma p d power dissipation 100 150 200 200 200 300 mw t j junction temperature 150 t stg storage temperature -55  +150 electrical characteristics (ta= 25 unless otherwise specified) parameter symbol conditions min typ max unit collector-base breakdown voltage v (br)cbo ic=50a,i e =0 50 v collector-emitter breakdown voltage v (br)ceo ic=1ma,i b =0 50 v emitter-base breakdown voltage v (br)ebo i e =50a,i c =0 5 v collector cut-off current i cbo v cb =50v,i e =0 0.5 a emitter cut-off current i ebo v eb =4v,i c =0 0.5 a collector-emitter saturation voltage v ce(sat) i c =5ma,i b =0.5ma 0.3 v dc current gain h fe v ce =5v,i c =1ma 100 300 600 input resistor r 1 32.9 47 61.1 k ? transition frequency f t v ce =10v,i e =-5ma, f=100mhz 250 mhz 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c , jun ,2013
0.1 1 10 100 10 100 1000 0.1 1 10 100 10 100 1000 0 1 02 03 04 0 0.1 1 10 0.1 1 10 100 0.1 1 10 100 02468 0 1 2 3 4 5 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 t a =100 t a =25 =10 i c v cesat ?? collector-emitter saturation voltage v cesat (mv) collector curremt i c (ma) 3000 dtc144txx i c h fe ?? t a =100 t a =25 dc current gain h fe collector current i c (ma) common emitter v ce = 5v f=1mhz i e =0 t a =25 v cb c ob ?? c ob reverse voltage v (v) capacitance c (pf) collector current i c (ma) base-emmiter voltage v be (v) i c ?? v be t a = 2 5 t a = 1 0 0 common emitter v ce =5v ambient temperature t a ( ) power dissipation p d (mw) p d ?? t a static characteristic common emitter t a =25 10ua 9ua 8ua 7ua 6ua 5ua 4ua 3ua 2ua i b =1ua collector current i c (ma) collector-emitter voltage v ce (v) dtc144tm dtc144te DTC144TCA/tua/tka dtc144tsa 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c , jun ,2013


▲Up To Search▲   

 
Price & Availability of DTC144TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X