Part Number Hot Search : 
SP5768KG 04820 3512P MBR745 S1600 1N4961US SP5768KG RF5540
Product Description
Full Text Search
 

To Download DTC144TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor (see equivalent circuit) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. only the on/off conditions need to be set for operation, marking device design easy. green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. dtc144 tm sot-723 8k / 7" reel rm 96 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. maximum ratings tm te tsa p d 100 150 300 mw v cbo v v ceo v v ebo v i c ma t j , t stg o c note 1 valid provided that electrodes are kept at ambient temperature electrical characteristics symbol min typ max units v (br)cbo 50 v v (br)ceo 50 v v (br)ebo 5v i cbo 0.5 a i ebo 0.5 a v ce(sat) 0.3 v h fe 100 300 600 r 1 32.9 47 61.1 k ? f t 250 mhz v ce = 10v , i e =5ma , f=100mhz dtc144 tm/te/tua/tca/ts a npn small signal transistor equivalent circuit v eb = 4v , i c =0 i c = 5ma , i b = 0.5ma v ce = 5v,i c = 1ma i c = 50 a , i c =0 v cb = 50v , i e =0 i c = 50 a , i e =0 i c = 1ma , i b =0 5 units condtion marking packing packing code junction and storage temperature range - 55 to + 150 collector-base voltage collector-emitter voltage collector current manufacture code m0 tua / tca parameter value ordering information (example) part no. 50 100 50 type number symbol 200 dc current gain collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cut-off current emitter cut-off current collector-emitter saturation voltage version d13 small signal product package packing code (green) rmg transition frequency input resistor features power dissipation emitter-base voltage
orderin g information ( detail , exam p le ) 96 96 96 96 96 96 96 96 dimensions min max min max a 3.90 4.10 0.15 0.16 b 3.05 3.25 0.12 0.13 c 15.10 15.50 0.59 0.61 d 0.35 0.48 0.01 0.02 e 1.42 1.62 0.06 0.06 f 0.66 0.86 0.03 0.03 g 0.36 0.51 0.01 0.02 dtc144 tca dtc144 tsa to-92s 3k / 7" reel a3 a3g dtc144 tua sot-323 3k / 7" reel rv dtc144 tm sot-723 8k / 7" reel rm dtc144 te sot-523 manufacture code (note) m0 m0 m0 packing code (green) rmg rng rvg rng rug rmg rvg packing 8k / 7" reel 3k / 7" reel 3k / 7" reel 3k / 7" reel 3k / 7" reel packing code rm rn rv rn ru package sot-723 sot-523 sot-323 sot-23 unit(inch) ru 3k / 7" reel 3k / 7" reel rug m0 m0 dtc144 tca a3 dim. unit(mm) sot-23 to-92s version d13 to-92s small signal product dtc144 tsa dtc144 tua marking part no. dtc144 tm dtc144 te a3g
min max min max min max min max a 2.70 3.10 0.106 0.122 a 1.80 2.20 0.07 0.09 b 1.10 1.50 0.043 0.059 b 1.15 1.35 0.05 0.05 c 0.30 0.51 0.012 0.020 c 0.15 0.40 0.01 0.02 d 1.78 2.04 0.070 0.080 d 1.20 1.40 0.05 0.06 e 2.10 2.64 0.083 0.104 e 2.00 2.45 0.08 0.10 f 0.89 1.30 0.035 0.051 f 0.80 1.10 0.03 0.04 g h min max min max min max min max a 1.50 1.70 0.06 0.07 a 1.15 1.25 0.045 0.049 b 0.70 0.90 0.03 0.04 b 0.75 0.85 0.030 0.033 c 0.15 0.35 0.01 0.01 c 0.17 0.27 0.007 0.011 d 0.90 1.10 0.04 0.04 d e 1.45 1.75 0.06 0.07 e 1.15 1.25 0.045 0.049 f 0.62 0.95 0.02 0.04 f 0.43 0.55 0.017 0.022 g 0.15 0.25 0.006 0.010 small signal product sot-23 sot-523 dim. unit(inch) 0.550 ref 0.022 ref unit(mm) dim. unit(mm) 0.031 typ. sot-723 dim. unit(mm) unit(inch) sot-323 version : d13 dim. unit(mm) unit(inch) 0.1 ref 0.004 ref unit(inch) 0.80 typ. b a c d g f e


▲Up To Search▲   

 
Price & Availability of DTC144TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X