Part Number Hot Search : 
EQ212 ADF4351 RT9209PS T89C51 BC261 FZT653 SS1020 A105K
Product Description
Full Text Search
 

To Download DS1990R-F3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the ds1990r serial number i button is a rugged data carrier that serves as an electronic registration number for automatic identification. data is transferred serially through the 1-wire protocol, which requires only a sin- gle data lead and a ground return. every ds1990r is factory lasered with a guaranteed unique 64-bit regis- tration number that allows for absolute traceability. the durable stainless-steel i button package is highly resis- tant to environmental hazards such as dirt, moisture, and shock. its compact coin-shaped profile is self- aligning with mating receptacles, allowing the ds1990r to be used easily by human operators. accessories enable the ds1990r i button to be mounted on almost any object, including containers, pallets, and bags. the ds1990r is a fully compatible variant of the ds1990a. in applications where a presence pulse on contact is critical, the ds1990r should be preferred over the ds1990a. applications access control work-in-progress tracking tool management inventory control features ? upgrade of ds1990a guarantees presence pulse on contact ? can be read in less than 5ms ? operating range: 2.8v to 6.0v, -40? to +85? common i button features ? unique factory-lasered 64-bit registration number ensures error-free device selection and absolute traceability because no two parts are alike ? built-in multidrop controller for 1-wire net ? digital identification by momentary contact ? data can be accessed while affixed to object ? economically communicates to bus master with a single digital signal at 16.3kbps ? button shape is self-aligning with cup-shaped probes ? durable stainless-steel case engraved with registration number withstands harsh environments ? easily affixed with self-stick adhesive backing, latched by its flange, or locked with a ring pressed onto its rim ? presence detector acknowledges when reader first applies voltage ds1990r serial number i button ________________________________________________________________ maxim integrated products 1 pin configurations ordering information 19-4894; rev 4; 8/10 for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. part temp range pin-package ds1990r-f5# -40 c to +85 c f5 i button DS1990R-F3# -40 c to +85 c f3 i button examples of accessories part accessory ds9096p self-stick adhesive pad ds9101 multipurpose clip ds9093ra mounting lock ring ds9093a snap-in fob ds9092 i button probe 16.25mm 5.89mm 0.51mm 3.10mm 0.51mm 17.35mm branding f5 size gnd gnd io io f3 size 89 01 000000fbc52b 1-wire i b u t t o n . c o m y y w w z z z d s 1 9 9 0 r # f 5 i button and 1-wire are registered trademarks of maxim integrated products, inc. # denotes a rohs-compliant device that may include lead(pb) that is exempt under the rohs requirements.
ds1990r serial number i button 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (t a = -40? to +85?.) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. note 1: all voltages are referenced to ground. note 2: external pullup voltage. see figure 4. note 3: system requirement. note 4: full r pup range is guaranteed by design and simulation and not production tested. production testing performed at a fixed r pup value. maximum allowable pullup resistance is a function of the number of 1-wire devices in the system and 1-wire recovery times. the specified value here applies to systems with only one device and with the minimum 1-wire recovery times. for more heavily loaded systems, an active pullup such as that found in the ds2480b may be required. note 5: capacitance on the io pin could be 800pf when power is first applied. if a 5k resistor is used to pull up the io line to v pup , 5? after power has been applied the parasite capacitance will not affect normal communications. note 6: guaranteed by design, simulation only. not production tested. note 7: input load is to ground. io voltage range to gnd .....................................-0.5v to +6.0v io sink current....................................................................20ma junction temperature ......................................................+125? storage temperature range .............................-55? to +125? parameter symbol conditions min typ max units io pin: general data 1-wire pullup voltage v pup (notes 1, 2) 2.8 6.0 v 1-wire pullup resistance r pup (notes 3, 4) 0.6 5 k  input capacitance c io (notes 5, 6) 100 800 pf input load current i l (note 7) 0.25 a input low voltage v il (notes 1, 3, 8) 0.3 v input high voltage v ih (notes 1, 9) 2.2 v output low voltage at 4ma v ol (note 1) 0.4 v operating charge q op (notes 6, 10) 30 nc recovery time t rec (note 3) 1 s time slot duration t slot (note 3) 61 s io pin: 1-wire reset, presence-detect cycle reset low time t rstl (notes 3, 11) 480 s reset high time t rsth (notes 3, 12) 480 s presence-detect high time t pdh 15 60 s presence-detect low time t pdl (note 13) 60 240 s presence-detect sample time t msp (note 3) 60 75 s io pin: 1-wire write write-zero low time t w0l (notes 3, 14) 60 120 s write-one low time t w1l (notes 3, 14) 1 15 s io pin: 1-wire read read low time t rl (notes 3, 15) 1 15 -  s read sample time t msr (notes 3, 15) t rl +  15 s
ds1990r serial number i button _______________________________________________________________________________________ 3 note 8: the voltage on io must be less than or equal to v ilmax whenever the master drives the line low. note 9: v ih is a function of the internal supply voltage. note 10: 30nc per 72 time slots at 5.0v pullup voltage with a 5k pullup resistor and t slot 120?. note 11: the reset low time (t rstl ) should be restricted to a maximum of 960? to allow interrupt signaling. a longer duration could mask or conceal interrupt pulses if this device is used in parallel with a ds1994. note 12: an additional reset or communication sequence cannot begin until the reset high time has expired. note 13: presence pulse after por is guaranteed by design, not production tested. note 14: in figure 7 represents the time required for the pullup circuitry to pull the voltage on io up from v il to v ih . the actual maximum duration for the master to pull the line low is t w1lmax + t f - and t w0lmax + t f - , respectively. note 15: in figure 7 represents the time required for the pullup circuitry to pull the voltage on io up from v il to the input-high threshold of the bus master. the actual maximum duration for the master to pull the line low is t rlmax + t f . i button can physical specification size see the package information section. weight (ds1990r) ca. 2.5 grams detailed description the block diagram in figure 1 shows the major function blocks of the device. the ds1990r takes the energy it needs to operate from the io line, as indicated by the parasite power block. the rom function control unit includes the 1-wire interface and the logic to implement the rom function commands, which access 64 bits of lasered rom. ds1990r parasite power rom function control io 64-bit lasered rom figure 1. block diagram
ds1990r 64-bit lasered rom each ds1990r contains a unique rom code that is 64 bits long. the first 8 bits are a 1-wire family code. the next 48 bits are a unique serial number. the last 8 bits are a crc of the first 56 bits. see figure 2 for details. the 1-wire crc is generated using a polynomial gen- erator consisting of a shift register and xor gates as shown in figure 3. the polynomial is x 8 + x 5 + x 4 + 1. additional information about the 1-wire cyclic redundancy check (crc) is available in application note 27: understanding and using cyclic redundancy checks with maxim i button products. the shift register bits are initialized to 0. then starting with the least significant bit of the family code, one bit at a time is shifted in. after the 8th bit of the family code has been entered, the serial number is entered. after the 48th bit of the serial number has been entered, the shift register contains the crc value. shifting in the 8 bits of crc returns the shift register to all 0s. 1-wire bus system the 1-wire bus is a system that has a single bus master and one or more slaves. in all instances, the ds1990r is a slave device. the bus master is typically a micro- controller or pc. for small configurations, the 1-wire communication signals can be generated under soft- ware control using a single port pin. alternatively, the ds2480b 1-wire line driver chip or serial-port adapters based on this chip (ds9097u series) can be used. this simplifies the hardware design and frees the micro- processor from responding in real time. the discussion of this bus system is broken down into three topics: hardware configuration, transaction sequence, and 1-wire signaling (signal types and timing). the 1-wire protocol defines bus transactions in terms of the bus state during specific time slots that are initiated on the falling edge of sync pulses from the bus master. for a more detailed protocol description, refer to chapter 4 of the application note 937: book of i button standards . serial number i button 4 _______________________________________________________________________________________ msb 8-bit crc code 48-bit serial number msb msb lsb lsb lsb 8-bit family code (01h) msb lsb figure 2. 64-bit lasered rom 1st stage 2nd stage 3rd stage 4th stage 7th stage 8th stage 6th stage 5th stage x 0 x 1 x 2 x 3 x 4 polynomial = x 8 + x 5 + x 4 + 1 input data x 5 x 6 x 7 x 8 figure 3. 1-wire crc generator
hardware configuration the 1-wire bus has only a single line by definition; it is important that each device on the bus be able to drive it at the appropriate time. to facilitate this, each device attached to the 1-wire bus must have open-drain or three-state outputs. the 1-wire port of the ds1990r is open drain with an internal circuit equivalent to that shown in figure 4. a multidrop bus consists of a 1-wire bus with multiple slaves attached. at standard speed, the 1-wire bus has a maximum data rate of 16.3kbps. the value of the pullup resistor primarily depends on the network size and load conditions. for most applica- tions, the optimal value of the pullup resistor is approxi- mately 2.2k . the idle state for the 1-wire bus is high. if for any reason a transaction needs to be suspended, the bus must be left in the idle state if the transaction is to resume. if this does not occur and the bus is left low for more than 120?, one or more devices on the bus may be reset. transaction sequence the protocol for accessing the ds1990r through the 1-wire port is as follows: initialization rom function command initialization all transactions on the 1-wire bus begin with an initial- ization sequence. the initialization sequence consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the slave(s). the presence pulse lets the bus master know that the ds1990r is on the bus and is ready to operate. for more details, see the 1-wire signaling section. ds1990r serial number i button _______________________________________________________________________________________ 5 rx r pup v pup simple bus master ds2480b bus master open-drain port pin 100 mosfet tx rx tx data ds1990r 1-wire port rx = receive tx = transmit v dd pol rxd serial in serial out txd v pp gnd n.c. 1-w to 1-wire data +5v host cpu serial port ds2480b figure 4. hardware configuration
ds1990r 1-wire rom function commands once the bus master has detected a presence pulse, it can issue one of the rom function commands the ds1990r supports. all rom function commands are 8 bits long. a list of these commands follows. (see figure 5 for a flowchart.) read rom [33h] or [0fh] this command allows the bus master to read the ds1990r? 8-bit family code, unique 48-bit serial num- ber, and 8-bit crc. this command can only be used if there is a single slave device on the bus. if more than one slave is present on the bus, a data collision occurs when all slaves try to transmit at the same time (open drain pro- duces a wired-and result). the resultant family code and 48-bit serial number results in a mismatch of the crc. search rom [f0h] when a system is initially brought up, the bus master might not know the number of devices on the 1-wire bus or their registration numbers. by taking advantage of the wired-and property of the bus, the master can use a process of elimination to identify the registration numbers of all slave devices. for each bit of the regis- tration number, starting with the least significant bit, the bus master issues a triplet of time slots. on the first slot, each slave device participating in the search outputs the true value of its registration number bit. on the sec- ond slot, each slave device participating in the search outputs the complemented value of its registration num- ber bit. on the third slot, the master writes the true value of the bit to be selected. all slave devices that do not match the bit written by the master stop participat- ing in the search. if both of the read bits are zero, the master knows that slave devices exist with both states of the bit. by choosing which state to write, the bus master branches in the rom code tree. after one com- plete pass, the bus master knows the registration num- ber of a single device. additional passes identify the registration numbers of the remaining devices. refer to application note 187: 1-wire search algorithm for a detailed discussion, including an example. match rom [55h]/skip rom [cch] the minimum set of 1-wire rom function commands includes a match rom and a skip rom command. because the ds1990r contains only the 64-bit rom without any additional data fields, match rom and skip rom are not applicable. the ds1990r remains silent (inactive) upon receiving a rom function command that it does not support. this allows the ds1990r to coexist on a multidrop bus with other 1-wire devices that do respond to match rom or skip rom. serial number i button 6 _______________________________________________________________________________________ ds1990r tx presence pulse bus master tx reset pulse bus master tx rom function command ds1990r tx crc byte ds1990r tx family code (1 byte) ds1990r tx serial number (6 bytes) y 33h or 0fh read rom command? n bit 0 match? n n n f0h search rom command? n y y ds1990r tx bit 0 ds1990r tx bit 0 master tx bit 0 y bit 1 match? bit 63 match? ds1990r tx bit 1 ds1990r tx bit 1 master tx bit 1 ds1990r tx bit 63 ds1990r tx bit 63 master tx bit 63 y figure 5. rom functions flowchart
1-wire signaling the ds1990r requires strict protocols to ensure data integrity. the protocol consists of four types of signaling on one line: reset sequence with reset pulse and pres- ence pulse, write-zero, write-one, and read-data. except for the presence pulse, the bus master initiates all these signals. to get from idle to active, the voltage on the 1-wire line needs to fall from v pup to below v ilmax . to get from active to idle, the voltage needs to rise from v ilmax to above v ihmin . the time it takes for the voltage to make this rise, referenced as in figure 6, depends on the value of the pullup resistor (r pup ) and capacitance of the 1-wire network attached. the initialization sequence required to begin any com- munication with the ds1990r is shown in figure 6. a reset pulse followed by a presence pulse indicates that the ds1990r is ready to receive a rom function com- mand. if the bus master uses slew-rate control on the falling edge, it must pull down the line for t rstl + t f to compensate for the edge. after the bus master has released the line, it goes into receive mode (rx). now the 1-wire bus is pulled to v pup through the pullup resistor or, in the case of a ds2480b driver, by active circuitry. when the v ihmin is crossed, the ds1990r waits for t pdh and then transmits a presence pulse by pulling the line low for t pdl . to detect a presence pulse, the master must test the logi- cal state of the 1-wire line at t msp . read/write time slots data communication with the ds1990r takes place in time slots that carry a single bit each. write time slots transport data from bus master to slave. read time slots transfer data from slave to master. the definitions of the write and read time slots are illustrated in figure 7. all communication begins with the master pulling the data line low. as the voltage on the 1-wire line falls below v ilmax , the ds1990r starts its internal timing generator that determines when the data line is sam- pled during a write time slot and how long data is valid during a read time slot. master-to-slave for a write-one time slot, the voltage on the data line must have risen above v ihmin after the write-one low time t w1lmax is expired. for a write-zero time slot, the voltage on the data line must stay below v ilmax until the write-zero low time t w0lmin is expired. for most reli- able communication, the voltage on the data line should not exceed v ilmax during the entire t w0l win- dow. after the voltage has risen above v ihmin , the ds1990r needs a recovery time t rec before it is ready for the next time slot. ds1990r serial number i button _______________________________________________________________________________________ 7 resistor master ds1990r t rstl t pdl t rsth t pdh master tx "reset pulse" master rx "presence pulse" v pup v ihmin v ilmax 0v t f t rec t msp figure 6. initialization procedure: reset and presence pulses
ds1990r serial number i button 8 _______________________________________________________________________________________ resistor master resistor master resistor master ds1990r v pup v ihmaster v ihmin v ilmax 0v t f v pup v ihmaster v ihmin v ilmax 0v t f v pup v ihmaster v ihmin v ilmax 0v t f t slot t w1l t rec t slot t slot t w0l t rec master sampling window t rl t msr write-one time slot write-zero time slot read-data time slot figure 7. read/write timing diagram
slave-to-master a read-data time slot begins like a write-one time slot. the voltage on the data line must remain below v ilmax until the read low time t rl is expired. during the t rl window, when responding with a 0, the ds1990r starts pulling the data line low; its internal timing generator determines when this pulldown ends and the voltage starts rising again. when responding with a 1, the ds1990r does not hold the data line low at all, and the voltage starts rising as soon as t rl is over. the sum of t rl + (rise time) on one side and the inter- nal timing generator of the ds1990r on the other side define the master sampling window (t msrmin to t msrmax ) in which the master must perform a read from the data line. for most reliable communication, t rl should be as short as permissible and the master should read close to but no later than t msrmax . after reading from the data line, the master must wait until t slot is expired. this guarantees sufficient recovery time t rec for the ds1990r to get ready for the next time slot. ds1990r serial number i button _______________________________________________________________________________________ 9 package information for the latest package outline information and land patterns, go to www.maxim-ic.com/packages . note that a ?? ?? or ??in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. package type package code outline no. land pattern no. f3 i button ib#3nb 21-0252 f5 i button ib#5nb 21-0266
ds1990r serial number i button maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 10 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2010 maxim integrated products maxim is a registered trademark of maxim integrated products, inc. revision history revision number revision date description pages changed 0 5/05 initial release 1 8/06 reworded the ul#913 bullet to designed to meet... 1 2 8/09 updated the ordering information table to include rohs-compliant packages; removed the ul#913 bullet from the common i button features section 1 3 8/10 created newer template-style data s heet; in the electrical characteristics table, deleted the output high voltage parameter, moved the 1-wire pullup voltage parameter from table header to table body, changed v ilmax from 0.8v to 0.3v, added note 14 to the t w0l specification, changed t w1lmax from 15s C  to 15s, and added more details to notes 14 and 15; added the epsilon timing to the write-zero time slot in figure 7 2, 3, 8
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: maxim integrated: ? DS1990R-F3#? ds1990r-f5#


▲Up To Search▲   

 
Price & Availability of DS1990R-F3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X