Part Number Hot Search : 
M61509FP FTM3725 1N444 WH2002D 16F140 AEFVBF15 SMBJ58A 30302
Product Description
Full Text Search
 

To Download DO3316T-152MLD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smt power inductors C do3316t document 365-1 dcr srf 4 l 2 % max typ i sat 5 i rms 6 part number 1 (h) tol 3 (ohms) (mhz) (a) (a) do3316t-331ml_ 0.33 20 0.002 200 20 16 do3316t-681ml_ 0.68 20 0.005 200 13 12 do3316t-102ml_ 1.0 20 0.006 100 11 10 do3316t-152ml_ 1.5 20 0.008 90 9.0 9.0 do3316t-222_l_ 2.2 20 ,10 0.011 90 7.8 7.4 do3316t-272_l_ 2.7 20 ,10 0.012 65 7.0 6.6 do3316t-332_l_ 3.3 20 ,10 0.014 60 6.4 5.9 do3316t-392_l_ 3.9 20 ,10 0.015 50 5.9 5.3 do3316t-472_l_ 4.7 20 ,10 0.018 50 5.4 4.8 do3316t-562_l_ 5.6 20 ,10 0.021 45 4.7 4.65 do3316t-682_l_ 6.8 20 ,10 0.024 43 4.4 4.40 do3316t-822_l_ 8.2 20 ,10 0.032 34 4.0 4.15 do3316t-103_l_ 10 20 ,10 0.034 31 3.9 3.90 do3316t-123_l_ 12 20 ,10 0.036 27 3.4 3.50 do3316t-153_l_ 15 20 ,10 0.045 25 3.1 3.10 do3316t-183_l_ 18 20 ,10 0.050 22 2.8 2.90 do3316t-223_l_ 22 20 ,10 0.070 18 2.5 2.70 do3316t-273_l_ 27 20 ,10 0.085 18 2.3 2.30 do3316t-333_l_ 33 20 ,10 0.100 17 2.0 2.10 do3316t-393_l_ 39 20 ,10 0.120 15 1.8 1.95 do3316t-473_l_ 47 20 ,10 0.150 14 1.65 1.80 do3316t-563_l_ 56 20 ,10 0.165 12 1.45 1.65 do3316t-683_l_ 68 20 ,10 0.220 11 1.40 1.50 do3316t-823_l_ 82 20 ,10 0.250 10 1.30 1.40 do3316t-104_l_ 100 20 ,10 0.280 9.0 1.20 1.30 do3316t-124_l_ 120 20 ,10 0.400 8.0 1.00 1.00 do3316t-154_l_ 150 20 ,10 0.460 6.0 0.90 0.90 do3316t-184_l_ 180 20 ,10 0.520 6.0 0.85 0.85 do3316t-224_l_ 220 20 ,10 0.700 5.0 0.80 0.80 do3316t-274_l_ 270 20 ,10 0.800 5.0 0.75 0.70 do3316t-334_l_ 330 20 ,10 1.07 4.5 0.60 0.60 do3316t-394_l_ 390 20 ,10 1.14 4.0 0.62 0.55 do3316t-474_l_ 470 20 ,10 1.27 3.5 0.50 0.50 1. when ordering, specify tolerance , termination and packaging codes: do3316t-474 mld tolerance: m = 20%, k = 10% (table shows stock tolerances in bold.) termination: l = rohs compliant tin-silver over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: d = 13 machine-ready reel. eia-481 embossed plastic tape (750 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. tolerances in bold are stocked for immediate shipment. 4. srf measured using agilent/hp 8753d network analyzer. 5. dc current at which the inductance drops 10% (typ) from its value with - out current. 6. current that causes a 40c temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. designers kit c396 contains 3 of each 20% value core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant tin-silver-copper over copper. other terminations available at additional cost. weight 0.95 C 1.25 g ambient temperature C40c to +155c. see derating curve for i rms vs temperature. storage temperature component: C40c to +155c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 750/13 reel plastic tape: 24 mm wide, 0.35 mm thick, 12 mm pocket spacing, 6.4 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. ? designed for high temperature applications C over 125c ambient ? aec-q200 qualifed; ideal for many automotive applications ? soldered self-leaded construction for excellent solderability ? 10% tolerance for most values ? low dcr and high current handling document 365-1 revised 09/25/12 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. high tempera ture
0.1 1 10 100 1000 0.1 1 100 10 current (a) inductance (h) 470 h 100 h 22 h 4.7 h 1 h smt power inductors C do3316t series typical l vs current typical l vs frequency document 365-2 inter nal code 0.330 8,38 0.390 9,91 max 0.250 6,35 max 0.150 3,81 0.120 3,05 typ 0.520 13,21 0.460 11,68 max max 0.360 9.14 min xxx x dash n umber recommended land p attern 0.060 1,52 0.160 4,06 0.400 10,16 at 25c ambient 0.1 1 10 100 1000 0.1 1 100 10 frequency (mhz) inductance (h) 470 h 100 h 22 h 4.7 h 1 h current derating 0.1 1 10 100 1000 0.1 1 100 10 current (a) inductance (h) 1 h 4.7 h 22 h 100 h 470 h at 125c ambient a mbient t emperatur e (c) pe r cent of r ated c urrent 120 110 100 90 80 70 60 50 40 30 20 10 0 -40 -20 02 04 06 08 0 100 180 160 140 120 25 c i sat i rm s dimensions are in inches mm document 365-2 revised 09/25/12 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. high tempera ture


▲Up To Search▲   

 
Price & Availability of DO3316T-152MLD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X