Part Number Hot Search : 
11014 30WQ06FN CH374 BCR129T P1402AL SMCJ160A SR390 RQA0004L
Product Description
Full Text Search
 

To Download CP21C0XSRC000XG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s0434. rev.01 (web). 2014-05-16 contact ? 46335 landing pkwy ? fremont ? ca ? 94538 ? tel : +1 (510) 933-7200 ? fax : +1 (510) 933-7300 ? email : sales@oplink.com ? www.oplink.com ? product description CP21C0XSRC000XG pb the CP21C0XSRC000XG is a hot pluggable fber optic transceiver in the cfp2 form factor with digital diagnostics monitoring functionality (ddm) and control functions. supporting 100gbase-sr10 ethernet standard and otu4 data rates makes it ideally suited for 100g applications where cost efective high port density is needed. it ofers doubled port density of 100g-sr10 cfp transceivers. the control and status reporting functions are integrated into the design via a set of non-data hardware signal pins and management date input/output (mdio) interface per the cfp2 multi-source agreement. the transceiver supports an aggregate bandwidth of 100g over 100 meters of optical fber. each lane transmits and receives data streams at data rates up to 11.1809gbps. the cfp transceiver has a single mpo port which connects to an industry standard 2x12 multi-mode fber cable. it provides an excellent solution for 100gbe/otu4 data transmission at 850nm over up to 100m multimode mode ribbon cables. the low power consumption and excellent emi performance enable system design with high port density. the product is designed and tested in accordance with industry safety standards. the transceiver is class i laser product per u.s. fda/cdrh and iec 60825-1:2007 & iec 60825-2:2004+a1+a2 standards. the CP21C0XSRC000XG transceiver connects to standard 104-pin cfp2 connectors for hot plug capability. this allows system designers to make confguration changes or maintenance by simply plugging in diferent transceivers without removing the power supply from the host system. the transmitter and receiver data interfaces are internally ac-coupled. lv-cmos transmitter disable control input and loss of signal (los) output interfaces are also provided. the transceiver can be conveniently assembled into and released from the host system through the latch. the transceiver operates from a single +3.3v power supply over an operating case temperature range of -5c to +70c. the housing is made of metal for emi immunity. ? integrated 10 independent full duplex lanes ? transmission distance up to 100m (om4 fber) ? cfp2 form factor for doubled port density than cfp ? compliant to 100gbase-sr10 specifcations ? support data transmission up to 111.809gb/s ? support caui proposals ? status reporting and control functions through the mdio interface ? rohs 6/6 compliant ? laser class 1 iec/cdrh compliant features ordering information 100g-sr10 cfp2 transceiver model name operating temperature nominal wavelength supported data rate (gb/s) distance latch color cp21c0xsrc000e1g - 5c to +70c commercial 850 103.125 100m beige cp21c0xsrc000e2g - 5c to +70c commercial 850 103.125 and 111.809 100m beige


▲Up To Search▲   

 
Price & Availability of CP21C0XSRC000XG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X