Part Number Hot Search : 
1N5807US LSC3100 100V1 BR101 ML65L541 9F400 HT95R23 RT8259
Product Description
Full Text Search
 

To Download CESD5V0D3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sod-323 plastic-encapsulate diodes CESD5V0D3 esd protection diode description the CESD5V0D3 is designed to protect voltage sensitive components from esd. excellent cl amping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to esd. because of its small size, it is suited for use in cellular phones, mp3 players, digita l cameras and many other portable applications where board s pace is at a premium. features z stand ? off voltage: 5.0 v z low leakage z response time is typically < 1 ns z esd rating of class 3 (> 16 kv) p er human body model z iec61000 ? 4 ? 2 level 4 esd protection z these are pb ? free devices maximum ratings @t a =25 parameter symbol limit unit iec61000 ? 4 ? 2(esd) air contact 15 8.0 kv esd v oltage per human body model 30 kv total p ower d issipation on fr-5 b oard (note 1) p d 200 mw thermal resistance junction ? to ? ambient r ja 625 / w lead solder temperature ? maximum (10 second duration) t l 260 junction and storage t emperature r ange t j, t stg -55 ~ +150 stresses exceeding m aximum r atings may damage the device. maximum r atings are stress ratings only. functional operation above the r eco mmended. operating c onditions is no t implied. extended exposure to stresses above the r ecommended o perating c ond itions may affect device reliability. 1. fr ? 5 = 1.0 x 0.75 x 0.62 in. sod-323 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification b.mar,2013
electrical characteristics (t a = 25c unless otherwise noted) symbol parameter i pp maximum reverse peak pulse current v c clamping voltage @ i pp v rwm working peak reverse voltage i r maximum reverse leakage current @ v rwm v br breakdown voltage @ i t i t test current i f forward current v f forward voltage @ i f p pk peak power dissipation c max. capacitance @v r =0 and f =1mhz electrical characteristics (t a = 25c unless otherwise noted, v f = 0.9 v max. @ i f = 10ma for all types) v rwm (v) i r ( a) @ v rwm v br (v) @ i t (note 2) i t v c @i pp = 5 a i pp (a) + v c (v) @max i pp + p pk + (w) c (pf) device* device marking max max min max ma v max max max typ CESD5V0D3 za 5.0 10 6.2 7.3 1.0 9.8 15 15.5 350 350 *other voltages available upon request. +surge current waveform per figure 6. 2. v br is measured with a pulse test current i t at an ambient temperature of 25c. 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification b.mar,2013


▲Up To Search▲   

 
Price & Availability of CESD5V0D3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X