Part Number Hot Search : 
HD64F3 09SQR4 MX919BDW 01000 V2383 2200B S24IZ 1800F
Product Description
Full Text Search
 

To Download BTB1198A3-R-BK-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c824a3 issued date : 2007.02.28 revised date : 2012.12.27 page no. : 1/7 btb1198a3 cystek product specification pnp epitaxial planar transistor btb1198a3 features ? low v ce(sat) , v ce(sat) = -0.16v (typ.) @ i c /i b =-500ma/-50ma ? high breakdown voltage, bv ceo =-80v ? complementary to btd1768a3 ? pb-free lead plating and halogen-free package symbol outline btb1198a3 to-92 absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage v cbo -80 v collector-emitter voltage v ceo -80 v emitter-base voltage v ebo -5 v collector current (dc) i c -1 a collector current (pulse) i cp -2 (note) a power dissipation p d 750 mw thermal resistance, junction to ambient r ja 167 c/w operating junction temperature range tj -55~+150 c storage temperature range tstg -55~+150 c note : pulse test, p w 10ms, duty 50%. e c b b base c collector e emitter
cystech electronics corp. spec. no. : c824a3 issued date : 2007.02.28 revised date : 2012.12.27 page no. : 2/7 btb1198a3 cystek product specification characteristics (ta=25 c) symbol min. typ. max. unit test conditions bv cbo -80 - - v i c =-50 a bv ceo -80 - - v i c =-2ma bv ebo -5 - - v i e =-50 a i cbo - - -0.5 a v cb =-50v i ebo - - -0.5 a v eb =-4v *v ce(sat) - -0.16 -0.5 v i c =-500ma, i b =-50ma *h fe 120 - 560 - v ce =-3v, i c =-100ma f t - 180 - mhz v ce =-10v, i c =-50ma, f=100mhz cob - 11 - pf v cb =-10v, f=1mhz *pulse test: pulse width 380 s, duty cycle 2% classification of h fe rank q r s range 120~270 180~390 270~560 ordering information device hfe rank package shipping btb1198a3-q-bk-g q to-92 (pb-free lead plating and halogen-free package) 1000 pcs/ bag, 10 bags/box, 10boxes/carton BTB1198A3-R-BK-G r to-92 (pb-free lead plating and halogen-free package) 1000 pcs/ bag, 10 bags/box, 10boxes/carton btb1198a3-s-bk-g s to-92 (pb-free lead plating and halogen-free package) 1000 pcs/ bag, 10 bags/box, 10boxes/carton btb1198a3-q-tb-g q to-92 (pb-free lead plating and halogen-free package) 2000 pcs / tape & box btb1198a3-r-tb-g r to-92 (pb-free lead plating and halogen-free package) 2000 pcs / tape & box btb1198a3-s-tb-g s to-92 (pb-free lead plating and halogen-free package) 2000 pcs / tape & box
cystech electronics corp. spec. no. : c824a3 issued date : 2007.02.28 revised date : 2012.12.27 page no. : 3/7 btb1198a3 cystek product specification characteristic curves output characteristics 0 0.05 0.1 0123456 collector-to-emitter voltage---vce(v) collector current---ic(a) ib=0 ib=100ua ib=200ua ib=300ua ib=400ua ib=500ua output characteristics 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0123456 collector-to-emitter voltage---vce(v) collector current---ic(a) ib=0 ib=500ua ib=1ma ib=1.5ma ib=2ma ib=2.5ma output characteristics 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0123456 collector-to-emitter voltage---vce(v) collector current---ic(a) ib=0 ib=2ma ib=4ma ib=6ma ib=8ma ib=10ma output characteristics 0 0.2 0.4 0.6 0.8 1 1.2 0123456 collector-to-emitter voltage---vce(v) collector current---ic(a) ib=0 ib=5ma ib = 10m a ib=15ma ib = 20m a ib = 25m a current gain vs collector current 1 10 100 1000 1 10 100 1000 10000 collector current---ic(ma) current gain---hfe vce=1v vce=2v vc e = 3v saturation voltage vs collector current 10 100 1000 10000 1 10 100 1000 10000 collector current---ic(ma) saturation voltage---(mv) ic=10ib ic=20ib ic=25ib vce(sat)
cystech electronics corp. spec. no. : c824a3 issued date : 2007.02.28 revised date : 2012.12.27 page no. : 4/7 btb1198a3 cystek product specification characteristic curves(cont.) saturation voltage vs collector current 100 1000 10000 1 10 100 1000 10000 collector current---ic(ma) saturation voltage---(mv) vbe(sat)@ic=10ib power derating curve 0 100 200 300 400 500 600 700 800 0 50 100 150 200 ambient temperature---ta() power dissipation---pd(mw)
cystech electronics corp. spec. no. : c824a3 issued date : 2007.02.28 revised date : 2012.12.27 page no. : 5/7 btb1198a3 cystek product specification to-92 taping outline millimeters dim item min. max. a component body height 4.33 4.83 d tape feed diameter 3.80 4.20 h2a h2a h2 h2 d2 a h w w1 h3 h4 h1 l1 l p2 p p1 f1 f2 d1 d t2 t t1 d1 lead diameter 0.36 0.53 d2 component body diameter 4.33 4.83 f1,f2 component lead pitch 2.40 2.90 f1,f2 f1-f2 - 0.3 h height of seating plane 15.50 16.50 h1 feed hole location 8.50 9.50 h2 front to rear deflection - 1 h2a deflection left or right - 1 h3 component height - 27 h4 feed hole to bottom of component - 21 l lead length after component removal - 11 l1 lead wire enclosure 2.50 - p feed hole pitch 12.50 12.90 p1 center of seating plane location 5.95 6.75 p2 4 feed hole pitch 50.30 51.30 t over all tape thickness - 0.55 t1 total taped package thickness - 1.42 t2 carrier tape thickness 0.36 0.68 w tape width 17.50 19.00 w1 adhesive tape width 5.00 7.00 - 20 pcs pitch 253 255
cystech electronics corp. spec. no. : c824a3 issued date : 2007.02.28 revised date : 2012.12.27 page no. : 6/7 btb1198a3 cystek product specification recommended wave soldering condition soldering time product peak temperature pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds 183 c 60-150 seconds time maintained above: ? temperature (t l ) 217 c ? time (t l ) 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak 10-30 seconds 20-40 seconds temperature(tp) ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max.
cystech electronics corp. spec. no. : c824a3 issued date : 2007.02.28 revised date : 2012.12.27 page no. : 7/7 btb1198a3 cystek product specification to-92 dimension *: typical inches millimeters inches b1 198 hfe rank 3 1 a d b c i 1 e f 2 3 g h 2 s t yle: pin 1.emitter 2.colle ctor 3.ba se 3-l ead t o -9 2 plastic pa ckag e cys t ek pa ck a g e code: a 3 9 9, a 10, b 11 , c 12 product name date code: y ear+month y ear: 4 2004, 5 20 05 month: 1 1, 2 2, ??? , marking: m i l l i m e t e r s dim m i n . m a x . m i n . m a x . dim m i n . m a x . m i n . m a x . a 0 . 1 7 0 4 0 . 1 9 0 2 4 . 3 3 4 . 8 3 g 0.0142 0 . 0 2 2 0 0 . 3 6 0 . 5 6 b 0 . 1 7 0 4 0 . 1 9 0 2 4 . 3 3 4 . 8 3 h - * 0 . 1 0 0 0 - * 2.54 c 0 . 5 0 0 0 - 1 2 . 7 0 - i - * 0 . 0 5 0 0 - * 1.27 d 0 . 0 1 4 2 0 . 0 2 2 0 0 . 3 6 0 . 5 6 1 - * 5 - * 5 e - * 0 . 0 5 0 0 - * 1.27 2 - * 2 - * 2 f 0 . 1 3 2 3 0 . 1 4 8 0 3 . 3 6 3 . 7 6 - 3 * 2 - * 2 note s: 1.controlling dimension: millimeter s. 2.maximum lead thickness include s lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is an y q uestion w i th p a ck ing specification or p a cking metho d , please c ont act y our local c y s t ek sales of fice. material: ? lead: pur e tin plated. ? mold compou n d : epoxy resin fa mily , flammabilit y solid burning cla ss: ul94v -0. im portan t n o tice : ? all rights are re served. reprod u c tion in w hole or in part is prohibited w i thout the p r ior w r itten a pprov al of c y stek. ? c y stek reserv es the right to m a ke changes to its products w i tho u t notice. ? cy st e k semic ond uct o r pr odu cts are n o t warr ante d t o be s u it able f o r use i n l i fe-su p p o rt a p p licatio ns, or sys tems. ? c y stek assumes no liability fo r an y consequenc e of customer pr oduct design, infringement of pat e n ts, or application assistance .


▲Up To Search▲   

 
Price & Availability of BTB1198A3-R-BK-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X