Part Number Hot Search : 
4LS138 MAX13 2N489 LN513OKS CP2102 3408G MC34114P 1028DI
Product Description
Full Text Search
 

To Download AP09N70P-A-HF-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet 100% avalanche test bv dss 650v fast switching characteristic r ds(on) 0.75 simple drive requirement i d 9a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs gate-source voltage v i d @t c =25 continuous drain current, v gs @ 10v a i d @t c =100 continuous drain current, v gs @ 10v a i dm pulsed drain current 1 a p d @t c =25 total power dissipation w e as single pulse avalanche energy 2 mj t stg t j operating junction temperature range thermal data symbol value unit rthj-c maximum thermal resistance, junction-case 0.8 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data & specifications subject to change without notice ap09n70p-a-hf + 30 rating 650 halogen-free product 1 -55 to 150 9 40 156 5 40.5 -55 to 150 201310025 parameter storage temperature range drain-source voltage parameter g d s g d s to-220 a p09n70 series are from advanced power innovated design and silicon process technology to achieve the lowest possible on-resistance and fast switching performance. it provides the designer with an extreme efficient device for use in a wide range of power applications. the to-220 package is widely preferred for all commercial- industrial through hole applications. the low thermal resistance and low package cost contribute to the worldwide popular package.
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =1ma 650 - - v r ds(on) static drain-source on-resistance 3 v gs =10v, i d =4.5a - - 0.75 v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =4.5a - 4.5 - s i dss drain-source leakage current v ds =600v, v gs =0v - - 100 ua i gss gate-source leakage v gs =+ 30v, v ds =0v - - + 100 na q g total gate charge 3 i d =9a - 44 - nc q gs gate-source charge v ds =480v - 11 - nc q gd gate-drain ("miller") charge v gs =10v - 12 - nc t d(on) turn-on delay time 3 v dd =300v - 19 - ns t r rise time i d =9a - 21 - ns t d(off) turn-off delay time r g =10 -56- ns t f fall time v gs =10v - 24 - ns c iss input capacitance v gs =0v - 2660 - pf c oss output capacitance v ds =25v - 170 - pf c rss reverse transfer capacitance f=1.0mhz - 10 - pf source-drain diode symbol parameter test conditions min. typ. max. units i s continuous source current ( body diode ) v d =v g =0v , v s =1.5v - - 9 a i sm pulsed source current ( body diode ) 1 --40 a v sd forward on voltage 3 t j =25 , i s =9a, v gs =0v - - 1.5 v notes: 1.pulse width limited by max. junction temperature. 2.starting t j =25 o c , v dd =50v , l=1mh , r g =25 , i as =9a. 3.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 ap09n70p-a-hf
fig 1. typical output characteristics fig 2. typical output characteristics fig 3. normalized bv dss v.s. junction fig 4. normalized on-resistance temperature v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 ap09n70p-a-hf 0.8 0.9 1 1.1 1.2 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss 0 2 4 6 8 10 036912 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 6.0v 5.0v 4.5v 4.0v v g = 3 .5 v 0 1 2 3 -50 0 50 100 150 t j , junction temperature ( o c ) normalized r ds(on) i d =4.5a v g =10v 0 2 4 6 8 10 0 5 10 15 20 25 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 6.0v 5.0v 4.5v 4.0v v g = 3 .5 v 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j = 150 o c t j = 25 o c 1 2 3 4 5 -50 0 50 100 150 t j , junction temperature ( o c) v gs(th) (v)
ap09n70p-a-h f fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1 10 100 1 10 100 1000 10000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc 0 4 8 12 16 0204060 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =9a v ds =320v v ds =400v v ds =480v 1 100 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 10v q gs q gd q g charge


▲Up To Search▲   

 
Price & Availability of AP09N70P-A-HF-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X