Part Number Hot Search : 
TEA6880 SPX1581 AT54A BLL6H12 W25Q32 MK45H11 57737 CHT44PT
Product Description
Full Text Search
 

To Download ACSC56-41SURKWA-F01-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsag0302 rev no: v.10a date: jan/08/2015 page: 1 of 5 approved: wynec checked: joe lee drawn: l.q.xie e rp: 1351000389 surface mount display part number: acsc56-41surkwa-f01 hyper red features z 0.56 inch digit height. z low current operation. z excellent character appearance. z mechanically rugged. z gray face,white segment. z package: 400pcs/ reel. z moisture sensitivity level : level 2a. z rohs compliant. description the hyper red source color devices are made with al- gainp on gaas substrat e light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 3. the gap between the reflector and pcb shall not exceed 0.25mm
spec no: dsag0302 rev no: v.10a date: jan/08/2015 page: 2 of 5 approved: wynec checked: joe lee drawn: l.q.xie e rp: 1351000389 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. * luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2.forward voltage: +/-0.1v. 3.wavelength value is traceable to the cie127-2007 compliant national standards. 4.excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradation or premature failure. note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. dice lens type iv (ucd) [1] @ 10ma description min. typ. hyper red (algainp) white diffused 21000 44000 common cathode, rt. hand decimal. *5600 *14000 acsc56-41surkwa-f01 symbol parameter device typ. max. units test conditions peak peak wavelength hyper red 645 nm i f =20ma d [1] dominant wavelength hyper red 630 nm i f =20ma ? 1/2 spectral line half-width hyper red 28 nm i f =20ma c capacitance hyper red 35 pf v f =0v;f=1mhz v f [2] forward voltage hyper red 1.95 2.5 v i f =20ma i r reverse current hyper red 10 ua v r =5v parameter hyper red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 185 ma reverse voltage 5 v operating / storage temperature -40c to +85c
spec no: dsag0302 rev no: v.10a date: jan/08/2015 page: 3 of 5 approved: wynec checked: joe lee drawn: l.q.xie e rp: 1351000389 hyper red acsc56-41surkwa-f01
spec no: dsag0302 rev no: v.10a date: jan/08/2015 page: 4 of 5 approved: wynec checked: joe lee drawn: l.q.xie e rp: 1351000389 acsc56-41surkwa-f01 recommended soldering pattern (units : mm; tolerance: 0.15) reel dimension tape specifications (units : mm)
spec no: dsag0302 rev no: v.10a date: jan/08/2015 page: 5 of 5 approved: wynec checked: joe lee drawn: l.q.xie e rp: 1351000389 packing & label specifications acsc56-41surkwa-f01 terms and conditions for the usage of this document 1.the information included in this document reflects representative usage scenarios and is intended for technical reference only. 2.the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before product ion usage customer should refer to the latest datasheet for the updated specifications. 3.when using the products referenced in this docu ment, please make sure the product is being operated within the environmental and electrical limit s specified in the datasheet. if customer usage exceeds the specified limits, kingbright w ill not be responsible for any subsequent issues. 4.the information in this document applies to typical usage in consumer electronics applications. if customer's application has special reliabilit y requirements or have life-threatening liabilities, such as automotive or medical usage, please co nsult with kingbright representative for further assistance. 5.the contents and information of this document ma y not be reproduced or re-transmitted without permission by kingbright. 6.all design applications should refer to kingbr ight application notes available at http://www.kingbrightusa. com/applicationnotes


▲Up To Search▲   

 
Price & Availability of ACSC56-41SURKWA-F01-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X