Part Number Hot Search : 
P6KE16A XR16M581 2SK48 VHCT541 MMSZ5 XB0484A C33269 SMA282A
Product Description
Full Text Search
 

To Download 42002-12C1A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/26/2014 please check www.molex.com for latest part information part number: 10-84-5120 status: active overview: mlx? power connectors description: 6.35mm pitch mlx? power connector header, vertical, 12 circuits, polyester 94v-0, tin (sn) plating, white documents: 3d model product specification ps-42022-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 42002 application power, wire-to-board comments solder type overview mlx? power connectors product name mlx? upc 800753869127 physical breakaway no circuits (loaded) 12 circuits (maximum) 12 color - resin natural durability (mating cycles max) 50 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal phosphor bronze material - plating mating tin material - resin polyester net weight 7.072/g number of rows 3 orientation vertical pc tail length 4.27mm pcb retention yes pcb thickness - recommended 1.57mm packaging type bag pitch - mating interface 6.35mm pitch - termination interface 6.35mm polarized to pcb yes shrouded fully surface mount compatible (smc) no temperature range - operating -55c to +105c termination interface: style through hole electrical current - maximum per contact 13.5a, 20a solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 42002 series mates with 42021 plug
duration at max. process temperature (seconds) 10 lead-free process capability wave capable (th only) process temperature max. c 260 material info old part number 42002-12C1A1 reference - drawing numbers product specification ps-42022-0001 sales drawing sda-42002-***** this document was generated on 03/26/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 42002-12C1A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X