Part Number Hot Search : 
STCS1 3PMT28A ESD05C MM5ZXXV ER304 2SK162 CY7C1041 CS304
Product Description
Full Text Search
 

To Download 384206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2,54 15 x 2,54 (=38,1) 2 x 2,54 (=5,08) 0,8 0,1 0,8 0,1 4,8 0,2 s = standard e s l steckl?nge / mating length e = early mate, late break / voreilend l = late mate, early break / nacheilend 3 +0,1 3,95 2,54 5,08 2x2,54=5,08 prior notice. contact one of the erni companies stvc/2 male con.c/2 32 solder messerleiste c/2 32 l?t 384206 2:1 information: tolerances scale all dimensions in mm class i subject to modification without a3 designation www.erni.com before using. drawing will not be updated. all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. index date - 17.08.2009 rc 1 mating length steckl?nge xxxxxxx class anforderungsstufe erni datum date max. 12,7 -0,2 10,2 53,9 48,26 2,5 +0,1 6,4 -0,1 47 4 53 contact layout c b a s s s sss s s s s s s s s s s s s s s s s ss s s s ss s ss 2 16 15 14 13 12 11 10 9 8 7 6 bestckungsplan / 1 missing information and dimensions pe r iec 60 603-2 / din en 60 603-2 fehlende ma?e und angaben nach iec 60 603-2 / din en 60 603-2 l?tanschluss 0,6mm / solder terminal 0,6mm isolierwerkstoff / housing material : pbt gf 30 bauart 4 / t ype 4 anforderungsstufe 1 = 500 steckzyklen / performance class 1 = 500 mating cycles berduckung siehe zeichnung 294905 marking see drawing 294905 all holes c 16 2 leiterplatten- lochbild / pcb drillhole pattern alle l?cher / b a 1 3 4 5 6 7 8 9 10 11 12 13 14 15 0,05 (=38,1) 2,54 15 x 2,54 1 0,1 a b c 0,6 6 0,1 3,9 0,2 c1 c16 a1 a16 2,5 -0,2 11,1 max. 8,7 +0,1


▲Up To Search▲   

 
Price & Availability of 384206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X