Part Number Hot Search : 
LTC14 15BCC 74F16 4SURC SBO20 SRI4K11 SRI4K11 RKV601KP
Product Description
Full Text Search
 

To Download WPMD2012-6TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wpmd2012 dual p-channel, -20v, -0.64a, small signal mosfet descriptions the wpmd2012 is p-channel enhancement mos field effect transistor. uses advanced trench technology and design to provide excellent r ds (on) with low gate charge. this device is suitable for use in dc-dc conversion, load switch and level shift. standard product wpmd2012 is pb-free. features z trench technology z supper high density cell design z excellent on resistance z extremely low threshold voltage z small package sot-363 applications z dc-dc converter circuit z small signal switch z load switch z level shift sot-363 pin configuration (top view) 12* 12 = device code * = month (a~z) marking order information device package shipping wpmd2012-6/tr sot-363 3000/reel&tape v ds (v) rds(on) (  ) 0.550@ v gs =-4.5v 0.740@ v gs =-2.5v -20 0.910@ v gs =-1.8v 6 5 4 1 2 3 d1 6 g2 5 s2 4 1 s1 2 g1 3 d2 1 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
absolute maximum ratings parameter symbol 10 s steady state unit drain-source voltage v ds  -20 gate-source voltage v gs  f 6 v t a =25c -0.64 -0.57 continuous drain current a t a =70c i d -0.51 -0.46 a t a =25c 0.37 0.29 maximum power dissipation a t a =70c p d 0.24 0.19 w t a =25c -0.55 -0.50 continuous drain current b t a =70c i d -0.44 -0.40 a t a =25c 0.27 0.22 maximum power dissipation b t a =70c p d 0.17 0.14 w pulsed drain current c i dm -1.0 a operating junction temperature t j 150 c storage temperature range t stg -55 to 150 c thermal resistance ratings single operation parameter symbol typical maximum unit t ? 10 s 280 330 junction-to-ambient thermal resistance a steady state r  ja 340 420 t ? 10 s 380 455 junction-to-ambient thermal resistance b steady state r  ja 460 545 junction-to-case thermal resistance steady state r  jc 280 320 c/w dual operation t ? 10 s 315 365 junction-to-ambient thermal resistance a steady state r  ja 371 436 t ? 10 s 425 490 junction-to-ambient thermal resistance b steady state r  ja 492 580 junction-to-case thermal resistance steady state r  jc 285 325 c/w a. surface mounted on fr4 board using 1 in sq pad size, 1oz cu. b. surface mounted on fr4 board using the minimum recommended pad size, 1oz cu. c. repetitive rating, pulse width limited by junction temperature, tp=10s, duty cycle=1% d. repetitive rating, pulse width limited by junction temperature t j (max)=150c 6 wpmd2012 2 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
electronics characteristics (ta=25 o c, unless otherwise noted) parameter symbol test conditions min typ max unit off characteristics drain-to-source breakdown voltage bv dss v gs = 0 v, i d =  250ua -20 v zero gate voltage drain current i dss v ds =-16 v, v gs gate-to-source leakage current i gss v ds = 0 v, v gs =5v -5 ua on characteristics gate threshold voltage v gs(th) v gs = v ds , i d =  250ua -0.4 -0.6 5 -0. 9 0 v vgs =  4.5v, id =  0.  5a 550 810 vgs =  2.5v, id =  a 740 1050 drain-to-source on-resistance r ds(on) vgs =  1.8v, id =  a 910 1300 m ? forward transconductance g fs vds =  5 v, id = -0.45a 1.25 s charges, capacitances and gate resistance input capacitance c iss 74.5 output capacitance c oss 10.8 reverse transfer capacitance c rss v gs = 0 v, f = 1 . hz, v ds =  10 v 10.2 pf total gate charge q g(tot) threshold gate charge q g(th) gate-to-source charge q gs gate-to-drain charge q gd v gs =  4.5 v, v ds =  10 v, i d = -0.45a nc switching characteristics turn-on delay time td(on) 45 rise time tr 140 turn-off delay time td(off) 1500 fall time tf 2100 ns body diode characteristics forward voltage v sd v gs = 0 v, i s v gs = -4.5 v, v ds = -10 v, r g =6 ? i d =-0.45a, = 0v -1 ua = -0.15a -0.50 -0.65 -1.50 v 1.8 0.18 0.74 0.12 wpmd2012 3 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
typical characteristics (ta=25 o c, unless otherwise noted) 012345 0.0 0.5 1.0 1.5 2.0 v gs = -2.5 ~ -5v output characteristics on-resistance vs. drain current on-resistance vs. junction temperature 0.0 0.3 0.6 0.9 1.2 1.5 1.8 0 300 600 900 1200 1500 t=125 0 c t=-50 0 c transfer characteristics on-resistance vs. gate-to-source voltage threshold voltage vs. temperature v gs = -2.0v v gs = -1.5v -i ds _drain to source current (a) -v ds _drain to source voltage (v) v ds = -5v -i ds - drain current (a) -v gs - gate to drain voltage (v) t=25 0 c 1.01.52.02.53.03.54.04.5 200 400 600 800 1000 1200 1400 1600 i ds =-0.45a r ds(on) - on-resistance (m : ) -v gs -gate to source voltage(v) 0.20.40.60.81.0 400 600 800 1000 v gs = -2.5v v gs =-4.5v r ds(on) - on-resistance (m : ) i ds -drain to source current (a) -25 0 25 50 75 100 125 150 0.3 0.4 0.5 0.6 0.7 0.8 i ds = -250ua -v gs(th) - threshold voltage (v) temperature ( 0 c) -50 0 50 100 150 400 500 600 700 800 v gs =-4.5v i ds =-0.45a r ds(on) - on-resistance (m : ) temperature ( 0 c) wpmd2012 4 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
capacitance 0.4 0.5 0.6 0.7 0.8 0.9 50 100 150 200 250 t=25 0 c single pulse power transient thermal response (junction-to-ambient) 0246810 0 30 60 90 120 v gs =0 f=100khz c-capacitance (pf) -v ds - drain to source voltage (v) cin cout crss t=125 0 c -i sd - source to drain current (a) -v sd - source to drain voltage(v) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z ja normalized transient thermal resistance single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =340c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t on t p d t on p d body diode forward voltage safe operating power 0.01 0.10 1.00 10.00 0.1 1 10 100 -v ds (volts) -i d (amps) 100 s 10ms 1ms 0.1s 1s 10s dc r ds(on) limited t j(max) =150c, t a =25c wpmd2012 5 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
package outline dimensions sot-363 dimension in millimeters symbol min. max. a 0.900 1.100 a1 0.000 0.100 a2 0.900 1.000 b 0.150 0.350 c 0.080 0.150 d 2.000 2.200 e 1.150 1.350 e1 2.150 2.450 e 0.650 typ e1 1.200 1.400 l 0.525 ref l1 0.260 0.460  0 o 8 o wpmd2012 6 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of WPMD2012-6TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X