Part Number Hot Search : 
CDRH12 N40N60 BSP125 ICL8007C BL317BT 3362R103 SD243 SAB9080
Product Description
Full Text Search
 

To Download WPMD2010-6TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wpmd2010 dual p-channel, -20 v, -3.6a, power mosfet description the wpmd2010 uses advanced trench technology and design to provide excellent r ds(on) with low gate charge. this device is suitable for use in dc-dc co nversion applications. standard product wpmd2010 is pb-free. features v (br)dss r ds(on) typ 75m ? @ ? 4.5v ? 20 v 101m ? @ ? 2.5v pin connections z lower rds(on) solution in 2x2 mm package z 1.8 v rds(on) rating for operation at low voltage gate drive logic level z low profile (< 0.8 mm) for ea sy fit in thin environments z bidirectional current flow with common source configuration z dfn6 package provides exposed drain pad for excellent thermal conduction application z optimized for battery and load management applications in marking diagram portable equipment z li ? ion battery charging and protection circuits w l s i fyww z high power management in portable, battery powered products z high side load switch f = specific device code yww = date code order information part number package shipping wpmd2010-6/tr dfn 6 3000tape&reel 1 of 8 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol 10 s steady state unit drain-source voltage v ds -20 gate-source voltage v gs 12 v t a =25c 3.6 3.1 continuous drain current (t j = 150 c) a t a =70c i d 2.9 2.7 a t a =25c 2.0 1.5 maximum power dissipation a t a =70c p d 1.3 1.0 w t a =25c 2.3 2.1 continuous drain current (t j = 150 c) b t a =70c i d 1.8 1.7 a t a =25c 0.8 0.7 maximum power dissipation b t a =70c p d 0.5 0.4 w pulsed drain current c i dm -18 a operating junction and storage temperature range t j , t stg -55 to 150 c thermal resistance ratings single operation parameter symbol typical maximum unit t 10 s 50 62 junction-to-ambient thermal resistance a steady state r ja 65 82 t 10 s 125 150 junction-to-ambient thermal resistance b steady state r ja 145 175 junction-to-case therma l resistance steady state r jc 30 38 c/w dual operation t 10 s 40 50 junction-to-ambient thermal resistance a steady state r ja 52 65 t 10 s 100 120 junction-to-ambient thermal resistance b steady state r ja 116 140 junction-to-case therma l resistance steady state r jc 25 30 c/w a. surface mounted on fr4 board using 1 in sq pad size, 1oz cu. b. surface mounted on fr4 board using the minimum recommended pad size, 1oz cu. c. repetitive rating, pulse width limited by junction temperature, t p =10s, duty cycle=1% ? ? ? ? ? ? ? ? wpmd2010 2 of 8 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
electrical characteristics mosfet electrical characteristics (t j = 25 c unless otherwise noted) parameter symbol test conditions min typ max uni t off characteristics drain ? to ? source breakdown voltage bv dss v gs = 0 v, i d = ? 250 ua ? 20 v t j = 25c ? 0.1 zero gate voltage drain current i dss v ds = ? 16 v, v gs = 0 v t j = 85c ? 1 ua gate ? to ? source leakage current i gss v ds = 0 v, v gs = 12 v 100 na on characteristics gate threshold voltage v gs(th) v gs = v ds , i d = ? 250 ua ? 0.4 ? 0.6 ? 1.0 v v gs = ? 4.5v, i d = ? 3.1 a 75 120 drain ? to ? source on ? resistance r ds(on) v gs = ? 2.5, i d = ? 2.5 a 101 150 m ? forward transconductance g fs v ds = ? 5 v, i d = ? 3.1a 12 s charges, capacitances and gate resistance input capacitance c iss 400 470 550 output capacitance c oss 45 55 65 reverse transfer capacitance c rss v gs = 0 v, f = 1.0 mhz,v ds = ? 10 v 40 50 60 pf total gate charge q g(tot) 4 6 8 threshold gate charge q g(th) 0.3 0.34 0.4 gate ? to ? source charge q gs 0.5 0.75 1 gate ? to ? drain charge q gd v gs = ? 4.5 v, v ds = ? 10 v, i d = ? 2.7 a 1.0 1.2 1.5 nc gate resistance r g 8.8 ? switching characteristics turn ? on delay time td(on) 6 9 12 rise time tr 5 7 10 turn ? off delay time td(off) 30 40 60 fall time tf v gs = ? 4.5 v, v ds = ? 10 v, r l =3 ? , r g =6 ? 5 7 10 ns drain ? source diode characteristics forward recovery voltage vsd vgs = 0 v, is = ? 1.6 a t j = 25c -0.7 -0.85 -1.5 v wpmd2010 3 of 8 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
typical performance characteristis wpmd2010 4 of 8 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
wpmd2010 5 of 8 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
wpmd2010 6 of 8 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
power dissipation characteristics 1. the package of wpmd2010 is dfn2x2-6l, surf ace mounted on fr4 board using 1 in sq pad size 2 oz cu r ja is 82 /w, surface mounted on fr4 board using minimum pad size 2 oz cu r ja is 175 /w. 2. the power dissipation pd is based on tj (max) = 150c, and the relation between tj and pd is tj = ta + r ja* pd, the maximum power dissipation is determined by r ja . 3. the r ja is the thermal impedance from junction to ambient; using larger pcb pad size can get smaller r ja and result in larger maximum power dissipation. wpmd2010 7 of 8 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
packa g in g information dfn 6 package outline dimension wpmd2010 8 of 8 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of WPMD2010-6TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X