Part Number Hot Search : 
AN3010 S1501 AD766 CL7621AC FPA18 MAX68 M5106 S29GL256
Product Description
Full Text Search
 

To Download WNM2046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  WNM2046 single n - channel, 20 v, 0.55 a, power mosfet descriptions the WNM2046 is n - chann el enhancement mos field effect transistor. uses advanced trench technology and design to provide excellent r ds (on) with low gate charge. this device is suitable for use in dc - dc conversion , p ower switch and charging circuit . standard product WNM2046 is pb - free. features ? trench technology ? supper high density cell design ? e xcellent on resistance for higher dc current ? extremely low threshold voltage ? small package dfn1006 - 3l applications dfn1006 - 3l pin configuration (top view) 6 = device code * = month (a~z) marking order i nformation device package shipping WNM2046 - 3/tr dfn1006 - 3l 10k /reel&tape v ds (v) typical rds(on) ( ) 20 0.220 @ v gs =4.5v 0.260 @ v gs =2.5v 0.315 @ v gs =1.8v g s d 3 1 2 ? small signal switching ? small moto driver 1 of 7 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
absolute maximum rating s thermal resistance ratings a surface mounted on fr4 board using 1 square inc h pad size, 1oz copper b surface mounted on fr4 bo ard using minimum pad size, 1oz copper c pulse width<380s, single pulse d maximum junction temperature t j =150 c. e pulse test: pulse width <380 us duty cycle <2%. parameter symbol 10 s steady state unit drain - source voltage v ds 20 v gate - source voltage v gs 5 continuous drain current a d t a =25c i d 0.8 4 0.78 a t a =70c 0. 67 0.6 2 maximum power dissipation a d t a =25c p d 0.3 2 0. 27 w t a =70c 0.2 0 0. 17 co ntinuous drain current b d t a =25c i d 0.7 9 0.7 4 a t a =70c 0.6 3 0. 59 maximum power dissipation b d t a =25c p d 0.2 8 0.2 4 w t a =70c 0.18 0.1 5 pulsed drain current c i dm 1.4 a operating junction temperature t j 150 c lead temperature t l 260 c sto rage temperature range t stg - 55 to 150 c parameter symbol typical maximum unit junction - to - ambient thermal resistance a t 10 s r ja 350 3 90 c/w steady state 395 45 5 junction - to - ambient thermal resistance b t 10 s r ja 3 97 43 5 steady state 445 5 0 5 junction - to - case thermal resistance steady state r jc 2 4 0 28 0 WNM2046 2 of 7 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
electronics characteristics ( ta=25 o c , unless otherwise noted) parameter symbol test conditions min typ max unit off characteristics drain - to - source breakdown voltage b v dss v gs = 0 v, i d = 250 u a 20 v zero gate voltage drain current i dss v ds =1 6 v, v gs = 0v 1 u a gate - t o - s ource leakage current i gss v ds = 0 v, v gs = 5 v 5 u a on characteristics gate threshold voltage v gs(th) v gs = v ds , i d = 2 5 0u a 0.45 0.58 0.85 v drain - t o - s ource on - r esistance e r ds(on) vgs = 4.5v, id = 0.55a 2 20 800 m? vgs = 2.5v, id = 0.45a 2 60 1000 vgs = 1.8v, id = 0.35a 3 15 1500 forward transconductance g fs vds = 5 v, id = 0.55a 2.0 s charges, capacitances and gate resistance input capacitance c iss v gs = 0 v, f = 1.0 mhz, v ds = 1 0 v 50. 6 pf output capacitance c oss 13.2 reverse transfer capacitance c rss 8.3 total gate charge q g(tot) v gs = 4.5 v, v ds = 10 v, i d = 0.55 a 0.87 nc threshold gate charge q g(th) 0.06 gate - to - source charge q gs 0.15 gate - to - drain charge q gd 0.2 7 s witching characteristics turn - on delay time td(on) v gs = 4.5 v, v ds = 10 v, id=0.55a , r g =6 ? 34 ns rise time tr 97.6 turn - off delay time td(off) 606 fall time tf 3 18 body diode characteristics forward voltage v sd v gs = 0 v, i s = 0.35 a 0.5 0.7 1.1 v WNM2046 3 of 7 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.0 0.4 0.8 1.2 1.6 2.0 v gs =1.8v v gs =2.5v v gs =4v v gs =3v v gs =1.5v i ds -drain to source current(a) v ds - drain to source voltage(v) 0.0 0.5 1.0 1.5 2.0 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 v gs =2.5v v gs =4.5v v gs =1.8v i ds - drain to source current(a) 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0.0 0.2 0.4 0.6 0.8 1.0 i d =0.55a r dson - on- resisstance(ohm) v gs - gate to source voltage(v) -50 -25 0 25 50 75 100 125 150 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 i d =250ua normalized gate to source voltage temperature( o c) -50 -25 0 25 50 75 100 125 150 0.6 0.8 1.0 1.2 1.4 v gs =4.5v i d =0.55a normalized on-resistance temperature( o c) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 v ds =0.5v i ds - drain to source current (a) v gs - gate to source voltage (v) t=-55 c t=125 c t=25 c typical characteristics (ta=25 o c, unless otherwise noted) ou tput c haracteristics on - r esistance vs. d rain c urrent on - resistance vs. junction temperature transfer c haracteristics on - resistance vs. gate - to - source voltage threshold voltage vs. temper ature r ds(on) - on-resistance( ? ) WNM2046 4 of 7 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0.0 0.2 0.4 0.6 0.8 1.0 150 o c 25 o c i s - source to drain current(a) v sd - source to drain voltage(v) 0 150 300 450 600 750 900 0 1 2 3 4 5 v gs =4.5v v ds =10v i d =0.55a v gs - gate to source voltage(v) qg(pc) 0.1 1 10 100 0.01 0.1 1 10 1ms 10ms 100ms 1s 10s dc t a =25 c single pulse i dm limit bvdss limit id - drain to source current (a) v ds - drain to source voltage (v) *v gs >minimum v gs at which r ds(on) is specified limit by rdson 1e-3 0.01 0.1 1 10 100 1000 0 5 10 15 20 25 30 power (w) pulse width (s) t j(max) =150 c t a =25 c 0 2 4 6 8 10 0 10 20 30 40 50 60 v gs =0v f=1mhz ciss coss crss c - capacitance(pf) v ds drain-to-source voltage (v) capacitance single pulse power body diode forward voltage safe operating power WNM2046 5 of 7 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
1e-6 1e-5 1e-4 1e-3 0.01 0.1 1 10 100 1000 1e-4 1e-3 0.01 0.1 1 0.2 duty cycle=0.5 0.1 0.05 0.02 normalized effective transient thermal impedance square wave pulse duration (sec) single pulse transient therma l r esponse (junction - to - ambient) p dm t 1 t 2 1. duty cycle, d=t 1 /t 2 2. per unit base = r ja = 395 c/w 3. t jm - t a = p dm r ja 4. surface mounted WNM2046 6 of 7 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
package outline dimensions dfn1006 - 3l recommend land pattern (unit: mm) note: this land pattern is for your reference only. actual pad layouts may vary depending on application. 0.25 WNM2046 7 of 7 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of WNM2046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X