Part Number Hot Search : 
B11NM60 PQ30RV2 00ETTT TKP30A T1100 FC150 2N301 BD00GA
Product Description
Full Text Search
 

To Download VS-10BQ030-M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VS-10BQ030-M3 www.vishay.com vishay semiconductors revision: 28-aug-14 1 document number: 95738 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high performance schottky rectifier, 1.0 a features ? small foot print, surface mountable ? very low forward voltage drop ? high frequency operation ? guard ring for enhanced ruggedness and long term reliability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 description the VS-10BQ030-M3 surface mount schottky rectifier has been designed for applications requiring low forward drop and small foot prints on pc bo ards. typical applications are in disk drives, switching power supplies, converters, freewheeling diodes, battery charging, and reverse battery protection. product summary package smb i f(av) 1.0 a v r 30 v v f at i f 0.420 v i rm max. 15 ma at 125 c t j max. 150 c diode variation single die e as 3.0 mj cathode anode s mb major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 1.0 a v rrm 30 v i fsm t p = 5 ms sine 430 a v f 1.0 a pk , t j = 125 c 0.30 v t j range -55 to +150 c voltage ratings parameter symbol VS-10BQ030-M3 units maximum dc reverse voltage v r 30 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current i f(av) 50 % duty cycle at t l = 106 c, rectangu lar waveform 1.0 a maximum peak one cycle ? non-repetitive surge current ? see fig. 6 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 430 10 ms sine or 6 ms rect. pulse 90 non-repetitive avalanche energy e as t j = 25 c, i as = 1 a, l = 6 mh 3.0 mj repetitive avalanche current i ar current decaying linear ly to zero in 1 s ? frequency limited by t j maximum v a = 1.5 x v r typical 1.0 a
VS-10BQ030-M3 www.vishay.com vishay semiconductors revision: 28-aug-14 2 document number: 95738 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse width < 300 s, duty cycle < 2 % notes (1) thermal runaway condition fo r a diode on its own heatsink (2) mounted 1" square pcb fig. 1 - maximum forward voltage drop characteristics fig. 2 - typical peak reverse current vs. reverse voltage electrical specifications parameter symbol test conditions values units maximum forward voltage drop v fm (1) 1 a t j = 25 c 0.420 v 2 a 0.470 1 a t j = 125 c 0.300 2 a 0.370 maximum reverse leakage current i rm (1) t j = 25 c v r = rated v r 0.5 ma t j = 100 c 5.0 t j = 125 c 15 maximum junction capacitance c t v r = 5 v dc (test signal range 100 khz to 1 mhz), 25 c 200 pf typical series inductance l s measured lead to lead 5 mm from package body 2.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and ? storage temperature range t j (1) , t stg -55 to +150 c maximum thermal resistance, ? junction to lead r thjl (2) dc operation 25 c/w maximum thermal resistance, ? junction to ambient r thja 80 approximate weight 0.10 g 0.003 oz. marking device case styl e smb (similar do-214aa) 1e dp tot dt j ------------- 1 r thja -------------- < 10 1 v fm - forward voltage drop (v) i f - instantaneous forward current (a) 0 0.1 0.2 0.4 0.6 0.8 t j = 25 c t j = 125 c 10 0.01 0.001 v r - reverse voltage (v) i r - reverse current (ma) 0 0.0001 30 10 20 t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c 0.1 1
VS-10BQ030-M3 www.vishay.com vishay semiconductors revision: 28-aug-14 3 document number: 95738 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical junction capacitance vs. reverse voltage fig. 4 - maximum average forward current vs. allowable lead temperature fig. 5 - maximum average forward dissipation vs. average forward current fig. 6 - maximum peak surge forward current vs. pulse duration note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; ? pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); ? pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = 80 % rated v r 1000 100 v r - reverse voltage (v) c t - junction capacitance (pf) 0 10 30 20 10 t j = 25 c i f(av) - average forward current (a) allowable case temperature (c) 90 100 110 120 130 0 0.4 0.8 1.2 1.6 see note (1) d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 dc square wave (d = 0.50) 80 % rated v r applied i f(av) - average forward current (a) average power loss (w) 0 0.2 0.4 0.5 0 0.4 0.8 1.2 1.6 d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 dc rms limit 0.1 0.3 t p - square wave pulse duration (s) 100 1000 i fsm - non-repetitive surge current (a) 10 100 1000 10 000 10 at any rated load condition and with rated v rrm applied following surge
VS-10BQ030-M3 www.vishay.com vishay semiconductors revision: 28-aug-14 4 document number: 95738 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information table ordering information (example) preferred p/n preferred package code minimum order quantity packaging description VS-10BQ030-M3/5bt 5bt 3200 13" di ameter plastic tape and reel links to related documents dimensions www.vishay.com/doc?95401 part marking information www.vishay.com/doc?95403 packaging information www.vishay.com/doc?95404 2 - current rating 3 - b = single lead diode 4 - q = schottky ?q? series 5 - voltage rating (030 = 30 v) 6 - environmental digit: -m3 = halogen-free, rohs-compliant and terminations lead (pb)-free device code 5 1 3 2 4 6 vs- 10 b q 030 -m3 1 - vishay semiconductors product
document number: 95401 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 09-jul-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 smb outline dimensions vishay semiconductors dimensions in inches (millimeters) cathode band do-214aa ( s mb) 0.086 (2.20) 0.077 (1.95) 0.155 (3.94) 0.130 (3.30) 0.180 (4.57) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.008 (0.2) 0 (0) 0.220 (5.59) 0.205 (5.21) 0.060 (1.52) 0.030 (0.76) 0.096 (2.44) 0.084 (2.13) mounting pad layout 0.086 (2.18) min. 0.060 (1.52) min. 0.085 (2.159) max. 0.220 (5.59) ref.
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? VS-10BQ030-M3/5bt


▲Up To Search▲   

 
Price & Availability of VS-10BQ030-M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X