Part Number Hot Search : 
18F2X1X ZURMG98W SA16C D5328 CY480 TZA3013 74ABT 2222L
Product Description
Full Text Search
 

To Download UMX18N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente UMX18N plastic-encapsulated general purpose transistors (dual transistors) 15-july-2009 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features z two chips in a package. z mounting possible with sot-363 automatic mounting machines. z transistor elements are independent, eliminating interference. z mounting cost and area be cut in half. marking x18 npn absolute maximum ratings (t a = 25 c unless otherwise specified) parameter symbol ratings unit collector-base voltage v cbo 15 v collector-emitter voltage v ceo 12 v emitter-base voltage v ebo 6 v collector current i c 0.5 a collector power dissipation p c 0.15 w junction & storage temperature t j , t stg 150, -55 ~ 150 c npn electrical characteristics (t a = 25 c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector-base breakdown voltage v (br)cbo 15 - - v i c =10 a, i e =0 collector-emitter breakdown voltage v (br)ceo 12 - - v i c =1ma, i b =0 emitter-base breakdown voltage v (br)ebo 6 - - v i e =10 a, i c =0 collector cut-off current i cbo - - 100 na v cb =15v, i e =0 emitter cut-off current i ebo 100 na v eb =6v, i c =0 dc current gain h fe 270 - 680 v ce =2v, i c =10ma collector-emitter saturation voltage v ce(sat) - - 0.25 v i c =200ma, i b =10ma transition frequency f t - 320 - mhz v ce =2v, i e =-10ma, f=100mhz collector output capacitance c ob - 7.5 - pf v cb =10v, i e =0, f=1mhz 6 c 5 b 4 e 1 e 2 b 3 c millimete r millimete r ref. min. max. ref. min. max. a 2.00 2.20 g 0.100 ref. b 2.15 2.45 h 0.525 ref. c 1.15 1.35 j 0.08 0.15 d 0.90 1.10 k 8 e 1.20 1.40 l 0.650 typ. f 0.15 0.35 sot-363 b l f h c j d g k a e 1
elektronische bauelemente UMX18N plastic-encapsulated general purpose transistors (dual transistors) 15-july-2009 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. typical characteristics UMX18N


▲Up To Search▲   

 
Price & Availability of UMX18N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X