Part Number Hot Search : 
C2064 40540 XXXGX D2412 M215QGN IRGPC50K D2412 16152500
Product Description
Full Text Search
 

To Download UF4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  UF4001 thru uf4007 1 amp ultra fast recovery rectifier 50 to 1000 volts features mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage UF4001 50v 35v 50v uf4002 100v 70v 100v uf4003 200v 140v 200v uf4004 400v 280v 400v uf4005 600v 420v 400v uf4006 800v 560v 800v uf4007 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1 a t a = 55 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage UF4001-4003 uf4004 v f 1. 0 v 1. 7v i fm = 1.0a; t a = 25 c maximum reverse recovery time t rr 50ns i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance UF4001-4004 uf4005-4007 c j 20pf 10pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 sec, duty cycle 1% do-41 dimensions inches mm dim min max min max note a .166 .205 4.10 5.20 b .080 .107 2.00 2.70 c .028 .034 .70 .90 d 1.000 --- 25.40 --- a b c d d cathode mark uf4005-4007 1. 3 v UF4001-4004 uf4005-4007 75ns maximum dc reverse current at rated dc blocking voltage i r 5 a 10 0 a t a = 25 c t a = 100 c ? operating temperature: - 5 5 c to +1 25 c ? storage temperature: - 5 5 c to +150 c ? typical thermal resistance 25 c/w  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 20 11/01/01 tm micro commercial components UF4001 uf4002 uf4003 uf4004 uf4005 uf4006 uf4007 www. mccsemi .com 1 of 3 ? ultra fast switching speed for high efficiency ? low leakage maximum ratings ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemption applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
UF4001 thru uf4007 mcc peak forward surge current, amperes fig.2 - maximum non-repetitive surge current number of cycles at 60hz 1 5 10 50 100 2 20 0 10 20 30 40 pulse width 8.3ms single half-sine-wave (jedec method) fig.1 - forward current derating curve average forward current amperes 25 75 100 125 150 0.6 0 50 0.2 1.0 175 single phase half wave 60hz resistive or inductive load ambient temperature , c 0.8 0.4 instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0 0.1 1.0 10 0.6 0.8 1.0 0.01 1.8 1.6 t j = 25 c pulse width 300us uf 4 001 - uf 4 003 uf 4 005 - uf 4 007 uf 4 004 fig.3 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 100 10 1.0 4 uf 4 005 to uf 4 007 uf 4 001 to uf 4 004 t j = 25 c, f= 1mhz revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc tm micro commercial components www. mccsemi .com 3 of 3 revision: a 2011/01/01 device packing part number-tp tape&reel: 5kpcs/reel part number-ap ammo packing: 5kpcs/ammo box part number-bp bulk: 50kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of UF4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X