Part Number Hot Search : 
1N4728A1 A342D PC727 12816 KLL4007 V68ZA05P QL6500 AD9632AR
Product Description
Full Text Search
 

To Download TS80001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 1 - ts8 1 00 1 version 1. 1 specifications subject to change www.triunesystems.com copyright ? 2013 , triune systems, llc triune systems proprietary and confidential information do not duplicate typical application description the ts81001 is a power receiver communications and control unit for wireless charging applications. the ts81001 can support systems up to 40w+, and suppor ts qi? compliant and proprietary applications. the ts81001 performs the necessary coding of packets to send commands to the transmitter to adjust the power level accordingly. applications ? qi? compliant and non - compliant wireless chargers for: o cell phones and smartphones o gps devices o digital cameras o tablets and ereaders o portable lighting o toys features ? supports qi? and proprietary charging applications ? wireless power systems up to 40w+ ? support for fixed frequency, variable freque ncy and variable duty cycle architectures ? supports indirect (fixed voltage) and single/multi - cell battery charging applications (>2.0v) ? integrated controller and flash for communications and control ? high precision data converter s ? low external component cou nt ? available in 20 pin 3x3 qfn specifications ? 8 - bit cpu core , 16 mhz ? 8kbytes flash, 1kbyte sram ? 1 2 - bit, a/d converter up to 1msps ( 28 channels) ? 4 channel dma ? 2 low - power comparators ? two 16 - bit timers, ? 8 - bit timer ? 8 configurable analog general purpose io s ? charging status led output ? i2c interface ? spi interface ? 1.8 to 3.6 v operating voltage high efficiency receiver controller for wireless power systems l o a d r e c e i v e r t s 8 1 0 0 1 + t s 5 1 1 1 1 t r a n s m i t t e r t s 8 0 0 0 1 + t s 6 1 0 0 1 d c s u p p l y
- 2 - ts81001 version 1. 1 specifications subject to change www.triunesystems.com copyri ght ? 2013 , triune systems, llc triune systems proprietary and confidential information do not duplicate pinout (top view) e n _ m o d g p i o 4 g p i o 1 g p i o 2 d e b u g g p i o 6 g p i o 7 l e d g p i o 3 e n _ l o a d v s s v d d s c l s d a n r s t a m u x g p i o 8 v r e f v a c d e t g p i o 5 p i n 1
- 3 - ts81001 version 1. 1 specifications subject to change www.triunesystems.com copyri ght ? 2013 , triune systems, llc triune systems proprietary and confidential information do not duplicate pin description qfn pin # pin symbol function description 1 nrst reset reset input 2 sda i2c data i2c data 3 scl i2c clock i2c clock 4 v ss power gnd power gnd 5 vdd input power input power supply 6 en_load load enable output fet enable (some systems) 7 gpio3 analog gpio analog gpio 3 8 led led output charging led control 9 gpio6 analog gpio analog gpio 6 10 gpio7 analog gpio analog g pio 7 11 gpio8 analog gpio analog gpio 8 12 amux analog gpio amux input from ts51111 13 vref analog gpio vref input from ts51111 14 vacdet analog gpio vacdet input from ts51111 15 gpio5 open - drain gpio true open - drain gpio 5 16 gpio4 open - drain gpio true open - drain gpio 4 17 en_mod analog gpio en_mod output to ts51111 18 gpio1 analog gpio analog gpio 1 19 gpio2 analog gpio analog gpio 2 20 debug debug debug pin
- 4 - ts81001 version 1. 1 specifications subject to change www.triunesystems.com copyri ght ? 2013 , triune systems, llc triune systems proprietary and confidential information do not duplicate application schemati c figure 1: ts8100 1 application schematic 1 1 2 2 3 3 4 4 d d c c b b a a 1 681 n. plano road suite 121 richardson, texas 75081 1 ts51111 evm 0.1 6/4/2013 9:31:56 pm title size: number: date: revision: sheet of time: letter qfn package triune systems proprietary and confidential information do not distribute or copy. ac 1 ac 2 coil j2 1uf 6.3v c16 100nf 50v c1 100nf 50v c12 10uf 25v c3 gnd 22nf 50v c10 22nf 50v c6 vcore 1.8nf 50v c8 100nf 10v c17 10uf 6.3v c13 0.020 r2 gnd 10uf 6.3v c14 gnd + 1 - 2 out j1 5.6v d2 pdc tp7 pdc en_mod vacdet sda scl amux tp8 amux packp vac1 vac2 packs agnd agnd gnd 100pf 50v c7 10uf 25v c4 10nf 10v c15 gnd gnd gnd agnd vcore scl en_mod sda vacdet reset debug agnd 10k r4 2nf 10v c18 vcore reset scl sda debug agnd mod2 35 mod1 34 agnd 33 amux 30 scl 27 en_mod 1 usb 36 packn 32 vref 29 sda 26 packs 4 txd 2 uart 31 therm 25 vcore 24 packp 6 rxd 3 ovp 21 bst1 23 pdc 7 pdc 13 pdc 14 bst2 22 vac1 8 vac1 11 vac2 15 vac2 16 vac2 20 pgnd 17 pgnd 10 pgnd 18 pad 37 vacdet 19 packp_k 5 pgnd 9 vac1 12 nc 28 u1 ts51111_qfn36 vref np d1 150 r5 1 2 3 4 d5 gpio1 18 gpio2 19 debug 20 nrst 1 sda 2 scl 3 vss 4 vdd 5 en_load 6 gpio3 7 led 8 gpio6 9 gpio7 10 gpio8 11 amux 12 vref 13 vacdet 14 gpio5 15 gpio4 16 en_mod 17 u2 ts81001-qfn amux agnd ledg ledr tp9 usb 10uf 25v c5 47nf 50v c2 68nf 50v c9 68nf 50v c11 gnd ledg ledr tp1 tp2 tp3 tp4 tp5 tp6 tp10 vac1 vref usb 100 r1 gnd vac1 vac2 10k (np) r3 d3 bat54cw (np) 5.1v (np) d4 gnd vcore 10uf 25v c19
- 5 - ts81001 version 1. 1 specifications subject to change www.triunesystems.com copyri ght ? 2013 , triune systems, llc triune systems proprietary and confidential information do not duplicate package dimen sions
- 6 - ts81001 version 1. 1 specifications subject to change www.triunesystems.com copyri ght ? 2013 , triune systems, llc triune systems proprietary and confidential information do not duplicate rohs and reach compl iance triune systems is fully com m itted to environmental quality. all triune systems materials and suppliers are fully complia nt with roh s (european union directive 2011/65/eu ), reach svhc chemical restrictions (ec 1907/2006), ipc - 1752 level 3 materials declarations, and their subsequent amendments. triune systems maintains certified laboratory reports for all product materials , from all suppliers , which show full compliance to restrictions on the following: ? cadmium (cd) ? chlorofluorocarbons (cfcs) ? chlorinate hydrocarbons (chcs) ? halons (halogen free) ? hexavalent chromium (crvi) ? hydrobromofluorocarbons (hbfcs) ? hydrochlorofluorocarbons (hcfcs) ? lea d (pb) ? mercury (hg) ? perfluorocarbons (pfcs) ? polybrominated biphenyls (pbb) ? polybrominated diphenyl ethers (pbdes)
- 7 - ts81001 version 1. 1 specifications subject to change www.triunesystems.com copyri ght ? 2013 , triune systems, llc triune systems proprietary and confidential information do not duplicate legal notices information contained in this publication regarding device applications and the like is provided only for your convenience an d may be superseded by updates. it is your responsibility to ensure that your application meets with your specifications. typical parameters which may be provided in triune systems data sheets and/or specifications can and do vary in different applications and actual performance may vary over time . all operating parameters, including typicals must be va lidated for your application by your technical experts. triune systems makes no representations or warranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its con dition, quality, performance, merchantability or fitness for purpose. triune systems disclaims all liability arising from this information and its use. triune system products are not designed, intended, or authorized for use as components in systems intend ed for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the triune systems product could create a situation where personal injury or death may occur. should the buyer purchase or use triune systems products for any such unintended or unauthorized application, the buyer shall indemnify and hold triune systems, and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs , damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that triune systems was negligent regarding the design or manufacture of the part. no licenses are conveyed, implicitly or otherwise, under any triune systems intellectual property rights. trademarks the triune syste ms? name and logo, mppt - lite?, and nanosmart? are trademarks of triune systems, llc. in the u.s.a.. all other trademarks mentioned herein are property of their respective companies. ? 2013 triune systems, llc. all rights reserved.


▲Up To Search▲   

 
Price & Availability of TS80001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X