Part Number Hot Search : 
TC4081BF 53210 MH205 CXA1380M 154809 S12R1 PA100 10009
Product Description
Full Text Search
 

To Download TLP523-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tlp523,tlp523 ? 2,tlp523? 4 2007-10-01 1 toshiba photocoupler gaas ired & photo ?t ransistor tlp523, tlp523 ? 2, tlp523? 4 programmable controllers dc? output module solid state relay the toshiba tlp523, ? 2 and ? 4 consists of a gallium arsenide infrared emitting diode coupled wi th a silicon, darlington connected, phototransistor which has an integral base ? emitter resistor to optimize switching speed and elevated temperature characteristics. the tlp523 ? 2 offers two isolated channels in an eight lead plastic dip package, while the tlp523 ? 4 provide four isolated channels per package. ? current transfer ratio: 500% (min.) (i f = 1 ma) ? isolation voltage: 2500 vrms (min.) ? collector ? emitter voltage: 55 v (min.) ? leakage current: 10 a (max.) (ta = 85c) ? ul recognized: ul1577, file no. e67349 pin configurations (top view) 1 4 3 2 tlp523 1 : anode 2 : cathode 3 : emitter 4 : collector 1 2 7 6 3 8 TLP523-2 1, 3 : anode 2, 4 : cathode 5, 7 : emitter 6, 8 : collector 4 5 5 6 11 10 7 12 8 9 1 2 15 14 3 16 tlp523-4 4 13 1, 3, 5, 7 2, 4, 6, 8 9, 11, 13, 15 10, 12, 14, 16 : anode : cathode : emitter : collector toshiba 11 ? 5b2 weight: 0.26 g (typ.) toshiba 11 ? 10c4 weight: 0.54 g (typ.) toshiba 11 ? 20a3 weight: 1.1 g (typ.) unit in mm
tlp523,tlp523 ? 2,tlp523? 4 2007-10-01 2 absolute maximum ratings (ta = 25c) rating characteristic symbol tlp523 tlp523 ?2 tlp523 ?4 unit forward current i f 60 50 ma forward current derating i f /c ? 0.7 (ta 39c) ? 0.5 (ta 25c) ma /c pulse forward current i fp 1 (100 s pulse, 100pps) a led reverse voltage v r 5 v collector ? emitter voltage v ceo 55 v emitter ?collector voltage v eco 0.3 v collector current i c 150 ma collector power dissipation (1 circuit) p c 150 100 mw detector collector power dissipation derating (1 circuit (ta 25c)) p c /c ?1.5 ? 1.0 mw /c operating temperature range t opr ?55~100 c storage temperature range t stg ?55~125 c lead soldering temperature (10 s) t sol 260 c total power dissipation p t 250 150 mw total power dissipation derating (ta 25c) p t /c ?2.5 ? 1.5 mw /c isolation voltage (note 1) bv s 2500 (ac, 1min., r.h. 60%) vrms note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: device considered a two terminal device: led side pins shorted together and detector side pins shorted together. recommended operating conditions characteristic symbol min. typ. max. unit supply voltage v cc D 5 24 v forward current i f D 16 20 ma operating temperature range t opr ?25 D 85 c note: recommended operating conditions are given as a design guideline to obtain expected performance of the device. additionally, each item is an independent guide line respectively. in developing designs using this product, please confirm specified characteristics shown in this document.
tlp523,tlp523 ? 2,tlp523? 4 2007-10-01 3 electrical characteristics (ta = 25c) characteristic symbol test condition min. typ. max. unit forward voltage v f i f = 10 ma 1.0 1.15 1.3 v reverse current i r v r = 5 v ? ? 10 a led capacitance c t v = 0, f = 1 mhz ? 30 ? pf collector ?emitter breakdown voltage v (br) ceo i c = 1 ma 55 ? ? v v ce = 24 v ? 10 200 na collector dark current i ceo v ce = 24 v, ta = 85c ? 0.5 10 a detector capacitance collector to emitter c ce v = 0, f = 1 mhz ? 10 ? pf current transfer ratio i c / i f i f = 1 ma, v ce = 1 v 500 2000 ? % collector ?emitter saturation voltage v ce(sat) i c = 50 ma, i f = 10 ma ? ? 1 v capacitance input to output c s v s = 0, f = 1 mhz ? 0.8 ? pf coupled isolation resistance r s v s = 500 v, r.h. 60% 510 10 10 14 ? ? switching characteristics (ta = 25c) characteristic symbol test condition min. typ. max. unit turn ? on time t on ? 3 ? s turn ? off time t off v cc = 10 v, r l = 180 ? i f = 16 ma ? 80 ? s switching time test circuit v cc v ce i f r l i f i f v ce t on 9v 1v t off
tlp523,tlp523 ? 2,tlp523? 4 2007-10-01 4 i f ? ta allowable forward current i f (ma) ambient temperature ta ( ) 100 80 -20 0 60 40 20 120 100 80 60 20 40 0 tlp523 tlp523 -2, -4 forward voltage v f (v) i f ? v f forward current i f (ma) 100 50 0.6 0.3 5 0.5 30 3 1 10 0.1 0.8 1.0 1.2 1.4 1.6 1.8 ta = 2 5 v f / ta ? i f forward voltage temperature coefficient v f / ta ( m v / ) -3.2 -2.0 -2.4 -2.8 -0.4 -1.6 -1.2 -0.8 forward current i f (ma) 0.1 0.3 1 3 10 30 i fp ? v fp pulse forward current i fp (ma) pulse forward voltage v fp (v) 1000 500 0.6 50 300 30 10 100 1 1.0 1.4 1.8 2.2 2.6 3 5 3 pulse width 10 s repetitive frequency = 100hz ta = 2 5 i fp ? d r pulse forward current i fp (ma) duty cycle patio d r 5000 3000 3 3 10 -3 3 10 1000 500 30 100 50 300 10 -1 10 -2 3 10 0 pulse width 100 s ta = 2 5 p c ? ta allowable collector power dissipation p c (mw) ambient temperature ta ( ) 160 -20 0 120 80 40 120 100 80 60 20 40 0 200 tlp523 tlp523  -2, -4
tlp523,tlp523 ? 2,tlp523? 4 2007-10-01 5 i c ? i f collector current i c (ma) forward current i f (ma) 300 100 50 30 10 5 3 1 0.3 1 3 10 30 v ce = 1v ta = 25c sample 1 2 3 i c ? i f collector current i c (ma) forward current i f (ma) 300 100 50 30 10 5 3 1 0.3 1 3 10 30 v ce = 1.2v ta = 25 c sample 1 2 3 100 80 60 40 0 20 -20 -40 1.0 0.8 0 0.6 0.4 0.2 1.2 1.6 1.4 ambient temperature ta ( ) v ce(sat) ? t a collector-emitter saturation voltage v ce (sat) (v) test condition a : i c =100ma, i f =10ma b : i c =50ma, i f =10ma c : i c =10ma, i f =1ma d : i c =1ma, i f =0.5ma test condition a b c d 120 140 ambient temperature ta ( ) i c ? t a collector current i c (ma) 100 80 60 40 0 20 -20 -40 100 80 0 60 40 20 test condition a : i f =10ma, v ce =1.2v b : i f =10ma, v ce =1.0v c : i f =2ma, v ce =1.2v d : i f =2ma, v ce =1.0v e : i f =1ma, v ce =1.2v f : i f =1ma, v ce =1.0v test condition b c d a e f
tlp523,tlp523 ? 2,tlp523? 4 2007-10-01 6 collector-emitter voltage v ce (v) i c ? v ce collector current i c (ma) 2.0 0.4 0 1.2 2.4 3.2 0.5 0.3 0.1 1.6 0.8 2.8 ta = 2 5 300 1 100 50 3 10 5 30 p c max. 0.5ma 1ma 2ma i f = 10ma safe operating area collector current i c (ma) collector-emitter voltage v ce (v) 500 1 100 50 3 10 5 30 300 3 0 . 5 11 0 30 single nonrepetitive pulse ta =25 ta =60 dc operating ta=25 100ms 100ms 1s 1s 10ms 10ms i c ? v ce collector current i c (ma) collector-emitter voltage v ce (v) 500 300 3 0.3 0.1 1 100 50 3 10 5 30 1 10 30 0.5 0.3 0.1 i f = 1ma ta = 2 5 sample 1 2 3 p c max. switching time switching time ( s) load resistance r l ( ) 500 1 100 50 3 10 5 30 300 30 100 1k 3k 10k 300 t off t on 90% 10% i f v out v out r l ta = 2 5 v cc = 10v i f t off(i f =10ma) t off(i f =1ma) t on(i f =1ma) t on(i f =10ma)
tlp523,tlp523 ? 2,tlp523? 4 2007-10-01 7 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook? and (b) t he instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? a bsent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? gaas (gallium arsenide) is used in product. gaas is harmful to humans if consumed or absorbed, whether in the form of dust or vapor. handle with care and do not break, cut, crush, grind, dissolve chemically or otherwise expose gaas in product. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TLP523-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X