Part Number Hot Search : 
TDA9160 90858 SS9015 A1441 1N4761 Q6700 CONTROLS D2012
Product Description
Full Text Search
 

To Download TIM-3525 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2012-01. all specifications are subject to change without notice. phone: +886-2-8227-3585 e-mail: sales@technexion.com web: http://www.technexion.com TIM-3525 embedded mainboard intel atom dual core d525 embedded board with so-dimm ddr3 and 12 vdc power input two mini-pcie expansion slots with sim cardslot. various storage possibilities ranging from ide, sata or onboard nand flash. dual lan, 4 serial ports. (1 rs-232/422/ 485), 6 usb and 8 gpio's. system cpu intel atom d525 dual core 1.8 ghz memory 1x ddr3 so-dimm max. 2gb ( 8 ) chipset ich8m graphic interfaces vga connector single channel lvds upto 18bit( 16 ) audio chipset realtek alc888 2 channel audio, s/pdif, microphone, line in ( 6 ) bios insyde bios supported os linux 2.6.x, windows xp/vista/7 communication interfaces by connector dc-in ( 24 ), marvell gigabit rj-45 (2x)( 23 ), usb 2.0 (2x) ( 21 ), rs-232 ( 17 ), vga ( 19 ) by pinheader lpt( 7 ), digital io(8x)( 12 ), usb 2.0 (4x)( 25 ), rs-232 (3x) ( 13, 14,15 ) rs-232/422/485(switch select)( 10 ) expansion and storage expansion slots mini-pcie halfsize(full function)( 18 ) mini-pcie fullsize ( 20 ) with simcardslot for 3g module ( 22 ) on board 2x sata ( 3 ), 1x ide 44 pin interface ( 27 ) power input power 12 vdc environmental and mechanical temperature 0 to 60 c humidity 10-90% dimensions 147 x 102 mm (3.5? formfactor) weight 250 grams dimensions units in mm order information TIM-3525 dualcore intel atom d525 with ddr3 so-dimm options on board storage nand 1gb/ 2gb/ 4gb 11 16 17 20 21 7 19 8 10 1 2 3 4 27 22 23 23 25 26 6 24 18 5 3 9 15 13 14 25 12 147 102 138.5 95.2 m3


▲Up To Search▲   

 
Price & Availability of TIM-3525

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X