Part Number Hot Search : 
EDZ22B FP6137B SFH4203 RT3S4S15 EDZ22B BA6287F R6030 DL6709
Product Description
Full Text Search
 

To Download TE1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  te series 120v 1200va 940w line-interactive ups, avr, tower, db9 serial port model number: TE1200 description tripp lite's TE1200 ups system provides line-interactive voltage regulation and long lasting battery support for mid-size business telephone systems, voicemail systems, personal computers and other communications, network and telecom applications. 1200va power handling capacity and large capacity battery system maintains continuous operation through power interruptions with over 2 hours runtime for many phone systems and over 1 hour for larger systems. line interactive voltage regulation maintains normal 120 volt output levels during brownouts as low as 75v and overvoltages as high as 147v, saving battery reserves for use only during complete power failures. includes 6 outlets, diagnostic leds and a built-in serial port that works with free poweralert software and cabling to provide automatic unattended shutdown of network and pc applications. $200,000 ultimate lifetime insurance (u.s., canada, and puerto rico only). features provides connected equipment with continuous power during short and long duration loss of commercial power line-interactive voltage regulation corrects brownouts and overvoltages from 75 to 147 volts back to usable 120v output levels, without using battery power supports loads up to 1200va/940 watts 16 minutes half load runtime (600va/470 watts), 7 minutes full load runtime (1200va/940 watts) 6 protected outlets; 6-ft. cord db9 network interface complete surge protection and emi/rfi noise filtering $200,000 ultimate lifetime insurance (u.s., canada, and puerto rico only) 5 diagnostic leds indicate ac present, on battery, voltage correction, overload & battery low/replace battery replacement door specifications output highlights 6 outlets automatic voltage regulation (avr) corrects brownouts and overvoltages larger scale battery produces significantly longer runtimes serial port works with software to facilitate unattended shutdown $200,000 ultimate lifetime insurance (u.s., canada, and puerto rico only) package includes TE1200 ups system warranty information instruction manual 1 / 4
output volt amp capacity (va) 1200 output kva capacity (kva) 1.2 output watt capacity (watts) 940 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) 115v (+/- 5%) output receptacles (6) 5-15r output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 8.25a nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase battery full load runtime (min.) 7 min. (940w) half load runtime (min.) 16 min. (470w) dc system voltage (vdc) 36 battery recharge rate (included batteries) less than 8 hours from 10% to 90% internal ups replacement battery cartridge rbc53 battery access battery access door voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 75 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 93 and 107 are boosted by 14% severe undervoltage correction input voltages between 75 and 92 are boosted by 30% 2 / 4
user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure and low-battery conditions led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups power module dimensions (hwd, in.) 12.8 x 7.5 x 9.2 ups power module dimensions (hwd, cm) 32.4 x 19 x 23.5 ups power module weight (lbs.) 38 ups power module weight (kg) 17.3 ups shipping dimensions (hwd / in.) 18.2 x 12 x 13.8 ups shipping dimensions (hwd / cm) 46.4 x 30.5 x 34.9 shipping weight (lbs.) 42 shipping weight (kg) 19.1 ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 204 battery mode btu / hr. (full load) 277.9 3 / 4
ac mode efficiency rating (100% load) 94% communications communications interface db9 serial; contact closure poweralert software free download from www.tripplite.com communications cable db9 cable included line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 75 high voltage transfer to battery power (setpoint) 147 special features cold start (startup in battery mode during a power failure) cold-start operation supported certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $200,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4


▲Up To Search▲   

 
Price & Availability of TE1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X