Part Number Hot Search : 
MAX168 ADG611YR LC7258 C1881 MAF8049H ENA1059 106K0 5L0565R
Product Description
Full Text Search
 

To Download SW60N06T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  copyright@ semipower electronic technology co., ltd. all rights reserved. may. 2014. rev.1.0 features high ruggedness r ds( on ) (max8 m ? )@v gs =10v gate charge (typical 77 nc) improved dv/dt capability 100% avalanche tested n - channel to - 220 mosfet absolute maximum ratings thermal characteristics symbol parameter value unit r thjc thermal resistance, junction to case 0.88 o c/w r thcs thermal resistance, case to sink o c/w r thja thermal resistance, junction to ambient 53.1 o c /w 1/5 bv dss : 60v i d : 60a r ds(on) :8 m 1 2 3 SW60N06T samwin item sales type marking package packaging 1 sw p 60n06 SW60N06T to - 220 tube order codes symbol parameter value unit v dss drain to source voltage 60 v i d continuous drain current (@t c =25 o c) 60* a continuous drain current (@t c =100 o c) 37.8* a i dm drain current pulsed (note 1) 240 a v gs gate to source voltage 20 v e as single pulsed avalanche energy (note 2) 350 mj e ar repetitive avalanche energy (note 1) 67 mj dv/dt peak diode recovery dv/dt (note 3) 5 v/ns p d total power dissipation (@t c =25 o c) 141 w derating factor above 25 o c 1.1 w/ o c t stg , t j operating junction temperature & storage temperature - 55 ~ + 150 o c t l maximum lead temperature for soldering purpose, 1/8 from case for 5 seconds. 300 o c general description this power mosfet is produced with advanced vdmos technology of samwin . this technology enable power mosfet to have better characteristics, such as fast switching time, low on resistance, low gate charge and especially excellent avalanche characteristics . this power mosfet is usually used at high efficient dc to dc converter block and switch mode power supply . *. drain current is limited by junction temperature. 1. gate 2. drain 3. source 1 2 3 to - 220
copyright@ semipower electronic technology co., ltd. all rights reserved. may. 2014. rev.1.0 electrical characteristic ( t c = 25 o c unless otherwise specified ) symbol parameter test conditions min. typ. max. unit off characteristics bv dss drain to source breakdown voltage v gs =0v, i d =250ua 60 v bv dss / t j breakdown voltage temperature coefficient i d =250ua, referenced to 25 o c 0.05 v/ o c i dss drain to source leakage current v ds =60v, v gs =0v 1 ua v ds =48v, t c =125 o c 50 ua i gss gate to source leakage current, forward v gs =20v, v ds =0v 100 na v gs = - 20v, v ds =0v - 100 na gate to source leakage current, reverse on characteristics v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 4 v r ds(on) drain to source on state resistance v gs =10v, i d =30a 6.8 8 m ? g fs forward transconductance v ds =10 v, i d =15a 55 s dynamic characteristics c iss input capacitance v gs =0v, v ds =25v, f=1mhz 3960 pf c oss output capacitance 335 c rss reverse transfer capacitance 270 t d(on) turn on delay time v ds =30v, i d =60a r g =25? (note 4 5 ) 37 ns tr rising time 98 t d(off) turn off delay time 127 t f fall time 92 q g total gate charge v ds =50v, v gs =10v, i d =60a (note 4 5 ) 77 nc q gs gate - source charge 14 q gd gate - drain charge 35 source to drain diode ratings characteristics symbol parameter test conditions min. typ. max. unit i s continuous source current integral reverse p - n junction diode in the mosfet 60 a i sm pulsed source current 240 a v sd diode forward voltage drop. i s =60a, v gs =0v 1.15 v t rr reverse recovery time i s =60a, v gs =0v, di f /dt=100a/us 13 ns q rr reverse recovery charge 6 n c . notes 1. repeatitive rating : pulse width limited by junction temperature. 2. l = 0.8mh, i as = 30a, v dd = 30v, r g =25?, starting t j = 25 o c 3. i sd 60a, di/dt = 100a/us, v dd bv dss , staring t j =25 o c 4. pulse test : pulse width 300us, duty cycle 2% 5. essentially independent of operating temperature. samwin 2/5 SW60N06T
copyright@ semipower electronic technology co., ltd. all rights reserved. may. 2014. rev.1.0 fig. 1. on - state characteristics fig. 2. on - resistance variation vs. drain current and gate voltage fig. 3. gate charge characteristics 3/5 samwin SW60N06T fig. 6. on resistance variation vs. junction temperature fig 5. breakdown voltage variation vs. junction temperature fig. 4. on state current vs. diode forward voltage
copyright@ semipower electronic technology co., ltd. all rights reserved. may. 2014. rev.1.0 4/5 samwin SW60N06T fig. 7. maximum safe operating area fig. 8. transient thermal response curve fig. 9. c apacitance characteristics fig. 10. gate charge test circuit & waveform v ds same type as dut dut v gs 7ma q g q gs q gd v gs charge nc 10v
copyright@ semipower electronic technology co., ltd. all rights reserved. may. 2014. rev.1.0 v dd dut v ds r l r gs 10v in 10% v ds v in 90% 10% t d(on) t r t on t d(off) t off t f fig. 11. switching time test circuit & waveform fig. 12. unclamped inductive switching test circuit & waveform 5/5 samwin SW60N06T fig. 13. peak diode recovery dv/dt test circuit & waveform v dd same type as dut v ds l r g 10v gs i s + - v ds dut *. dv/dt controlled by rg *. is controlled by pulse period v gs (driver) i s (dut) v ds (dut) body diode forward voltage drop v f diode recovery dv/dt i rm di/dt 10v diode reverse current v dd


▲Up To Search▲   

 
Price & Availability of SW60N06T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X