Part Number Hot Search : 
6116A 44764 B035C0 011BX M1401 UPD78 74HCT192 EMIF0
Product Description
Full Text Search
 

To Download SSM2307N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.siliconstandard.com 1 of 4 SSM2307N re v . 1 . 01 4 /06 /2004 p-channel enhancement mode power mosfet simple d rive r equirement bv dss -16v small p ackage o utline r ds(on) 60m w surface - m ount d evice i d - 4a description absolute maximum ratings symbol units v ds v v gs v i d @ t a =2 5 c i d @ t a =7 0 c i dm a p d @ t a =2 5 c w/ c t stg t j symbol value unit rthj-a thermal resistance junction-ambient 3 max. 90 c /w rating -16 8 -4 a 0.01 1.38 w -55 to 150 c parameter drain-source voltage gate-source voltage continuous drain current 3 continuous drain current 3 -3.3 a pulsed drain current 1 -12 parameter total power dissipation operating junction temperature range storage temperature range -55 to 150 c linear derating factor thermal data advanced power mosfets from sil ico n s ta ndard provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness. the sot-23 package is wi del y preferred for commercial and industrial surface mount applications and i s well suited for low vol tage applications such as dc/dc converters. g d s d g s sot-23
www.siliconstandard.com 2 of 4 ssm 23 0 7 n re v . 1 . 01 4 /06 /2004 electrical characteristics @ t j =2 5 o c (unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -16 - - v d b v dss / d t j breakdown voltage temperature coefficient reference to 25 c , i d =-1ma - -0.01 - v / c r ds(on) static drain-source on-resistance 2 v gs =-4.5v, i d =-4a - - 60 m w v gs =-2.5v, i d =-3.0a - - 70 m w v gs =-1.8v, i d =-2.0a - - 90 m w v gs(th) gate threshold voltage v ds =v gs , i d =-250ua - - -1.0 v g fs forward transconductance v ds =-5v, i d =-4a - 12 - s i dss drain-source leakage current (t j =25 o c) v ds =-16v, v gs =0v - - -1 ua drain-source leakage current (t j =70 o c) v ds =-12v, v gs =0v - - -25 ua i gss gate-source leakage v gs =8v - - na q g total gate charge 2 i d =-4a - 15 24 nc q gs gate-source charge v ds =-12v - 1.3 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 4 - nc t d(on) turn-on delay time 2 v ds =-10v - 8 - ns t r rise time i d =-1a - 11 - ns t d(off) turn-off delay time r g = 3. 3 w , v g s =-10v - 54 - ns t f fall time r d =10 w -3 6- ns c iss input capacitance v gs =0v - 985 1580 pf c oss output capacitance v ds =-15v - 180 - pf c rss reverse transfer capacitance f=1.0mhz - 160 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-1.2a, v gs =0v - - -1.2 v t rr reverse recovery time 2 i s =-4a, v gs =0v, - 39 - ns q rr reverse recovery charge di/dt=100a/s - 26 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse width < 300us , duty cycle < 2%. 3.surface mounted on 1 in 2 copper pad of fr4 board ; 270 c /w when mounted on min. copper pad. 100
www.siliconstandard.com 3 of 4 ssm 23 0 7 n re v . 1 . 01 4 /06 /2004 fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance vs. gate voltage fig 4. normalized on-resistance vs. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage vs. reverse diode junction temperature 0 2 4 6 8 10 12 14 16 0123456 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c v g = - 1.8 v -5.0v -4.5v -3.0v -2.5v 0 2 4 6 8 10 12 14 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t a = 150 o c v g = - 1.8 v -5.0v -4.5v -3.0v -2.5v 40 50 60 70 13579 -v gs , gate-to-source voltage (v) r ds(on) w i d =-3a t a =25 o c 0.6 0.8 1.0 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = - 4 a v g = -4.5v 0 1 2 3 0 0.2 0.4 0.6 0.8 1 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.0 0.5 1.0 1.5 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) (v)
in formation furnished by silicon standard corporation is believed to be accurate and reliable. however, silicon standard corporation makes no guarantee or warranty, expre ss or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. silicon standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. no license is granted, whether expressly or by im plication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of silicon standard corporation or any third parties. www.siliconstandard.com 4 of 4 ssm 23 0 7 n re v . 1 . 01 4 /06 /2004 0 2 4 6 8 0 8 16 24 32 q g , total gate charge (nc) -v gs , gate to so ur ce voltage (v) i d =-4a v ds =-16v 100 1000 10000 1591 31 7 -v ds , drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss fig 7. gate charge characteristics fig 8. typical capacitance characteristics 0.01 0.10 1.00 10.00 100.00 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a r thja = 270c/w t t fig 9. maximum safe operating area fig 10. effective transient thermal impedance t d(on) t r t d(off) t f v ds v gs 10% 90% q v g -4.5v q gs q gd q g charge fig 11. switching time waveform fig 12. gate charge waveform


▲Up To Search▲   

 
Price & Availability of SSM2307N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X