|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
features * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guardring for over voltage protection * high temperature soldering guaranteed: 260c/10 seconds at terminals mechanical data case : jedec sma-fl molded plastic over glass die terminals : plated leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight : 0.0327 g we declare that the material of product is handling precautin :none haloggen free (green epoxy compound) 1.electrical characteristic maximum& thermal characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol symbol sm320 af sm330 af sm340 af sm345 af sm350 af sm360 af sm380 af sm3100 af unit device marking code s32 s33 s34 s345 s35 s36 s38 s310 maximum repetitive peak reverse voltage v rrm 20 30 40 45 50 60 80 100 v maximum rsm voltage v rsm 14 21 28 31.5 35 42 56 70 v maximum dc blocking voltage v dc 20 30 40 45 50 60 80 100 v maximum average forward rectified current lead length (see fig. 1) at tc = 75c if(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm a typical thermal resistance (note 1) rj a rj c c/w operating junction and storage temperature range tj, tstg c electrical characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol symbol sm320 af sm330 af sm340 af sm345 af sm350 af sm360 af sm380 af sm3100 af unit maximum instantaneous forward voltage at 3.0a v f v maximum dc reverse current ta = 25c at rated dc blocking voltage tj = 100c ir ma typical junction capacitance at 4.0v, 1mhz cj pf notes: 1. 8.0mm2 (.013mm thick) land areas 3.0 sm320af thru sm3100af schottk y barrier rectifiers reverse volta g e 20 to100v forward current 3.0a 100 150 25 ?40 to +150 0.50 0.85 0.70 0.5 30.0 110
2.ratings and characteristic curves ( ta = 25c unless otherwise noted ) sm320af thru sm3100af fig 6. C typical junction capacitance 0.1 1 10 100 1000 100 10 junction capacitance (pf) fig. 1 C forward current derating curve fig 3. C typical instantaneous forward characteristics average forward rectified current (a) instantaneous forward current (a) 0 25 50 75 100 125 150 175 0.2 0.4 0.6 0.8 1.0 1.2 0.001 10 1.0 0.1 0.01 100 3.0 1.5 0 60 hz resistive or inductive load tj = 25c pulse width = 300s 1% duty cycle case temperature, c instantaneous forward voltage (v) fig 4. C typical reverse characteristics instantaneous reverse current (ma) 0 20 40 60 80 100 10 1.0 0.1 0.01 percent of rated peak reverse voltage (%) tj=125 tj=75 tj=25 number of cycles at 60hz fig. 2 C maximum non-repetitive peak forward surge current peak forward surge current (a) 1 10 100 100 50 0 tj = tj max 8.3ms single half sine-wave (jedec method) tj = 25c f = 1.0 mhz vsig = 50mvp-p reverse voltage (v) fig 5. Ctypical transient thermal impedance transient thermal impedance(c/w) 100 10 1 1000 0.01 0.1 1.0 10 100 t,pulse duration,sec 3. dimension: sm340af: " s"-- ??m--- ?? "3"-- 3a; " 40"---vb ? 40v;af---sma-fl ? sm320af thru sm3100af sma-fl sma-fl minmaxminmax a 4.4 4.8 0.173 0.189 b 1.3 1.5 0.051 0.059 c 3.3 3.7 0.130 0.146 d 2.3 2.7 0.091 0.106 e h 0.9 1.2 0.036 0.047 j 0.11 0.21 0.005 0.009 dim millimeters inches 0.90typ 0.035typ title : 5.1.1 reel packing a. reel spec unit mm abcw 177.02.0 54.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.20.2 177.02.0 50.00.5 13.00.5 9.41.5 177.02.0 50.00.5 13.00.5 9.41.5 330.02.0 75.00.5 13.00.5 13.20.2 b. 13" reel packing box unit mm abc size 3355.0 3352.0 401.0 as per above packing q'ty/box 10k 10k 3k smb-fl 13" reel 5k smb-fl 13" reel spec doc no. wi-258 power diode smd package p ac king spec version: 5 modification: 0 page: 2 5.1 smd packing reel spec & packing quantity sod323he 7" reel spec quantity/reel sma-fl 7" reel 3k to277 13" reel 5k sod123fl 7" reel 3k to277 13" reel title : c. 7" reel packing box unit mm abc sma-fl sod123fl sod323he 1862.0 1392.0 1852.0 as per above packing sma-fl sod123fl sod323he d. reel packing carton unit mm abc size 3502.0 3402.0 3502.0 as per above packing q'ty/carton 80k 80k unit mm abc sma-fl sod123fl sod323he 4552.0 4002.0 4102.0 as per above packing q'ty/carton 360k 360k 360k 5.1.2 tape spec a. cover tape unit mm a sma-fl smb-fl to277 9.50.10 sod123fl sod323he 5.40.10 30k smb-fl 13" reel 30k 0.0620.007 30k spec doc no. wi-258 power diode smd package packing spec doc no. wi-258 page: 3 q'ty/box to277 13" reel spec sod123-fl 7" reel sod323he 7" reel sma-fl 7" reel b title : b. carrier tape item sod323he sod123fl sma-fl smb-fl to277 w 80.3 80.3 120.3 120.3 120.3 p1 40.1 40.1 40.1 80.1 80.1 e 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 f 3.5.05 3.5.05 5.5.05 5.50.05 5.5.05 d0 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 d1 1.10.1 1.10.1 1.50.1 1.550.05 1.50.1 p0 40.1 40.1 40.1 40.1 40.1 p2 20.05 20.05 20.05 20.05 20.05 10p0 400.2 400.2 400.2 400.2 400.2 a0 1.450.1 1.950.1 2.830.1 3.80.1 4.30.1 b0 2.750.1 3.950.1 4.750.1 5.750.1 6.80.1 k0 0.800.1 1.300.1 1.420.1 1.40.1 1.350.1 t 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 page: 4 k o sec.:a-a' ao p2 p1 a do w e f a' b po b' b o sec.:b-b' t d1 cathode(tape hole side title : 5.2 smd power diode general packin g spec a. 7" reel all labels will be at cathode side of reel a:lrc label; b:environment label c:halide free label b. 13" reel a:lrc label; b:environment lab e c:halide free label c.tape lead: face anode side of the reel,upper side is the tape lead position. all labels are at cathode side of the reel. doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 page: 5 a a a c c c c front side : c. label content lrc label ` lot: 140106049x: 140106---2014/1/6 049----lot number:49 x product code environment label halide-free label page: 6 doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 green p/n lot no. date code quantity manufacturing it maker two-dimension code 4. update record sm320af thru sm3100af 1 2 sb 3 45af 2014.11.06 ? ? ? ? 2014.04.28 |
Price & Availability of SM3100AF-15 |