Part Number Hot Search : 
RG205 2PG302 D70F3 MDC3105 C03A0 MC3458 N4002 EVUE3A
Product Description
Full Text Search
 

To Download SM3100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage sm320a thru SM3100A 3.0 amp surf ace mount schottky barrier rectifiers mechanical da t a * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * metallurgically bonded construction * polarity: color band denotes cathode end * mounting position: any * weight: 0.063 grams vol t age range 20 to 100 volts current 3.0 amperes fea tures * ideal for surface mount applications * easy pick and place * built-in strain relief * low forward voltage drop maximum average forward rectified current peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 3.0a maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note1) 0.5 20 10 -65 +150 -65 +150 ma ma pf typical thermal resistance r jl (note 2) 300 notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to lead. c c c /w operating storage temperature range t stg temperature range t j dimensions in inches and (millimeters) do-214ac(sma) .205(5.20) .189(4.80) .177(4.50) .157(3.99) .012(0.31) .006(0.15) .058(1.47) .052(1.32) .087(2.20) .071(1.80) .060(1.52) .030(0.76) .110(2.79) .100(2.54) .005 (.127) max. at t l =100 c 412 sm320a sm330a sm340a sm350a sm360a sm380a SM3100A units 20 30 40 50 60 80 100 v 20 30 40 50 60 80 100 v 14 21 28 35 42 56 70 v a a 3.0 80 v 0.55 0.75 0.85
0.1 1.0 .01 10 50 rating and characteristic curves (sm320a thru SM3100A) fig.2-typical forward characteristics fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.3-maximum non-repetitive forward surge current p e a k f o r w a a r d s u r g e c u r r e n t , ( a ) fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) pulse width 300us 1% duty cycle 0.5 1.0 1.5 2.0 2.5 3.0 0 20 40 60 80 100 120 140 160 180 200 0 700 600 500 400 300 200 100 0 40 20 60 100 80 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 lead temperature ( c) s m 35 0a ~s m 36 0a s m 38 0a ~s m 31 00 a s m 3 2 0 a ~ s m 3 4 0 a tj=25 c number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method forward volt age,(v) fig.5 - typical reverse characteristics .1 1.0 10 100 r e v e r s e l e a k a g e c u r r e n t , ( m a ) percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 .01 tj=25 c tj=100 c 413


▲Up To Search▲   

 
Price & Availability of SM3100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X