Part Number Hot Search : 
EC1145 CMPFCD86 R3000 STRLPBF 2SC514 LTC1569I CMPFCD86 VS8022FI
Product Description
Full Text Search
 

To Download SIHFR430A-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.kersemi.com 1 power mosfet irfr430a, irfu430a, sihfr430a, sihfu430a features ? low gate charge q g results in simple drive requirement ? improved gate, avalanche and dynamic dv/dt ruggedness ? fully characterized capacitance and avalanche voltage and current ? effective c oss specified ? lead (pb)-free available applications ? switch mode power supply (smps) ? uninterruptible power supply ? high speed power switching note a. see device orientation. notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. starting t j = 25 c, l = 11 mh, r g = 25 , i as = 5.0 a (see fig. 12). c. i sd 5.0 a, di/dt 320 a/s, v dd v ds , t j 150 c. d. 1.6 mm from case. product summary v ds (v) 500 r ds(on) ( )v gs = 10 v 1.7 q g (max.) (nc) 24 q gs (nc) 6.5 q gd (nc) 13 configuration single n -channel mosfet g d s dpak (to-252) ipak (to-251) a v aila b le rohs* compliant ordering information package dpak (to-252) dpak (to-252) d pak (to-252) dpak (to-252) ipak (to-251) lead (pb)-free irfr430apbf irfr430atrpbf a irfr430atrlpbf a irfr430atrrpbf a irfu430apbf SIHFR430A-E3 sihfr430at-e3 a sihfr430atl-e3 a sihfr430atr-e3 a sihfu430a-e3 snpb irfr430a irfr430atr a irfr430atrl a irfr430atrr a irfu430a sihfr430a sihfr430at a sihfr430atl a sihfr430atr a sihfu430a absolute maximum ratings t c = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 500 v gate-source voltage v gs 30 continuous drain current v gs at 10 v t c = 25 c i d 5.0 a t c = 100 c 3.2 pulsed drain current a i dm 20 linear derating factor 0.91 w/c single pulse avalanche energy b e as 130 mj repetitive avalanche current a i ar 5.0 a repetitive avalanche energy a e ar 11 mj maximum power dissipation t c = 25 c p d 110 w peak diode recovery dv/dt c dv/dt 3.0 v/ns operating junction and storage temperature range t j , t stg - 55 to + 150 c soldering recommendations (p eak temperature) for 10 s 300 d
www.kersemi.com 2 irfr430a, irfu430a, sihfr430a, sihfu430a notes a. repetitive rating; pulse width limited by maximum junction temper ature (see fig. 11). b. pulse width 300 s; duty cycle 2 %. c. c oss eff. is a fixed capacitance that gi ves the same charging time as c oss while v ds is rising from 0 to 80 % v ds . thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient r thja -62 c/w case-to-sink, flat, greased surface r thcs 0.50 - maximum junction-to-case (drain) r thjc -1.1 specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 500 - - v v ds temperature coefficient v ds /t j reference to 25 c, i d = 1 ma - 0.60 - v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 - 4.5 v gate-source leakage i gss v gs = 30 v - - 100 na zero gate voltage drain current i dss v ds = 500 v, v gs = 0 v - - 25 a v ds = 400 v, v gs = 0 v, t j = 125 c - - 250 drain-source on-state resistance r ds(on) v gs = 10 v i d = 3.0 a b --1.7 forward transconductance g fs v ds = 50 v, i d = 3.0 a 2.3 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 - 490 - pf output capacitance c oss -75- reverse transfer capacitance c rss -4.5- output capacitance c oss v gs = 10 v v ds = 1.0 v, f = 1.0 mhz - 750 - pf v ds = 400 v, f = 1.0 mhz - 25 - effective output capacitance c oss eff. v ds = 0 v to 400 v c -51- total gate charge q g v gs = 10 v i d = 5.0 a, v ds = 400 v, see fig. 6 and 13 b --24 nc gate-source charge q gs --6.5 gate-drain charge q gd --13 turn-on delay time t d(on) v dd = 250 v, i d = 5.0 a, r g = 15 , r d = 50 , see fig. 10 b -8.7- ns rise time t r -27- turn-off delay time t d(off) -17- fall time t f -16- drain-source body diode characteristics continuous source-drain diode current i s mosfet symbol showing the integral reverse p - n junction diode --5.0 a pulsed diode forward current a i sm --20 body diode voltage v sd t j = 25 c, i s = 5.0 a, v gs = 0 v b --1.5v body diode reverse recovery time t rr t j = 25 c, i f = 5.0 a, di/dt = 100 a/s b - 410 620 ns body diode reverse recovery charge q rr -1.42.1c forward turn-on time t on intrinsic turn-on time is neglig ible (turn-on is dominated by l s and l d ) s d g
www.kersemi.com 3 irfr430a, irfu430a, sihfr430a, sihfu430a typical characteristics 25 c, unless otherwise noted fig. 1 - typical output characteristics fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.001 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 20s pulse width tj = 25c vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 20s pulse width tj = 150c vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 4.0 6.0 8.0 10.0 12.0 14.0 16.0 v gs , gate-to-source voltage (v) 0.01 0.10 1.00 10.00 100.00 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) t j = 25c t j = 150c v ds = 100v 20s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 5.0a
www.kersemi.com 4 irfr430a, irfu430a, sihfr430a, sihfu430a fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area 1 10 100 1000 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 4 8 12 16 20 0 2 5 7 10 12 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 5.0a v = 100v ds v = 250v ds v = 400v ds 0.1 1 10 100 0.2 0.5 0.8 1.1 1.4 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 150 c j t = 25 c j 10 100 1000 10000 v ds , drain-tosource voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 150c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec
www.kersemi.com 5 irfr430a, irfu430a, sihfr430a, sihfu430a fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case fig. 12a - unclamped inductive test circui t fig. 12b - unclamped inductive waveforms 25 50 75 100 125 150 0.0 1.1 2.2 3.3 4.4 5.5 t , case temperature ( c) i , drain current (a) c d p u lse w idth 1 s d u ty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) a r g i as 0.01 t p d.u.t l v ds + - v dd dri v er 15 v 20 v i as v ds t p
www.kersemi.com 6 irfr430a, irfu430a, sihfr430a, sihfu430a fig. 12c - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 12d - threshold voltage vs. temperature fig. 13b - gate charge test circuit 25 50 75 100 125 150 0 50 100 150 200 250 starting tj, junction temperature ( c) e , single pulse avalanche energy (mj) as i d top bottom 2.2a 3.2a 5.0a q gs q gd q g v g charge v gs -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 2.5 3.0 3.5 4.0 4.5 5.0 v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v c u rrent reg u lator c u rrent sampling resistors same type as d.u.t. + -
www.kersemi.com 7 irfr430a, irfu430a, sihfr430a, sihfu430a fig. 14 - for n-channel p. w . period di/dt diode reco v ery d v /dt ripple 5 % body diode for w ard drop re-applied v oltage re v erse reco v ery c u rrent body diode for w ard c u rrent v gs = 10 v * v dd i sd dri v er gate dri v e d.u.t. i sd w a v eform d.u.t. v ds w a v eform ind u ctor c u rrent d = p. w . period + - + + + - - - * v gs = 5 v for logic le v el de v ices peak diode recovery dv/dt test circuit v dd ? d v /dt controlled b y r g ? dri v er same type as d.u.t. ? i sd controlled b y d u ty factor "d" ? d.u.t. - de v ice u nder test d.u.t circ u it layo u t considerations ? lo w stray ind u ctance ? gro u nd plane ? lo w leakage ind u ctance c u rrent transformer r g


▲Up To Search▲   

 
Price & Availability of SIHFR430A-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X