sbr and powerdi are registered tr ademarks of diodes incorporated. sbrt3 u 40p1 document number: ds36 535 rev. 5 - 2 1 of 5 www.diodes.com december 2014 ? diodes incorporated sbrt3 u 40p1 new product advanced information advance information 3 a trench sbr trench super barrier rectifier p ower di ? 123 product summary (@t a = +25c) v rrm (v) i o (a) v f max (v) i r max ( a) 4 0 3 0. 49 18 0 description packaged in the compact thermally efficient powerdi - 123 package, the sbr t3 u 40 p 1 provides very low v f and excellent reverse leakage stability at high temperatures. it is ideal ly suited to use as a rectifier diode in mr16 bridge rectifier applications. application ? ? ? features and benefits ? f ); better efficiency and cooler operation. ? ? C . ? lead - free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3 ) ? qualified to aec - q101 standards for high reliability mechanical data ? ? case material: molded plastic, green molding compound ? ? ? ? ordering information (note 4 ) part number case packaging sbr t3 u 40 p 1 - 7 powerdi - 123 3 , 000/tape & reel note s: 1 . eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4 . for packaging details, go to our website at http : //www.diodes.com/products/packages.html . marking information date code key year 2013 2014 2015 2016 2017 2018 2019 2020 code a b c d e f g h month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view t v 4 = product type marking code ym = date code marking y = year (ex: a = 201 3 ) m = month (ex: 9 = september) device s ymbol green e3
sbr and powerdi are registered tr ademarks of diodes incorporated. sbrt3 u 40p1 document number: ds36 535 rev. 5 - 2 2 of 5 www.diodes.com december 2014 ? diodes incorporated sbrt3 u 40p1 new product advanced information advance information maximum ratings (@ t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 4 0 v average rectified output current i o 3 a non - repetitive peak forward surge current 8.3ms single half sine - wave superimposed on rated load i fsm 7 5 a thermal characteristics characteristic symbol value unit typical thermal resistance junction to ambient (note 5 ) r ja 78 c/w typical thermal resistance junction to case (note 5 ) r j c 19 c/w operating and storage temperature range t j , t stg - 6 5 to +1 5 0 c electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f f = 1a, t j = + 25 c i f = 1a, t j = + 1 25 c i f = 3 a, t j = + 25 c i f = 3 a, t j = + 1 25 c leakage current (note 6 ) i r r = 4 0 v, t j = + 25 c v r = 4 0 v, t j = + 1 25 c notes: 5 . device mounted on 1 inch fr4. 6 . short duration pulse test used to minimize self - heating effect. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 1 2 3 4 5 6 i average forward current (a) figure 1 forward power dissipation f(av) p , a v e r a g e f o r w a r d p o w e r d i s s i p a t i o n ( w ) f ( a v ) 0.0001 0.001 0.01 0.1 1 10 0 100 200 300 400 500 600 v , instantaneous forward voltage (v) f figure 2 typical forward characteristics i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f t = 25c a t = 85c a t = 125c a t = 150c a t = -55c a
sbr and powerdi are registered tr ademarks of diodes incorporated. sbrt3 u 40p1 document number: ds36 535 rev. 5 - 2 3 of 5 www.diodes.com december 2014 ? diodes incorporated sbrt3 u 40p1 new product advanced information advance information 0.01 0.1 1 10 100 1000 10000 100000 0 10 20 30 40 i , l e a k a g e c u r r e n t ( a ) r v , reverse voltage (v) r figure 3 typical reverse characteristics t = 25c a t = 85c a t = 125c a t = 150c a t = -55c a 10 100 1000 10000 0 10 20 30 40 v , reverse voltage (v) r figure 4 typical junction capacitance c , j u n c t i o n c a p a c i t a n c e ( p f ) t f = 1mhz 0 25 50 75 100 125 150 t , ambient temperature (c) a figure 5 forward current derating curve i , a v e r a g e f o r w a r d c u r r e n t ( a ) f ( a v ) 0.0 1.0 2.0 3.0 4.0 note 5 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 10000 t1, pulse duration time (sec) figure 6 transient thermal resistance r ( t ) , t r a n s i e n t t h e r m a l r e s i s t a n c e r (t) = r(t) * r r = 138c/w duty cycle, d = t1/ t2 ?? ? ja ja ja r (t) = r(t) * r r = 138c/w duty cycle, d = t1/ t2 ?? ? ja ja ja d = 0.5 d = 0.7 d = 0.9 d = 0.3 d = 0.1 d = 0.05 d = 0.02 d = 0.01 d = 0.005 d = single pulse
sbr and powerdi are registered tr ademarks of diodes incorporated. sbrt3 u 40p1 document number: ds36 535 rev. 5 - 2 4 of 5 www.diodes.com december 2014 ? diodes incorporated sbrt3 u 40p1 new product advanced information advance information package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. suggested pad layout please see ap02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. powerdi ? 123 dim min max typ a 3.50 3.90 3.70 b 2.60 3.00 2.80 c 1.63 1.93 1.78 d 0.93 1.00 0.98 e 0.85 1.25 1.00 h 0.15 0.25 0.20 l 0.40 0.50 0.45 l1 1. 25 1. 40 1.35 l2 1. 025 1.1 25 1.10 l3 0. 1 2 5 0.2 75 0.20 all dimensions in mm dimensions value (in mm) g 1.0 x1 2.2 x2 0.9 y1 1.4 y2 1.4 e c a b d h l2 l l1 l3 x1 g x2 y2 y1
sbr and powerdi are registered tr ademarks of diodes incorporated. sbrt3 u 40p1 document number: ds36 535 rev. 5 - 2 5 of 5 www.diodes.com december 2014 ? diodes incorporated sbrt3 u 40p1 new product advanced information advance information important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other c hanges without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated do es not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemni fy and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized applicat ion. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or s ystems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiven ess. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related re quirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 4 , diodes incorporated www.diodes.com
|