Part Number Hot Search : 
FCBGA Z150SG MXD1818 CM6571 DTA123JE CX4VSM4 ISL94212 D720112
Product Description
Full Text Search
 

To Download SBR20100-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sbr20100 voltage 100 v 20 amp schottky barrier rectifiers 14-dec-2011 rev. c page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  low forward voltage drop  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: molded plastic  epoxy: ul94v-0 rate flame retardant  lead: lead solderable per mil-std-202 method 208 guaranteed  polarity: as marked  mounting position: any  weight: 2.064 grams (approximate) maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rsm 100 v maximum dc blocking voltage v dc 100 v per leg 10 maximum average forward rectified current per device i f 20 a peak forward surge current, 8.3 ms single half sine-w ave superimposed on rated load (jedec method) i fsm 180 a i f =10a, t a =25 c, per leg 0.85 maximum instantaneous forward voltage i f =10a, t a =125 c, per leg v f 0.72 v t a = 25 c 0.3 maximum dc reverse current at rated dc blocking voltage 3 t a = 100 c i r 10 ma typical junction capacitance 1 c j 350 pf typical thermal resistance 2 r jc 2 c / w voltage rate of chance (rated v r ) dv / dt 10000 v / s operating temperature range t j t j -50~150 c storage temperature range t stg t stg -65~175 c notes: 1. measured at 1mhz and applied reverse voltage o f 5.0v d.c. 2. thermal resistance junction to case. 3. pulse test: 300us pulse width, 1% duty cycle. millimeter millimeter ref. min. max. ref. min. max. a 14.22 16.51 j 1.09 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3. 43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0.31 0.76 p 0.89 1.45 h 3.6 4.5 to-220 di m ens ions i n millimete rs a m p j k l l g f b n d e o c h pin 1 pin 3 pin 2 case
elektronische bauelemente sbr20100 voltage 100 v 20 amp schottky barrier rectifiers 14-dec-2011 rev. c page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBR20100-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X