Part Number Hot Search : 
321J1U TLWR9900 WS4601E 17FBD1 0150C 40004 62201 TM50D
Product Description
Full Text Search
 

To Download R2A20168NPSASP-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet r03ds0019ej0200 rev.2.00 jul 03, 2013 page 1 of 9 r03ds0019ej0200 rev.2.00 jul 03, 2013 8 - bit 8ch d/a converter with buffer amplifiers r2a20168np/sa/sp block diagram features description guarantee nonlinearity error : +/ - 1.0lsb, differential nonlinearity error : +/ - 0.7lsb data transfer format: 12 - bit serial data input type by 3 wire ( di, sck, ld ) output buffer op - amps: operable over entire voltage range from almost ground to vcc ( 0 to 5v ) very small size package line - up: qfn - 16(pin pitch: 0.5mm), tssop - 16(pin pitch 0.65mm) the r2a20168 is an integrated circuit semiconductor of cmos structure with 8 channels of built in d/a unnecessary and enabling configuration of a system with few component parts. serial data transfer type input can easily be used through a combination of three lines: di, clk, and ld. outputs incorporate buffer op - amps that have a drive capacity of 1 ma or above for both sink source, and can operate over the entire voltage range from almost ground to vcc ( 0 to 5v ), making peripheral elements unnecessary and enabling configuration of a system with few component parts. very small qfn package is added to lineup. it is suitable for a small mounting and reduces the mounting area. conversion from digital data to analog control data for home - use and industrial equipment. signal gain control or automatic adjustment of lcd - tv, pdp - tv or lcd display - monitor. blurring correction control or various control of the interchangeable lens of digital still camera. automatic adjustment by combination with microcomputer and eeprom. (substitution of half fixed resistance) application number for sop/tssop package number for qfn package 16 9 12 8 channel decoder 15 gnd ld vcc ao1 1 v refl 8 v refu 10 ao8 8 - bit upper segment r - 2r 1 3 2 4 6 5 7 8 2 ao2 3 ao3 4 ao4 5 ao5 6 ao6 7 ao7 10 13 16 1 2 3 4 5 8 6 15 7 14 12- bit shift register 13 14 clk di 11 do d0 d1 d2 d3 d4 d5 d6 d7 d8 d9 d10 d11 11 9 12 1 8 power on reset 8 - bit upper segment r - 2r 8 8 - bit latch 8 ? bit latch
datasheet r2a20168np/sa/sp page 2 of 9 r03ds0019ej0200 rev.2.00 jul 03, 2013 pin description pin arrangement pin no. symbol function [qfn] [tsso p /sop] 12 14 di serial data input terminal. ( input serial data with a 12 - bit data length ) 11 13 clk serial clock input terminal (input signal from di terminal is input to 12 - bit shift register at rise of serial clock.) 10 12 ld load terminal (when high level is input to ld terminal, value in 12 - bit shift register is loaded into decoder and 8- bit latch.) 9 11 do serial data output terminal (data is sequentially output from the msb bit.) 13 15 ao1 8 - bit resolution d/a converter output terminals (after power on, all channels are reset and dac data 00h is output.) 16 2 ao2 1 3 ao3 2 4 ao4 3 5 ao5 4 6 ao6 5 7 ao7 8 10 ao8 7 9 vcc power supply terminal 14 16 gnd gnd terminal 6 8 v refu d/a converter upper reference voltage input terminal 15 1 v refl d/a converter lower reference voltage input terminal r2a20168sa/sp 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 r2a20168np (top view) r2a20168sa/sp (top view) 12 11 10 9 1 2 3 4 outline: pwqn0016kb - a [np] 5 6 7 8 16 15 14 13 r2a20168np outline: ptsp0016jb - a [sa] prsp0016dh - b [sp] ao2 ao3 ao4 ld do ao8 vcc ao5 ao6 ao7 clk di ao1 gnd v refl v refu ao2 ao3 gnd ao1 di clk ao4 ao5 ao6 ao7 ld do ao8 vcc v refl v refu
datasheet r2a20168np/sa/sp page 3 of 9 r03ds0019ej0200 rev.2.00 jul 03, 2013 absolute maximum ratings item symbol conditions ratings unit supply voltage vcc - 0.3 to +6.5 v d/a converter upper reference voltage v refu - 0.3 to +6.5 v d/a converter lower reference voltage v refl - 0.3 to +6.5 v buffer amplifier output current i ao continuous - 2.0 to +2.0 ma input voltage vin - 0.3 to vcc+0.3 <+6.5 v output voltage vo - 0.3 to vcc+0.3 <+6.5 v power dissipation pd ta= +85deg 290(np) / 150(sa) / 300(sp) mw thermal derating factor k theta ta> +25deg 7.25(np) / 3.75(sa) / 7.5(sp) mw/deg operating temperature topr - 30 to +85 deg storage temperature tstg - 40 to +125 deg electrical characteristics *1 : when power supply is turned on, internal circuit is initialized by power on reset circuit. but, if re - powered on quickly, initialize is not operate. so, keep the time period of re - powered on (t por ). vcc internal reset signal t por tr vcc < 0.1v (equivalent to tr vcc ) vcc por resetting period gnd gnd resetting period ? digital part ? ( vcc, v refu = +5v +/ - 10%, vcc>v refu , gnd,v refl =0v, ta= - 30 to +85deg, unless otherwise noted ) (ta= +25deg unless otherwise noted) item symbol test conditions limits unit min typ max supply voltage vcc 2.7 5.0 5.5 v supply current icc clk =1mhz, vcc =5v, i ao =0a - 0.4 1.2 ma input leak current i ilk v in = 0 to vcc -10 - 10 a input low voltage v il - - 0.2vcc v input high voltage v ih 4.0v < vcc 0.55vcc - - v vcc 4.0v 0.8vcc - - v output low voltage v ol 4.0v < vcc, i ol = 2.0ma - - 0.4 v vcc < 4.0v, i ol = 1.5ma - - 0.4 v output high voltage v oh i oh = - 400a vcc ? 0.4 - - v supply voltage rise time *1 t r vcc vcc = 0 to 2.7v 100 - - s internal reset operating voltage *1 vcc por vcc = 0 to 2.7v - 1.5 1.9 v power supply restart interval (power supply off on) *1 t por vcc < 0.1v 1 - - ms
datasheet r2a20168np/sa/sp page 4 of 9 r03ds0019ej0200 rev.2.00 jul 03, 2013 item symbol test conditions limits unit min typ max current dissipation i refu v refu =5v, v refl =0v, i ao =0a, data condition: at maximum current - 1.0 2.0 ma d/a converter upper reference voltage range *2 v refu vcc 3 4.5v 3.5 - vcc v vcc < 4.5v 0.7vcc - vcc d/a converter lower reference voltage range *2 v refl vcc 3 4.5v gnd - vcc - 3.5 v vcc <4.5v gnd - 0.3vcc buffer amplifier output voltage range v ao i ao = +/ - 100 a 0.1 - vcc ? 0.1 v i ao = +/ - 500 a 0.2 - vcc ? 0.2 v buffer amplifier output drive range i ao upper side saturation voltage = 0.3v, lower side saturation voltage = 0.2v - 1.0 - 1.0 ma differential nonlinearity s dl v refu = 4.79v, v refl = 0.95v, vcc = 5.5v (15mv/lsb), without load (i ao =0a) - 0.7 - 0.7 lsb nonlinearity s l - 1.0 - 1.0 lsb zero code error s zero - 2.0 - 2.0 lsb full scale error s full - 2.0 - 2.0 lsb output capacitive load co - - 0.1 f buffer amplifier output impedance ro - 5.0 - ohm ? analog part ? ( vcc, v refu = +5v +/ - 10%, vcc>v refu , gnd,v refl =0v, ta= - 30 to +85deg, unless otherwise noted ) *2 : the output does not necessary be the value with the reference voltage setting range. the output value is determined by the buffer amplifier output voltage range (v ao ).
datasheet r2a20168np/sa/sp page 5 of 9 r03ds0019ej0200 rev.2.00 jul 03, 2013 ac characteristics timing chart clk t cr t cf t ckh t ckl t dch t chd t chl t ldh t ldc t ldd di ld d/a output t do do output ( vcc,v refu = +5v +/ - 10%, vcc 3 v refu , gnd=v refl = 0v, ta = - 30 to +85deg, unless otherwise noted ) (note) timing chart above is a schematic representation of the timing of each signal type. clk signal input is high or low regardless, ld signal high input is enabled. item symbol test conditions limits unit min typ max clock frequency f clk - 1.0 10 mhz clock low pulse width t ckl 40 - - ns clock high pulse width t ckh 40 - - ns clock rise time t cr - - 200 ns clock fall time t cf - - 200 ns data setup time t dch 4 - - ns data hold time t chd 30 - - ns ld setup time t chl 40 - - ns ld hold time t ldc 40 - - ns ld high pulse width t ldh 40 - - ns data output delay time t do c l < 100 pf -10 - 50 ns d/a output settling time t ldd ta=25deg, c l <100pf, v ao : 0.5 ?? 4.5v, the time until the output becomes the final value of 1/2 lsb. - - 150 s
datasheet r2a20168np/sa/sp page 6 of 9 r03ds0019ej0200 rev.2.00 jul 03, 2013 digital data format last lsb d0 d1 d2 d3 d4 d5 d6 d7 d8 d9 d10 d11 d0 d1 d2 d3 d4 d5 d6 d7 d/a output 0 0 0 0 0 0 0 0 (v refu ? v refl ) / 256 x 1 + v refl 1 0 0 0 0 0 0 0 (v refu ? v refl ) / 256 x 2 + v refl 0 1 0 0 0 0 0 0 (v refu ? v refl ) / 256 x 3 + v refl 1 1 0 0 0 0 0 0 (v refu ? v refl ) / 256 x 4 + v refl : : : : : : : : : 0 1 1 1 1 1 1 1 (v refu ? v refl ) / 256 x 255 + v refl 1 1 1 1 1 1 1 1 v refu first msb dac data channel select data channel select data d8 d9 d10 d11 chanel selection 0 0 0 0 don?t care 0 0 0 1 ao1 select 0 0 1 0 ao2 select 0 0 1 1 ao3 select 0 1 0 0 ao4 select 0 1 0 1 ao5 select 0 1 1 0 ao6 select 0 1 1 1 ao7 select 1 0 0 0 ao8 select 1 0 0 1 don?t care : : : : : 1 1 1 0 don?t care 1 1 1 1 don?t care dac data
datasheet r2a20168np/sa/sp page 7 of 9 r03ds0019ej0200 rev.2.00 jul 03, 2013 precaution for use analog voltage output 10f + ao1 ao2 gnd vcc 10f + 10f + ao7 ao8 standard application circuit ld clk di mcu data timing chart ( model ) di ld d/a output d2 d9 d10 d11 clk d8 d7 d1 d0 msb lsb whether clk input is ?h? or ?l?, high level input of ld signal is recognized. there are three terminals (vcc, v refu , v refl ) that should be impressed a constant voltage. when ripple or spike noise is input to this terminal, there is fear that the accuracy of d/a conversion becomes lower and this ic malfunction. so, when use this ic, please connect capacitor between these terminals (vcc, v refu , v refl ) and gnd for stable d/a conversion. this ic?s output amplifier has an advantage to capacitive load, so, it?s no problem at device action when connect capacitor ( 0.1f max ) among output to gnd for every noise elimination. v refl v refu
datasheet r2a20168np/sa/sp page 8 of 9 r03ds0019ej0200 rev.2.00 jul 03, 2013 package dimensions ptsp0016jb - a [sa] prsp0016dh - b [sp]
datasheet r2a20168np/sa/sp page 9 of 9 r03ds0019ej0200 rev.2.00 jul 03, 2013 pwqn0016kb - a [np] ordering information order part no. package name package code package type no. packing/quantity r2a20168sp sop - 16 prsp0016dh - b sp embossed taping/2,000 pcs. r2a20168sa tssop - 16 rtsp0016jb - a sa embossed taping/2,000 pcs. r2a20168np qfn - 16 pwqn0016kb - a np embossed taping/3,000 pcs.
notice 1. descriptions of circuits, software and other related information in this document are provided only to illustrate the operation of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 2. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information included herein. 3. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property rights of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any patents, copyrights or other intellectual property rights of renesas electronics or others. 4. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from such alteration, modification, copy or otherwise misappropriation of renesas electronics product. 5. renesas electronics products are classified according to the following two quality grades: "standard" and "high quality". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. "standard": computers; office equipment; communications equipment; test and equipment; and industrial robots etc. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; and safety equipment etc. renesas electronics products are neither intended nor authorized for use in products or systems that may pose a direct threat to human life or bodily injury (artificial implantations etc.), or may cause serious property damages (nuclear reactor control systems, military equipment etc.). you must check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application for which it is not intended. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for which the product is not intended by renesas electronics. 6. you should use the renesas electronics products described in this document within the range specified by renesas electronics, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas electronics shall have no use of renesas electronics products beyond such specified ranges. 7. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design. please be sure to implement possibility of physical injury, and injury or damage caused by fire in redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measures. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or systems manufactured by you. 8. please contact a renesas electronics sales office for details as to products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 9. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. you should not use renesas electronics products or technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. when exporting the renesas regulations and follow the procedures required by such laws and regulations. 10. it is the responsibility of the buyer or distributor of renesas electronics products, who distributes, disposes of, or otherwise places the product with a third party, to notify such third party in advance of the contents and conditions set forth in this document, renesas electronics assumes no responsibility for any losses incurred by you or third parties as a result of unauthorized use of renesas electronics products. 11. this document may not be reproduced or duplicated in any form, in whole or in part, without prior written consent of renesas electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this document or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-owned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. the event of the failure of a renesas electronics product, such as safety design for hardware and software including but not limited to environmental matters such as the environmental compatibility of each renesas electronics product. please use renesas electronics liability for malfunctions or damages arising out of the safety measures to guard them against the life support devices or systems, surgical http://www.renesas.com 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 80 bendemeer road, unit #06-02 hyflux innovation centre singapore 339949 tel: +65-6213-0200, fax: +65-6213-0300 13f, no. 363, fu shing north road, taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 arcadiastrasse 10, 40472 d tel: +49-211-65030, fax: +49-211-6503-1327 sseldorf, germany dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-651-700, fax: +44-1628-651-804 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics canada limited renesas electronics europe limited renesas electronics america inc. renesas electronics (china) co., ltd. renesas electronics (shanghai) co., ltd. renesas electronics europe gmbh renesas electronics taiwan co., ltd. renesas electronics singapore pte. ltd. renesas electronics hong kong limited renesas electronics korea co., ltd. renesas electronics malaysia sdn.bhd. sales offices ? 2013 renesas electronics corporation. all rights reserved. colophon 2.2 measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic electronics products or technology described in this document, you should comply with the applicable export control laws and


▲Up To Search▲   

 
Price & Availability of R2A20168NPSASP-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X