Part Number Hot Search : 
1016008 LM217LD ZMM5247B 6100A PIC18F25 AD1821JS EA1523P 6050503
Product Description
Full Text Search
 

To Download Q4004D3RP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  51 ?2010 littelfuse, inc revised: july 29, 2010 09:54 am teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. teccor ? brand thyristors lxx04xx & qxx04xx series 4 amp sensitive & standard triacs 4.0a triacs lxx04xx & qxx04xx series description main features 4 amp bi-directional solid state switch series is designed for ac switching and phase control applications such as motor speed and temperature modulation controls, lighting controls, and static switching relays. sensitive type devices guarantee gate control in quadrants i & iv needed for digital control circuitry. standard type devices normally operate in quadrants i & iii triggered from ac line. symbol value unit i t(rms) 4a v drm /v rrm 400 to 1000 v i gt (q1) 3 to 25 ma absolute maximum ratings sensitive triacs (4 quadrants) symbol parameter value unit i t(rms) rms on-state current (full sine wave) lxx04ly / lxx04dy t c = 85c 4a lxx04ry / lxx04vy t c = 75c i tsm non repetitive surge peak on-state current (full cycle, t j initial = 25c) f = 50 hz t = 20 ms 33 a f = 60 hz t = 16.7 ms 40 i 2 ti 2 t value for fusing t p = 8.3 ms 6.6 a 2 s di/dt critical rate of rise of on-state current (i g = 50ma with c 0.1s rise time) f = 120 hz t j = 110c 50 a/s i gtm peak gate trigger current t p c 10 s t j = 110c 1. 2 a p g(av) average gate power dissipation t j = 110c 0.3 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 110 c note: xx = voltage, y = sensitivity schematic symbol mt2 mt1 g applications typical applications are ac solid-state switches, power tools, home/brown goods and white goods appliances. sensitive gate triacs can be directly driven by microprocessor or popular opto-couplers/isolators. internally constructed isolated packages are offered for ease of heat sinking with highest isolation voltage. features & bene?ts t 3p)4$pnqmjbou t (mbttoqbttjwbufe junctions t 7pmubhfdbqbcjmjuzvqup 1000 v t 4vshfdbqbcjmjuzvqup 55 a t &mfdusjdbmmzjtpmbufe l-package is ul recognized for 2500vrms t 4pmjetubuftxjudijoh eliminates arcing or contact bounce that create voltage transients t /pdpoubdutupxfbspvu from reaction of switching events t 3ftusjdufe psmjnjufe
3'* generation, depending on activation point of sine wave t 3frvjsftpomzbtnbmmhbuf activation pulse in each half-cycle agency approval agency agency file number ? -1bdlbhf& ?
52 revised: july 29, 2010 09:54 am ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 4 amp sensitive & standard triacs lxx04xx & qxx04xx series electrical characteristics (t j = 25c, unless otherwise speci?ed) sensitive triac (4 quadrants) symbol test conditions quadrant lxx04x3 lxx04x5 lxx04x6 lxx04x8 unit i gt v d = 12v r l = 60 8 *o**o*** max. 35510 ma iv 3 5 10 20 v gt all max. 1.3 v v gd v d = v drm r l = 3.3 k 8 t j = 110c all min. 0.2 v i h i t = 100ma max. 5 10 10 15 ma dv/dt v d = v drm gate open t j = 100c 400v typ. 25 25 30 35 v/s 600v 15 15 20 25 (dv/dt)c (di/dt)c = 2.16 a/ms t j = 110c typ. 0.5 1 1 1 v/s t gt i g = 2 x i gt pw = 15s i t = 5.6 a(pk) typ. 2.8 3.0 3.0 3.2 s absolute maximum ratings standard triacs symbol parameter value unit i t(rms) rms on-state current (full sine wave) qxx04ly / qxx04dy t c ?$ 4a qxx04ry / qxx04vy t c = 85c i tsm non repetitive surge peak on-state current (full cycle, t j initial = 25c) f = 50 hz t = 20 ms 46 a f = 60 hz t = 16.7 ms 55 i 2 ti 2 t value for fusing t p = 8.3 ms 12.5 a 2 s di/dt critical rate of rise of on-state current (i g = 50ma with c 0.1s rise time) f = 120 hz t j = 125c 50 a/s i gtm peak gate trigger current t p 10 s; i gt c i gtm t j = 125c 1. 2 a p g(av) average gate power dissipation t j = 125c 0.3 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 125 c note: xx = voltage, y = sensitivity electrical characteristics (t j = 25c, unless otherwise speci?ed) standard triac symbol test conditions quadrant qxx04x3 qxx04x4 unit i gt v d = 12v r l = 60 8 *o**o*** max. 10 25 ma iv typ. 25 50 v gt *o**o*** max. 1.3 1.3 v v gd v d = v drm r l = 3.3 k 8 t j = 125c all min. 0.2 0.2 v i h i t = 200ma max. 20 30 ma dv/dt v d = v drm gate open t j = 125c 400v min. 40 75 v/s 600v 30 50 800v 40 v d = v drm gate open t j = 100c 1000v 50 (dv/dt)c (di/dt)c = 2.16 a/ms t j = 125c typ. 2 2 v/s t gt i g = 2 x i gt pw = 15s i t = 5.6 a(pk) typ. 2.5 3.0 s note: xx = voltage, x = package
53 ?2010 littelfuse, inc revised: july 29, 2010 09:54 am teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. teccor ? brand thyristors lxx04xx & qxx04xx series 4 amp sensitive & standard triacs 4.0a triacs static characteristics (t j = 25c, unless otherwise speci?ed) symbol test conditions value unit v tm i tm = 5.6a t p = 380 s max. 1.60 v i drm i rrm v drm = v rrm max. lxx04xy t j = 25c 400-600v 5 a t j = 110c 400-600v 200 a qxx04xy t j = 25c 400-1000v 10 a t j = 125c 400-800v 2 ma t j = 100c 1000v 3 thermal resistances symbol parameter value unit r r (j-c) junction to case (ac) l/qxx04dy 3.5 c/w l/qxx04ly 3.6 l/qxx04ry 3.6 l/qxx04vy 6.0 r r (j-a) junction to ambient l/qxx04ly 50 c/w l/qxx04ry 45 l/qxx04vy 70 note: xx = voltage, x = package, y = sensitivity figure 2: normalized dc gate trigger current for all quadrants vs. junction temperature junction temperature (t j )- oc 110 12 5 8 5 60 3 5 10 -40 -40 -6 5 4.0 0.0 ratio of i gt i gt (t j = 2 5 c) 1.0 2.0 3.0 figure 1: de?nition of quadrants mt2 positive (positive half cycle) mt2 negative (negative half cycle) mt1 mt2 + i gt ref qii mt1 i gt gate mt2 ref mt1 mt2 ref mt1 mt2 ref qi qiv qiii all polarities are referenced to mt1 ( - ) i gt gate (+) i gt - i gt gate ( - ) i gt gate (+) + -
54 revised: july 29, 2010 09:54 am ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 4 amp sensitive & standard triacs lxx04xx & qxx04xx series figure 3: normalized dc holding current vs. junction temperature junction temperature (t j )- oc ratio of i h i h (t j = 2 5 c) 110 12 5 8 5 60 3 5 10 -40 -40 -6 5 4.0 0.0 1.0 2.0 3.0 figure 4: normalized dc gate trigger voltage for all quadrants vs. junction temperature junction temperature (t j )- oc ratio of v gt v gt (t j = 2 5 c) 110 12 5 8 5 60 3 5 10 -40 -40 -6 5 2.0 0.0 0. 5 1.0 1. 5 rms on-state current (i t(rms) ) - amps 5 .0 4.0 2.0 3.0 1.0 0.0 0.0 average on-state power dissipation (p d(av) ) - watts 2.0 4.0 current wave form: sinusoidal load: resistive or inductive conduction angle: 360 3.0 1. 0 figure 5: power dissipation (typical) vs. rms on-state current figure 6: maximum allowable case temperature vs. on-state current rms on-state current (i t(rms) ) - amps 6 34 5 2 1 0 maximum allowable case temperature (t c ) - c 110 lxx0 4 ly lxx0 4 dy current wave form: sinusoidal load: resistive or inductive conduction angle: 360 case temperature: measured as shown on dimensional drawing 70 60 7 5 80 8 5 90 9 5 100 10 5 6 5 lxx0 4 vyz lxx0 4 ry lxx0 4 vy figure 8: maximum allowable ambient temperature vs. on-state current rms on-state current [i t(rms) ] - amps 2.0 1.0 1. 2 1.4 1. 6 1.8 0.6 0.8 0.4 0.2 0.0 120 100 80 60 40 20 maximum allowable ambient temperature (t a ) - c current waveform: sinusoidal load: resistive or inductive conduction angle: 360 free air rating C no heatsink l/qxx0 4 vy qxx0 4 ly qxx0 4 ry lxx0 4 ly figure 7: maximum allowable case temperature vs. on-state current rms on-state current (i t(rms) ) - amps 6 34 5 2 1 0 maximum allowable case temperature (t c ) - c 110 lxx0 4 ly lxx0 4 dy current wave form: sinusoidal load: resistive or inductive conduction angle: 360 case temperature: measured as shown on dimensional drawing 70 60 7 5 80 8 5 90 9 5 100 10 5 6 5 lxx0 4 vyz lxx0 4 ry lxx0 4 vy note: xx = voltage, y = sensitivity
55 ?2010 littelfuse, inc revised: july 29, 2010 09:54 am teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. teccor ? brand thyristors lxx04xx & qxx04xx series 4 amp sensitive & standard triacs 4.0a triacs figure 9: on-state current vs. on-state voltage (typical) positive or instantaneous on-state voltage (v t ) - volts 1.8 1.6 1.4 1.2 1. 0 0.8 0.6 0 positive or instantaneous on-state current (i t ) - amps t j = 2 5 c 18 20 16 14 12 10 8 6 4 2 1 10 100 1000 10 surge current duration C full cycles 1 100 peak surge (non-repetitive) on-state current (i tsm ) C amps qxx0 4 ry qxx0 4 ly qxx0 4 dy qxx0 4 vy lxx0 4 ry lxx0 4 ly lxx0 4 dy lxx0 4 vy figure 10: surge peak on-state current vs. number of cycles 4vqqmz'sfrvfodz)[4jovtpjebm load: resistive rms on-state [i t(rms) ]: max rated value at speci?c case temperature notes: 1. gate control may be lost during and immediately following surge current interval. 2. overload may not be repeated until junction temperature has returned to steady-state rated value. note: xx = voltage, y = sensitivity
56 revised: july 29, 2010 09:54 am ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 4 amp sensitive & standard triacs lxx04xx & qxx04xx series soldering parameters re?ow condition 1co'sffbttfncmz pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time (min to max) (t s ) otfdt average ramp up rate (liquidus temp) (t l ) to peak 5c/second max t s(max) to t l - ramp-up rate 5c/second max re?ow - temperature (t l ) (liquidus) 217c - temperature (t l ) otfdpoet peak temperature (t p ) 260c +0/-5 time within 5c of actual peak temperature (t p ) otfdpoet ramp-down rate 5c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c environmental speci?cations test speci?cations and conditions ac blocking mil-std-750, m-1040, cond a applied peak ac voltage @ 125c for 1008 hours temperature cycling mil-std-750, m-1051, 100 cycles; -40c to +150c; 15-min dwell time temperature/ humidity &*"+&%&$ +&4%" 1008 hours; 320v - dc: 85c; 85% rel humidity high temp storage mil-std-750, m-1031, 1008 hours; 150c low-temp storage 1008 hours; -40c thermal shock mil-std-750, m-1056 10 cycles; 0c to 100c; 5-min dwell time at each temperature; 10 sec (max) transfer time between temperature autoclave &*"+&%&$ +&4%" 168 hours (121c at 2 atms) and 100% r/h resistance to solder heat mil-std-750 method 2031 solderability ansi/j-std-002, category 3, test a lead bend .*-45% .$poe& physical speci?cations terminal finish 100% matte tin-plated body material ul recognized epoxy meeting ?ammability dmbttjmdbujpo7 terminal material copper alloy design considerations careful selection of the correct device for the applications operating parameters and environment will go a long way toward extending the operating life of the thyristor. good design practice should limit the maximum continuous current through the main terminals to 75% of the device rating. other ways to ensure long life for a power discrete semiconductor are proper heat sinking and selection of voltage ratings for worst case conditions. overheating, overvoltage (including dv/dt), and surge currents are the main killers of semiconductors. correct mounting, soldering, and forming of the leads also help protect against component damage. time temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature preheat p reheat ramp-up ramp-up ramp-down r amp- do
57 ?2010 littelfuse, inc revised: july 29, 2010 09:54 am teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. teccor ? brand thyristors lxx04xx & qxx04xx series 4 amp sensitive & standard triacs 4.0a triacs dimensions to-220ab (r-package) non-isolated mounting tab common with center lead dimension inches millimeters min max min max a 0.380 0.420  10.67 b 0.105 0.115 2.67  c 0.230 0.250 5.84 6.35 d  0.620  15.75 & 0.142 0.147 3.61 3.73 ' 0.110 0.130  3.30 g 0.540 0.575 13.72 14.61 h 0.025 0.035 0.64  j  0.205  5.21 k  0.105 2.41 2.67 l 0.060 0.075 1.52  m 0.085  2.16 2.41 n 0.018 0.024 0.46 0.61 o 0.178 0.188 4.52 4.78 p 0.045 0.060 1.14 1.52 r 0.038 0.048  1.22 k j a h g b f e c d l r t c measuring point mt2 mt2 o p n m mt1 .276 7. 0 1 . 5 26 13.36 .320 8.13 gate area (ref.) 0.17 in 2 notch in gate lead to id. non-isolated tab dimensions to-220ab (l-package) isolated mounting tab dimension inches millimeters min max min max a 0.380 0.420  10.67 b 0.105 0.115 2.67  c 0.230 0.250 5.84 6.35 d  0.620  15.75 & 0.142 0.147 3.61 3.73 ' 0.110 0.130  3.30 g 0.540 0.575 13.72 14.61 h 0.025 0.035 0.64  j  0.205  5.21 k  0.105 2.41 2.67 l 0.060 0.075 1.52  m 0.085  2.16 2.41 n 0.018 0.024 0.46 0.61 o 0.178 0.188 4.52 4.78 p 0.045 0.060 1.14 1.52 r 0.038 0.048  1.22 k j a h g b f e c d l r t c measuring point area (ref.) 0.17 in 2 mt2 o p n m mt1 gate .320 8.13 . 5 26 13.36 .276 7. 0 1 /puf.byjnvnupsrvfup be applied to mounting tab jtjomct /n
 /puf.byjnvnupsrvfup be applied to mounting tab jtjomct /n

58 revised: july 29, 2010 09:54 am ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 4 amp sensitive & standard triacs lxx04xx & qxx04xx series dimensions to-251aa (v-package) v-pak through hole dimension inches millimeters min typ max min typ max a 0.040 0.044 0.050 1.02 1.11 1.27 b 0.235 0.242 0.245  6.15 6.22 c 0.350 0.361 0.375    d 0.205 0.208 0.213 5.21  5.41 & 0.255 0.262 0.265 6.48 6.66 6.73 ' 0.027 0.031 0.033  0.80 0.84 g 0.087   2.21 2.28 2.36 h 0.085   2.16 2.34 2.41 i 0.176 0.180 0.184 4.47 4.57 4.67 j 0.018 0.020 0.023 0.46 0.51 0.58 k 0.038 0.040 0.044  1. 01 1. 12 l 0.018 0.020 0.023 0.46 0.52 0.58 p 0.042 0.047 0.052 1.06 1.20 1.32 q 0.034  0.044 0.86 1.00 1.11 r 0.034  0.044 0.86 1.00 1.11 s 0.074  0.084 1.86 2.00 2.11 area: 0.040 in 2 t c measuring point gate g i e d a b c f j h k l 5 .28 .208 5 .34 .210 mt2 mt1 mt2 p q r s dimensions to-252aa (d-package) d-pak surface mount dimension inches millimeters min typ max min typ max a 0.040 0.043 0.050 1.02  1.27 b 0.235 0.243 0.245  6.16 6.22 c 0.106 0.108 0.113  2.74 2.87 d 0.205 0.208 0.213 5.21  5.41 & 0.255 0.262 0.265 6.48 6.65 6.73 ' 0.027 0.031 0.033  0.80 0.84 g 0.087   2.21 2.28 2.36 h 0.085   2.16 2.33 2.41 i 0.176  0.184 4.47 4.55 4.67 j 0.018 0.020 0.023 0.46 0.51 0.58 k 0.038 0.040 0.044  1.02 1.12 l 0.018 0.020 0.023 0.46 0.51 0.58 m 0.000 0.000 0.004 0.00 0.00 0.10 n 0.021 0.026 0.027 0.53 0.67  o 005005 p 0.042 0.047 0.052 1.06 1.20 1.32 q 0.034  0.044 0.86 1.00 1.11 m o n h j l k .118 3 .063 1.60 .071 1.80 .264 6.71 .264 6.71 .181 4.60 gate mt2 mt1 mt2 t c measuring point g i d e a b c f 5 .28 .208 5 .34 .210 : 0.040 in 2 area p q
59 ?2010 littelfuse, inc revised: july 29, 2010 09:54 am teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. teccor ? brand thyristors lxx04xx & qxx04xx series 4 amp sensitive & standard triacs 4.0a triacs packing options part number marking weight packing mode base quantity l/q004l/ry/tp l/qxx04l/ry 2.2 g bulk 500 l/qxx04lytp l/qxx04ly 2.2 g tube 500 (50 per tube) l/qxx04dyrp l/qxx04dy 0.3 g &ncpttfe$bssjfs 2500 l/qxx04dytp l/qxx04dy 0.3 g tube pack 750 (75 per tube) l/qxx04vytp l/qxx04vy 0.4 g tube pack 750 (75 per tube) note: xx = voltage; y = sensitivity product selector part number voltage gate sensitivity quadrants type package 400v 600v 800v 1000v i C ii C iii iv lxx04l3 x x 3 ma 3 ma sensitive triac to-220l lxx04d3 x x 3 ma 3 ma sensitive triac to-252 d-pak lxx04r3 x x 3ma 3ma sensitive triac to-220r lxx04v3 x x 3 ma 3 ma sensitive triac to-251 v-pak lxx04l5 x x 5 ma 5 ma sensitive triac to-220l lxx04d5 x x 5 ma 5 ma sensitive triac to-252 d-pak lxx04r5 x x 5ma 5ma sensitive triac to-220r lxx04v5 x x 5 ma 5 ma sensitive triac to-251 v-pak lxx04l6 x x 5 ma 10 ma sensitive triac to-220l lxx04d6 x x 5 ma 10 ma sensitive triac to-252 d-pak lxx04r6 x x 5ma 10ma sensitive triac to-220r lxx04v6 x x 5 ma 10 ma sensitive triac to-251 v-pak lxx04l8 x x 10 ma 20 ma sensitive triac to-220l lxx04d8 x x 10 ma 20 ma sensitive triac to-252 d-pak lxx04r8 x x 10ma 20ma sensitive triac to-220r lxx04v8 x x 10 ma 20 ma sensitive triac to-251 v-pak qxx04l3 x x 10 ma standard triac to-220l qxx04d3 x x 10 ma standard triac to-252 d-pak qxx04v3 x x 10 ma standard triac to-251 v-pak qxx04r3 x x 10ma standard triac to-220r qxx04l4 x x x x 25 ma standard triac to-220l qxx04d4 x x x x 25 ma standard triac to-252 d-pak qxx04r4 x x x x 25ma standard triac to-220r qxx04v4 x x x x 25 ma standard triac to-251 v-pak
60 revised: july 29, 2010 09:54 am ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 4 amp sensitive & standard triacs lxx04xx & qxx04xx series 0.512 (13.0) arbor hole dia. dc xxxxxx xxxxxx dc xxxxxx dc xxxxxx xx xx xx gate mt1 mt2 0.63 (16.0) 0.157 (4.0) 0.64 (16.3) 12.99 (330.0) 0.524 (13.3) 0.315 (8.0) 0.059 dia (1.5) * * cover tape direction of feed dimensions are in inches (and millimeters). to-252 embossed carrier reel pack (rp) speci?cations meets all eia-481-2 standards part marking system part numbering system q 60 0 4 l 4 device type l : sensitive triac q : standard triac lead form dimensions xx : lead form option current rating sensitivity & type sensitive triac: 3 : 3 ma (qi, ii, iii, iv) 5 : 5 ma (qi, ii, iii, iv) 6 : 5 ma (qi, ii, iii) 10 ma (qiv) 8 : 10 ma (qi, ii, iii) 20 ma (qiv) standard triac: 3 : 10 ma (qi, ii, iii) 4 : 2 5 ma (qi, ii, iii) package type l : to-220 isolated r : to-220 non-isolated v : to-2 5 1 (v-pak) d : to-2 5 2 (d-pak) voltage rating 4 0 : 400v 60 : 600v 80 : 800v k0 : 1000v 0 4 : 4a xx ? to-220 ab (r & l packages) l600 4 v 4 yxxxx ? to-2 5 1aa & to-2 5 2aa (v and d packages)


▲Up To Search▲   

 
Price & Availability of Q4004D3RP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X