Part Number Hot Search : 
XV1N3001 MN101 645ETTTS SMCJ85C 100GD 40N10 SMS256AF KRC116M
Product Description
Full Text Search
 

To Download NSD10-48D15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification nsd10-12d5 nsd10-12d12 nsd10-12d15 nsd10-48d5 nsd10-48d 12 NSD10-48D15 model dc voltage rated current current range rated power output line regulation load regulation voltage range efficiency (typ.) input shutdown idle current safety standards working temp. on/off control working humidity storage temp., humidity temp. coefficient mtbf dimension others note packing overload over voltage(clamp) dc current 5v -5v -12v -15v -5v -12v -15v 12v 15v 5v 12v 15v 1a 1a 0.42a 0.33a 1a 0.42a 0.33a 0.42a 0.33a 1a 0.42a 0.33a 0.05 ~ 1a 0.05 ~ 1a 0.05 ~ 1a 0.02 ~ 0.42a 0.02 ~ 0.42a 0.016 ~ 0.33a 0.016 ~ 0.33a 0.05 ~ 1a 0.02 ~ 0.42a 0.02 ~ 0.42a 0.016 ~ 0.33a 0.016 ~ 0.33a 10w 75mvp-p(10% ~ 100% load) 4.0% 3.0% 2.0% 2.0% 2.0% 1.0% 3.0% .0% 2 2.0% 2.0% 2.0% 1.0% 1.0% 9.8 ~ 36vdc 22 ~ 72vdc 48vdc 76% 1.4a/12vdc 0.4a/48vdc 20ma/12vdc above 105% rated output power protection type : over power limiting, recovers automatically after f ault condition is removed recovers automatically after fault condition is removed -25 ~ +70 logic "1" open: on logic "0" gnd: off 0% ~ 95% rh max. -40 ~ +85 , 0 ~ 95% rh 0.03%/ (0~60 ) 50.8*25.4*10mm (2"*1"*0.394") (l*w*h) 0.02kg; 300pcs/7kg/0.97cuft 77% 77% 78% 77% 77% 1. all parameters not specially mentioned are measured at 12, 48vdc input , rated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair -wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regul ation. 4. short circuit not more than 60 seconds. 5. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still mee ts emc directives. 6. 7. emc filter suggestion: for guidance on how to perform these emc tests, please refer to ?emi testing of c omponent power supplies.? (as available on http://www.meanwell.com) to insure proper operation, a 220uf/100v electrolytic capacitor wit h esr <1 must be added to the input line. file name:nsd10-d-spec 2010-10-18 10w dc-dc regulated dual output wide 4:1 dc input range protections: short circuit / overload / over voltage 1000vdc i/o isolation built-in emi filter cooling by free air convection built-in remote on-off control 100% full load burn-in test lost cost high reliability 2 years warranty features : n s d 1 0 - d s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 isolation voltage isolation resistance i/p-o/p:1kvdc i/p-o/p:100m ohms / 500vdc / 25 / 70% rh environment protection function rated dc input 12vdc short circuit note.4 5.75 ~ 7.5v -5.75 ~ -7.5v -5.75 ~ -7.5v 13.8 ~ 18v 13.8 ~ 18v -13.8 ~ -18v -13.8 ~ -18v 17.3 ~ 22.5v 17.3 ~ 22.5v -17.3 ~ -22.5v -17.3 ~ -22.5v 5.75 ~ 7.5v 1878.5k hrs min. mil-hdbk-217f (25 ) emi conduction & radiation ems immunity compliance to en55022 (cispr22) class b compliance to en61000-4-2,3,4,6,8; en55024, light industry leve l, criteria a safety & emc (note 5) ul60950-1 approved, design refer to tuv en60950-1 psu + - vin + - vo 80uh 680uf + capacitive load (max.) 1000uf
2 35.56 [1.4] 50.8 [2] 15.24 [0.6] 6 5 1.02 [0.04] 1 1.78 [0.07] 4 3 pin. no assignment 1 4 23 56 +input 25.4[1] 15.24[0.6] 10.16[0.4] 22.86[0.9] 10[0.394] 3.81[0.15] 12.7[0.5] 2.54[0.1] 2.54[0.1] -input(gnd) +out -out control common pin no. pin no. assignment assignment o.v.p. control i/p -v +v com rectifiers & filter switching power filter emi o.l.p. detection circuit pwm trl c control input.....................................pi n6 control common................................pin2 logic compatibility......cmos or open collector ttl control voltage on............+5.5vdc min. or open circuit off......+2.5vdc max. or short to pin2 +vin c -vin +vout com -vout 1 2 6 5 4 3 load load trl ambient temperature ( ) load (%) 10 20 30 40 50 60 70 20 40 60 75 80 100 -25 0 (horizontal) -10 10w dc-dc regulated dual output n s d 1 0 - d s e r i e s on/off control block diagram mechanical specification unit:mm[inch] file name:nsd10-d-spec 2010-10-18 derating curve fosc : 350khz


▲Up To Search▲   

 
Price & Availability of NSD10-48D15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X