Part Number Hot Search : 
SMBJ12CA DS128 2SB566AK STA435A KSB1116S T72V23 AD7821 PD8042
Product Description
Full Text Search
 

To Download NM4SOJ3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  seite - 43 - ausgabedatum: 14-02-11 a-1130 wien lilienberggasse 13 tel.: +43-1-403 08 12 fax: +43-1-408 72 13 e-mail: info@knap.at http://www.knap.at wolfgang knap gesellschaft m.b.h. & co.kg 5x7,5mm smt crystal-oscillators nmsoj3 3,3v 30pf frequenzstabilit?t frequency stability betriebsbedingungen operating conditions modell model nm1soj3 100ppm/-10~+70c b etriebstemperatur operating temp. -10~+70c, -40~+85c nm2soj3 50ppm/-10~+70c lagertemperatur storage temperature -55~+125c nm3soj3 25ppm/-10~+70c betriebsspannung v dd NM4SOJ3 20ppm/-10~+70c supply voltage +3,3v 0,3v nm1soj3r 100ppm/-40~+85c f euchteempfindlichkeit msl 1 nm2soj3r 50ppm/-40~+85c nm3soj3r 25ppm/-40~+85c elektrische daten electrical characteristics t a = 25c, v dd = 3,3 v, c l = 15 pf parameter parameter bedingungen conditions frequenzbereich frequ. range spezifikationen specifications max. stromaufnahme max. input current i dd 1,8000 + ~ 80,000 mhz 38 ma frequenzstabilit?t frequency stability ber alles *) all conditions *) 1,8000 + ~ 80,000 mhz 20 ppm ~ 100 ppm tastverh?ltnis symmetry @50% v dd 1,8000 + ~ 80,000 mhz 45/55 % ausgangsspannung output voltage v ol v oh ?0? level ?1? level 1,8000 + ~ 80,000 mhz 10% v dd max. 90% v dd min. anstiegszeit max. rise time max. t r 10% - 90% v dd 1,8000 + ~ 80,000 mhz 6 ns abfallzeit max. fall time max. t f 90% - 10% v dd 1,8000 + ~ 80,000 mhz 6 ns ausgangsstrom min. output current min. i ol i oh ?0? level ?1? level 1,8000 + ~ 80,000 mhz 2 ma ruhestrom max. standby current max. v il 30% v dd 1,8000 + ~ 80,000 mhz 10 a ttl 1,8000 + ~ 80,000 mhz 5 n-ttl max. belastbarkeit max. driving ability hcmos 1,8000 + ~ 80,000 mhz 30 pf startzeit max. start-up time max. 0,0 - 3,3 v 1,8000 + ~ 80,000 mhz 10 ms *) anmerkung: inkl. abgleichtoleranz, temperaturgang, spannungs- und last?nderung, alterung, schock und vibration note: incl. frequency and temperature tolerance, s upply voltage and load change, aging, shock and vibration anschlu?belegung pin connections abmessungen in mm dimensions in mm empfohlenes layout recommended solder pad layout #1 e/d #2 gnd #3 out #4 v dd funktionstabelle (f. nmsol3) enable /disable function inh (pin #1) output (pin #3) open active ?1? (v ih 70% v dd ) active ?0? (v il 30% v dd ) high z 5,08 1,4 #1 #2 #4 #3 2,6 #1 #2 #4 #3 5,0 max. 7,5 max. 1,4 0,1 lead-free/rohs-conformal 5,08 4,2 2,0 1,8


▲Up To Search▲   

 
Price & Availability of NM4SOJ3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X