Part Number Hot Search : 
TC1412 STM32 BSX45 3PSF402 SMCJ28 N3409 3PSF402 2SC5851
Product Description
Full Text Search
 

To Download MUR7040R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v rrm = 400 v - 600 v i f = 70 a features ? high surge capability do-5 package ? not esd sensitive note: 1. standard polarity: stud is cathode. 3. stud is base. parameter symbol mur7040 (r) unit repetitive peak reverse voltage v rrm 400 v rms reverse voltage v rms 280 v mur7040 thru mur7060r maximum ratings, at t j = 25 c, unless otherwise specified ("r" devices have leads reversed) conditions 2. reverse polarity (r): stud is anode. silicon super fast recover y diode mur7060 (r) 600 420 ? types from 400 v to 600 v v rrm dc blocking voltage v dc 400 v continuous forward current i f 70 a operating temperature t j -55 to 150 c storage temperature t stg -55 to 150 c parameter symbol mur7040 (r) unit diode forward voltage 1.3 25 a 3ma recovery time maximum reverse recovery time t rr 75 ns i f =0.5 a, i r =1.0 a, i rr = 0.25 a v r = 50 v, t j = 125 c v 3 90 a v r = 50 v, t j = 25 c i f = 70 a, t j = 25 c t c 125 c conditions 1000 t c = 25 c, t p = 8.3 ms 25 electrical characteristics, at tj = 25 c, unless otherwise specified surge non-repetitive forward current, half sine wave i f,sm reverse current i r v f 70 1000 -55 to 150 -55 to 150 1.7 mur7060 (r) 600 www.genesicsemi.com/s ilicon-products/super-fast-recovery-rectifiers/ 1
mur7040 thru mur7060r www.genesicsemi.com/s ilicon-products/super-fast-recovery-rectifiers/ 2
package dimensions and terminal configuration product is marked with part number and terminal configuration. mur7040 thru mur7060r do- 5 (do-203ab) j k g f a e d p n b c m inches millimeters min max min max a 1/4 ?28 unf b 0.669 0.687 17.19 17.44 c ----- 0.794 ----- 20.16 d ----- 1.020 ----- 25.91 e 0.422 0.453 10.72 11.50 f 0.115 0.200 2.93 5.08 g ----- 0.460 ----- 11.68 j ----- 0.280 ----- 7.00 k 0.236 ----- 6.00 ----- m ----- 0.589 ----- 14.96 n ----- 0.063 ----- 1.60 p 0.140 0.175 3.56 4.45 www.genesicsemi.com/s ilicon-products/super-fast-recovery-rectifiers/ 3


▲Up To Search▲   

 
Price & Availability of MUR7040R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X