Part Number Hot Search : 
Y7C63 SCB35M 2001B MHW1345N ZMD77W MC3336 RKZ18B2 MAX1668
Product Description
Full Text Search
 

To Download MBR10150CFSH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBR10150CFSH schottky barrier rectifier reverse voltage - 150 volts forward current - 10 amperes features mechanical data * halogen-free type * compliance to rohs produc * low power loss & high efficiency * high surge capability * 10 amperes total (5 amperes per diode leg) * high surge current capability * epitaxial construction * plastic material-ul recognition flammability classification 94v-0 case : jedec ito-220ab molded plastic body terminals : plated leads, solderable per mil-std-750, method 2026 polarity : molded on body mounting position : any maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. peak repetitive forward current (rated vr, square wave, 20khz) maximum instantaneous forward voltage @ i f = 5 a maximum dc reverse current at rated dc blocking voltage @t j =25 o c @t j =125 o c symbols i fm v f i r 10 0.88 0.72 0.005 1 units maximum repetitive peak reverse voltage v rrm maximum rms voltage v rms maximum dc blocking voltage v dc MBR10150CFSH 150 105 150 volts typical junction capacitance (note) c j 150 pf typical thermal resistance r cja 75 j / w volts maximum average forward rectified current i (av) 10 amps amps peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 175 amps ma storage temperature range t stg -55 to +200 j operating junction temperature t j 175 j zowie technology corporation rev. 0 note : measured at 1.0mhz and applied reverse voltage of 4.0v. t j =25 o c t j =125 o c *dimensions in inches and (millimeters) 1 2 3 ito-220ab 0.413(10.50) 0.374(9.50) 0.114(2.90) 0.118(3.0) min. 1 2 3 0.098(2.50) 0.161(4.10) max. 0.043(1.10) 0.019(0.50) 0.106(2.70) 0.087(2.20) 0.055(1.40) 0.039(1.00) 0.130(3.30) 0.091(2.30) 0.193(4.90) 0.165(4.20) 0.590(15.00) 0.488(12.40) 0.610(15.50) 0.571(14.50) 0.031(0.80) 0.016(0.40) 0.274(6.95) 0.226(5.75) 0.138(3.50) max.
ratings and characteristic curves of MBR10150CFSH fig.1 - forward current derating curve average forward rectified current, amperes ambient temperature, o c fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave 0 50 25 75 125 175 100 150 200 1 10 100 0 0 2 3 4 1 5 20 40 60 80 100 180 160 140 120 zowie technology corporation rev. 0 fig.3 - typical instantaneous forward characteristics iinstantaneous forward current, amperes instantaneous forward voltage, volts 0 0.1 1.0 10 50 0.2 0.4 0.6 0.8 1.0 t j =125 o c t j =25 o c fig.5 - typical junction capacitance reverse voltage, volts 0.1 10 junction capacitance, pf 1.0 10 100 1000 100 t j =25 o c f = 1.0mhz vsig = 20mvp-p fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current (ua) 0 0.01 0.1 1.0 10 100 1000 20 40 60 80 100 t j =25 o c t j =125 o c t j =150 o c t j =175 o c t j =100 o c t j =75 o c dc r cja = 75j/w
packing information zowie technology corporation rev. 0 package ito-220ab 50 4 8 570 x 147 x 150 585 x 316 x 164 inner box size (mm) carton size (mm) tube (pcs) inner box (kpcs) carton (kpcs) packing qty.


▲Up To Search▲   

 
Price & Availability of MBR10150CFSH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X