Part Number Hot Search : 
WT613 LC371 DL4728A SMF33 P4NA10 M200V35X 1N1197 1N4946G
Product Description
Full Text Search
 

To Download LMUN2110LT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pin 1 base (input) pin 3 collector (output) pin 2 emitter (ground) r 1 r 2 lmun2110lt1g series 

 
 pnp silicon surface mount transistors with monolithic bias resistor network this new series of digital transistors is designed to replace a single device and its external resistor bias network. the brt (bias resistor transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. the brt eliminates these individual components by integrating them into a single device. the use of a brt can reduce both system cost and board space. the device is housed in the sot-23 package which is designed for low power surface mount applications. ? simplifies circuit design ? reduces board space ? reduces component count ? the sot-23 package can be soldered using wave or reflow. the modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. ? available in 8 mm embossed tape and reel. use the device number to order the 7 inch/3000 unit reel. replace ?t1? with ?t3? in the device number to order the 13 inch/10,000 unit reel. maximum ratings (t a = 25 c unless otherwise noted) rating symbol value unit collector-base voltage v cbo 50 vdc collector-emitter voltage v ceo 50 vdc collector current i c 100 madc thermal characteristics characteristic symbol max unit total device dissipation t a = 25 c derate above 25 c p d 246 (note 1.) 400 (note 2.) 1.5 (note 1.) 2.0 (note 2.) mw c/w thermal resistance ? junction-to-ambient r ja 508 (note 1.) 311 (note 2.) c/w thermal resistance ? junction-to-lead r jl 174 (note 1.) 208 (note 2.) c/w junction and storage temperature range t j ,t stg ?55 to +150 c 1. fr?4 @ minimum pad 2. fr?4 @ 1.0 x 1.0 inch pad sot-23 ? leshan radio company, ltd. we declare that the material of product compliance with rohs requirements. rev.o 1/16 1 3 2 series s-lmun2110lt1g ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable
lmun2110lt1g series device marking and resistor values lmun2111lt1g lmun2111lt3g sot - 23 a6a 10 10 3000/tape & reel 10,000/tape & reel lmun2110lt1g (note 3.) lmun2110lt3g sot - 23 a6o 47 8 3000/tape & reel 10,000/tape & reel lmun2112lt1g lmun2112lt3g sot - 23 a6b 22 22 3000/tape & reel 10,000/tape & reel lmun2113lt1g lmun2113lt3g sot - 23 a6c 47 47 3000/tape & reel 10,000/tape & reel lmun2114lt1g lmun2114lt3g sot - 23 a6d 10 47 3000/tape & reel 10,000/tape & reel lmun2115lt1g lmun2115lt3g sot - 23 a6e 10 8 3000/tape & reel 10,000/tape & reel lmun2116lt1g lmun2116lt3g sot - 23 a6f 4.7 8 3000/tape & reel 10,000/tape & reel lmun2130lt1g (note 3.) lmun2130lt3g sot - 23 a6g 1.0 1.0 3000/tape & reel 10,000/tape & reel lmun2131lt1g lmun2131lt3g sot - 23 a6h 2.2 2.2 3000/tape & reel 10,000/tape & reel lmun2132lt1g lmun2132lt3g sot - 23 a6j 4.7 4.7 3000/tape & reel 10,000/tape & reel lmun2133lt1g lmun2133lt3g sot - 23 a6k 4.7 47 3000/tape & reel 10,000/tape & reel lmun2134lt1g (note 3.) lmun2134lt3g sot - 23 a6l 22 47 3000/tape & reel 10,000/tape & reel package marking r1 (k) r2 (k) shipping device leshan radio company, ltd. lmun2136lt1g lmun2136lt3g sot - 23 a6n 100 100 3000/tape & reel 10,000/tape & reel lmun2137lt1g lmun2137lt3g sot - 23 a6p 47 22 3000/tape & reel 10,000/tape & reel lmun2140lt1g (note 3.) lmun2140lt3g sot - 23 a6t 47 3000/tape & reel 10,000/tape & reel 8 lmun2138lt1g (note 3.) lmun2138lt3g sot - 23 a6r 2.2 3000/tape & reel 10,000/tape & reel 8 3. new devices. updated curves to follow in subsequent data sheets. rev.o 2/16 s-lmun2110lt1g series
lmun2110lt1g series electrical characteristics (t a = 25 c unless otherwise noted) (continued) characteristic symbol min typ max unit dc current gain (v ce = 10 v, i c = 5.0 ma ) h fe 35 60 80 80 80 160 160 3.0 8.0 15 80 80 60 100 140 140 140 250 250 5.0 15 27 140 130 collector-emitter saturation voltage (i c = 10 ma, i b = 0.3 ma) (i c = 10 ma, i b = 5 ma) lmun2130lt1g/lmun2131lt1g (i c = 10 ma, i b = 1 ma) lmun2115lt1g/lmun2116lt1g/ lmun2132lt1g/lmun2133lt1g/ v ce(sat) - - 0.25 vdc on characteristics (note 5.) ? ? ? ? ? ? ? ? ? ? ? ? leshan radio company, ltd. lmun2111lt1g lmun2112lt1g lmun2113lt1g lmun2114lt1g lmun2115lt1g lmun2116lt1g lmun2130lt1g lmun2131lt1g lmun2132lt1g lmun2133lt1g lmun2110lt1g lmun2134lt1g i cbo - - 100 nadc collector-emitter cutoff current (v ce = 50 v, i b = 0) i ceo - - 500 nadc emitter-base cutoff current lmun2111lt1g (v eb = 6.0 v, i c = 0) lmun2112lt1g lmun2113lt1g lmun2114lt1g lmun2115lt1g lmun2116lt1g lmun2130lt1g lmun2131lt1g lmun2132lt1g lmun2133lt1g lmun2110lt1g lmun2134lt1g i ebo 0.5 0.1 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 madc collector-base breakdown voltage (i c = 10 a, i e = 0) v (br)cbo 50 - - vdc collector-emitter breakdown voltage (note 4.) (i c = 2.0 ma, i b = 0) v (br)ceo 50 - - vdc 4. pulse test: pulse width < 300 s, duty cycle < 2.0% electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector-base cutoff current (v cb = 50 v, i e = 0) ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? lmun2136lt1g 0.05 ? ? lmun2137lt1g 0.13 ? ? lmun2138lt1g 4.0 ? ? 80 150 ? lmun2136lt1g 80 140 ? lmun2137lt1g 120 250 ? lmun2140lt1g lmun2134lt1g/lmun2138ltg/lmun2140lt1g lmun2140lt1g 0.2 ? ? 160 350 ? lmun2138lt1g rev.o 3/16 s-lmun2110lt1g series
lmun2110lt1g series leshan radio company, ltd. electrical characteristics (t a = 25 c unless otherwise noted) (continued) characteristic symbol min typ max unit output voltage (on) (v cc = 5.0 v, v b = 2.5 v, r l = 1.0 k ? ) lmun2111lt1g lmun2112lt1g lmun2114lt1g lmun2114lt1g lmun2115lt1g lmun2116lt1g lmun2130lt1g lmun2131lt1g lmun2132lt1g lmun2133lt1g lmun2134lt1g (v cc = 5.0 v, v b = 3.5 v, r l = 1.0 k ? ) lmun2113lt1g v ol 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 vdc output voltage (off) (v cc = 5.0 v, v b = 0.5 v, r l = 1.0 k ? ) (v cc = 5.0 v, v b = 0.25 v, r l = 1.0 k ? ) lmun2115lt1g lmun2116lt1g lmun2131lt1g lmun2132lt1g (v cc = 5.0 v, v b = 0.050 v, r l = 1.0 k ? ) lmun2130lt1g v oh 4.9 vdc input resisto r r 1 7.0 15.4 32.9 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 10 22 47 47 10 10 4.7 1.0 2.2 4.7 4.7 22 13 28.6 61.1 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 k ? resistor ratio lmun2111lt1g/lmun2112lt1g/ lmun2114lt1g lmun2115lt1g/lmun2116lt1g/ lmun2110lt1g/lmum2138lt1g/lmun2140lt1g lmun2130lt1g/lmun2131lt1g/ lmun2133lt1g r 1 /r 2 0.8 0.17 - 0.055 1.0 0.21 - 0.1 1.2 0.25 - 0.185 5. pulse test: pulse width < 300 s, duty cycle < 2.0% on characteristics (note 5.) lmun211 0 lt1g 0.2 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? - - - - lmun2111lt1g lmun2112lt1g lmun2113lt1g lmun2114lt1g lmun2115lt1g lmun2116lt1g lmun2130lt1g lmun2131lt1g lmun2132lt1g lmun2133lt1g lmun2110lt1g lmun2134lt1g lmun2140lt1g 0.2 - - (v cc = 5.0 v, v b = 5.5 v, r l = 1.0 k ? ) lmun2136lt1g 0.2 - - (v cc = 5.0 v, v b = 4.0 v, r l = 1.0 k ? ) lmun2137lt1g 0.2 - - lmun2140lt1g 70 100 130 lmun2136lt1g 32.9 47 61.1 lmun2137lt1g lmun2140lt1g 32.9 47 61.1 lmun2113lt1g/lmun2136lt1g/ lmun2132lt1g lmun2137lt1g 1.7 2.1 2.6 lmun2138lt1g 0.2 ? ? lmun2138lt1g 1.54 2.2 2.86 lmun2138lt1g rev.o 4/16 s-lmun2110lt1g series
typical electrical characteristics lmun2111lt1g          

  
   
           ! " # $   
   
    %&'  ()
(
(         ! #    
   
   * +  , 
  
 (
-,   "      "              .
    /0   
  1+        "  2   (34 5              
 6
.       
   
      

                  "       figure 1. derating curve               (.
  ( 
   ,  7 ,


 (

7  8  ! 67 figure 2. v ce(sat) versus i c figure 3. dc current gain figure 4. output capacitance figure 5. output current versus input voltage figure 6. input voltage versus output current   lmun2110lt1g series leshan radio company, ltd. rev.o 5/16 s-lmun2110lt1g series
lmun2110lt1g series typical electrical characteristics lmun2112lt1g figure 7. v ce(sat) versus i c figure 8. dc current gain  
   
   * +  , 
  
 (
-,       "      figure 9. output capacitance
   
           "    

          figure 10. output current versus input voltage              

   "       
   
    ! " # $  figure 11. input voltage versus output current   %&'  ()
(
(        
   
     ! # "                    .
    /0   
  1+   2   (34 5                   
 6
.       leshan radio company, ltd. rev.o 6/16 s-lmun2110lt1g series
lmun2110lt1g series typical electrical characteristics lmun2113lt1g figure 12. v ce(sat) versus i c          
   
     

         "   figure 13. dc current gain figure 14. output capacitance       
   
       

     figure 15. output current versus input voltage * +  
  
 (
-,      
   
       figure 16. input voltage versus output current
   
        "     %&'  ()
(
(        # !        .
    /0   
  1+      ! " # $ 2   (34 5                   
 6
.    "    "      leshan radio company, ltd. rev.o 7/16 s-lmun2110lt1g series
lmun2110lt1g series typical electrical characteristics lmun2114lt1g leshan radio company, ltd. rev.o 8/16 s-lmun2110lt1g series
lmun2110lt1g series leshan radio company, ltd. 75 c 25 c ? 25 c figure 22. v ce(sat) versus i c figure 23. dc current gain figure 24. output capacitance figure 25. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 26. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 30 20 10 0 0.1 1 40 50 v in , input voltage (volts) 75 c 25 c t a = ? 25 c 75 c 25 c t a = ? 25 c 75 c 25 c t a = ? 25 c 0.01 35 25 15 5 0.01 0.1 30 10 12 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v typical electrical characteristics lmun2115lt1g rev.o 9/16 s-lmun2110lt1g series
leshan radio company, ltd. typical electrical characteristics lmun2116lt1g 75 c 25 c ? 25 c figure 27. v ce(sat) versus i c figure 28. dc current gain figure 29. output capacitance figure 30. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 31. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 30 20 10 0 0.1 1 40 50 v in , input voltage (volts) 75 c 25 c t a = ? 25 c 75 c 25 c t a = ? 25 c 75 c 25 c t a = ? 25 c 0.01 35 25 15 5 0.01 0.1 30 10 12 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v rev.o 10/16 lmun2110lt1g series s-lmun2110lt1g series
leshan radio company, ltd. figure 32. v ce(sat) vs. i c 75 c i c /i b =10 10 1 0.1 0.01 15 5 020 i c , collector current (ma) v ce(sat), maximum collector voltage (v) 25 35 ? 25 c 25 c 30 figure 33. dc current gain i c /i b = 10 1 1000 100 10 10 100 1 i c , collector current (ma) hfe, dc current gain 75 c ? 25 c 25 c figure 34. output capacitance 0 8 6 20 4 2 0 v r, reverse bias voltage (v) c ob, capacitance (pf) 10 55 50 40 30 10 12 45 35 25 15 5 f = 1 mhz i e = 0 a t a = 25 c figure 35. output current vs. input voltage 0 100 10 246 1 0.01 0.01 8 v in, input voltage (v) i c , collector current (ma) v o = 5 v 75 c t a = 25 c ? 25 c 1357 figure 36. input voltage vs. output current v o = 0.2 v 0 10 10 20 25 1 0.1 i c, collector current (ma) t a = ? 25 c 75 c 25 c 515 vi n, input voltage (volts) typical electrical characteristics lmun2131lt1g rev.o 11/16 lmun2110lt1g series s-lmun2110lt1g series
leshan radio company, ltd. typical electrical characteristics lmun2132lt1g 75 c 25 c ? 25 c figure 37. v ce(sat) versus i c figure 38. dc current gain figure 39. output capacitance figure 40. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 41. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 30 20 10 0 0.1 1 40 50 v in , input voltage (volts) 75 c 25 c t a = ? 25 c 75 c 25 c t a = ? 25 c 75 c 25 c t a = ? 25 c 0.01 35 25 15 5 0.01 0.1 30 10 12 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v rev.o 12/16 lmun2110lt1g series s-lmun2110lt1g series
leshan radio company, ltd. typical electrical characteristics lmun2133lt1g 75 c 25 c ? 25 c figure 42. v ce(sat) versus i c figure 43. dc current gain figure 44. output capacitance figure 45. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 46. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 30 20 10 0 0.1 1 40 50 v in , input voltage (volts) 75 c 25 c t a = ? 25 c 75 c 25 c t a = ? 25 c 75 c 25 c t a = ? 25 c 0.01 35 25 15 5 0.01 0.1 30 5 1 3 7 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v figure 47. inexpensive, unregulated current source rev.o 13/16 lmun2110lt1g series s-lmun2110lt1g series
leshan radio company, ltd. typical electrical characteristics lmun2136lt1g 75 c 25 c ? 25 c figure 48. maximum collector voltage vs. collector current figure 49. dc current gain figure 50. output capacitance figure 51. output current vs. input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 52. input voltage vs. output current i c , collector current (ma) i c , collector current (ma) 1 0.1 7 6 5 4 3 2 1 0 i c , collector current (ma) 100 10 1 100 10 1 0.01 1000 v ce(sat) , maximum collector voltage (volts) h fe , dc current gain 1.2 0.6 60 50 40 30 20 10 0 0 c ob , capacitance (pf) 0.2 0.4 0.8 1.0 100 6 5 4 3 2 1 0 0.1 1 10 i c , collector current (ma) 10 9 8 7 100 12 10 8 6 4 2 0 1 10 18 16 14 20 v in , input voltage (volts) i c /i b = 10 75 c 25 c t a = ? 25 c v ce = 10 v 75 c 25 c t a = ? 25 c v o = 5 v v o = 0.2 v 75 c 25 c t a = ? 25 c f = 1 mhz i e = 0 v t a = 25 c rev.o 14/16 lmun2110lt1g series s-lmun2110lt1g series
leshan radio company, ltd. typical electrical characteristics lmun2137lt1g figure 53. maximum collector voltage vs. collector current figure 54. dc current gain figure 55. output capacitance figure 56. output current vs. input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 57. input voltage vs. output current i c , collector current (ma) i c , collector current (ma) 1 0.1 35 30 25 20 15 10 5 0 i c , collector current (ma) 100 10 1 100 10 0.01 1000 v ce(sat) , maximum collector voltage (volts) h fe , dc current gain 1.4 0.6 60 50 40 30 20 10 0 0 c ob , capacitance (pf) 0.2 0.4 0.8 1.0 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 11 9 8 7 100 15 10 5 0 1 10 20 25 v in , input voltage (volts) 50 45 40 0.1 0.01 10 1.2 f = 1 mhz i e = 0 v t a = 25 c 75 c 25 c t a = ? 25 c v o = 5 v 75 c 25 c t a = ? 25 c v o = 0.2 v 75 c 25 c t a = ? 25 c i c /i b = 10 v ce = 10 v 75 c 25 c t a = ? 25 c rev.o 15/16 lmun2110lt1g series s-lmun2110lt1g series
d j k l a c b s h g v 12 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 pin 1. base 2. emitter 3. collector 0.031 0.8 sot-23 3 leshan radio company, ltd. rev.o 16/16 lmun2110lt1g series s-lmun2110lt1g series


▲Up To Search▲   

 
Price & Availability of LMUN2110LT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X