Part Number Hot Search : 
SLF12565 5534D UML2N TFPT1206 BD6726FU APT50M GBU1008 QS7785CF
Product Description
Full Text Search
 

To Download IRF830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220 / plastic-encapsulate mosfet s IRF830 mosfet( n-channel ) features . dynamic dv/dt rating . repetitive avalanche rated . fast switching . ease of paralleling . simple drive requirement maximum ratings ( t a =25 unless otherwise noted ) symbol parameter value units i d @t c =25 continuous drain current, v gs @ 10 v 4.5 a i d @t c =100 continuous drain current, v gs @ 10 v 2.9 a i dm pulsed drain current (note 1) 18 a p d power dissipation 2 w v gs gate-souse voltage 20 v e as single pulse avalanche energy (note2) 280 mj i ar avalanche current (note 1) 4.5 a e ar repetitive avalanche energy (note 1) 7.4 mj dv/dt peak diode recovery dv/dt (note 3) 3.5 v/ns t j junction temperature 150 t stg storage temperature -55 ~+ 15 0 1 r ja thermal resistance from junction to ambient 62 .5 /w to-220-3l 1. gate 2. drain 3. source 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,jan,2014
electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions m in t yp m ax u nit drain- s ource b reakdown v oltage v (br)dss v gs =0v,i d =250 a 500 gate- t hreshold v oltage v (gs) th v ds =v gs , i d =250 a 2 4 v gate-body l eakage l gss v ds =0v, v gs = 20 v 100 na v ds =500v, v gs =0v 25 zero g ate v oltage d rain c urrent i dss a drain- s ource o n- r esistance r ds( o n) v gs =10v, i d =2.7a (note 4) 1.5 forward t ran s conductance g fs v ds =50v, i d =2.7a (note 4 ) 2.5 s diode f orward v oltage v sd i s =4.5a, v gs =0v 1.6 v total g ate c harge q g gate- s ource c harge q gs gate- d rain c harge q gd v ds =400v, v gs =10v,i d =3.1a 22 nc input c apacitance c iss output c apacitance c oss 160 reverse t ransfer c apacitance c r ss v ds =25v, v gs =0v,f=1mhz pf . 610 6 8 38 5.0 ? turn-on delay time t d (on) 8.2 ns rise time t r 16 turn-off delay time t d(off) 42 ns v dd =250v,r d =79 ? , i d =3.1a,r g =12 ? 16 ns ns fall time t r notes: 1. repetitive rating : pulse width li mited by maximum junction temperature . 2. l = 24mh, i as = 4.5a, v dd = 50v, r g = 25 , starting t j = 25c . 3. i sd = 4.5a, di/dt = 300a/s, v dd = v (br)dss , starting t j = 25c . 4. pulse test : pulse width 300s, duty cycle 2% . ? (note 4) (note 4) (note 4,5) (note 4,5) (note 4,5) (note 4,5) (note 5) (note 5) (note 5) 5 these parameters have no way to verify. 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,jan,2014
01234567 0.0 0.4 0.8 1.2 1.6 2.0 25 50 75 100 125 0 1 2 3 4 5 0.0 0.4 0.8 1.2 1.6 0.01 0.1 1 345678910 0 1 2 3 4 5 6 7 8 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 5 10 15 20 25 30 0 1 2 3 4 5 6 7 8 v ds =10v pulsed drain current i d (a) gate to source voltage v gs (v) transfer characteristics t a =100 t a =25 i d =250ua threshold voltage threshold voltage v th (v) junction temperature t j ( ) 4.5 pulsed source current i s (a) source to drain voltage v sd (v) v sd i s ?? t a =100 t a =25 pulsed i d =2.7a r ds(on) ?? v gs on-resistance r ds(on) ( ) gate to source voltage v gs (v) t a =100 t a =25 t a =25 pulsed on-resistance r ds(on) ( ) drain current i d (a) i d ?? r ds(on) v gs =10v v gs =5.5v pulsed IRF830 output characteristics drain current i d (a) drain to source voltage v ds (v) v gs = 6v 10v v gs =5v v gs =4.5v 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,jan,2014


▲Up To Search▲   

 
Price & Availability of IRF830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X