gp30a thru gp30m vishay general semiconductor document number: 88640 revision: 03-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 glass passivated junction plastic rectifiers features ? superectifier struct ure for high reliability condition ? cavity-free glass-passivated junction ? low leakage current, typical i r less than 0.1 a ? low forward voltage drop ? high forward surge capability ? meets environmental standard mil-s-19500 ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in high voltage rectification of power supply, inverters, converters, freewheeling diodes and snubber circuit application. mechanical data case: do-201ad, molded epoxy over glass body epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test, he3 suffix for high reliability grade (aec q101 qualified), meets jesd 201 class 2 whisker test polarity: color band denotes cathode end primary characteristics i f(av) 3.0 a v rrm 50 v to 1000 v i fsm 125 a i r 5.0 a v f 1.2 v, 1.1 v t j max. 175 c do-201ad patented* ? * glass-plastic encapsulation technique is covered by patent no. 3,996,602, and brazed-lead assembly by patent no. 3,930,306 maximum ratings (t a = 25 c unless otherwise noted) parameter symbol gp30a gp30b gp30d gp30g gp30j gp30k gp30m unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 55 c i f(av) 3.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 125 a maximum full load reverse current, full cycle average 0.375" (9.5 mm) lead length at t a = 55 c i r(av) 100 a operating junction and storage temperature range t j , t stg - 65 to + 175 c
gp30a thru gp30m vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88640 revision: 03-apr-08 2 note: (1) thermal resistance from junction to ambient and from j unction to lead at 0.375" (9.5 mm) lead length, p.c.b. mounted note: (1) automotive grade aec q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol gp30a gp30b gp30d gp30g gp30j gp30k gp30m unit maximum instantaneous forward voltage 3.0 a v f 1.2 1.1 v maximum reverse current at rated dc blocking voltage t a = 25 c t a = 125 c i r 5.0 100 a maximum reverse recovery time i f = 0.5 a, i r = 1.0 v, i rr = 0.25 a t rr 5.0 s typical junction capacitance 4.0 v, 1 mhz c j 40 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol gp30a gp30b gp30d gp30g gp30j gp30k gp30m unit typical thermal resistance (1) r ja r jl 20 10 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode gp30j-e3/54 1.28 54 1400 13" diameter paper tape and reel gp30j-e3/73 1.28 73 1000 ammo pack packaging gp30jhe3/54 (1) 1.28 54 1400 13" diameter paper tape and reel gp30jhe3/73 (1) 1.28 73 1000 ammo pack packaging figure 1. forward current derating curve 0 25 50 100 75 125 150 175 0 1.0 2.0 3.0 4.0 a v erage for w ard re ctified c u rrent (a) 60 hz resisti v e or ind u cti v e load 0.375" (9.5 mm) lead length am b ient temperat u re (c) figure 2. maximum non-repetitive peak forward surge current 1 10 100 10 100 1000 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) t j = t j max. 8 .3 ms single half sine- w a v e
gp30a thru gp30m vishay general semiconductor document number: 88640 revision: 03-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics 0.6 0. 8 0.9 0.7 1.0 1.1 1.2 1.3 10 100 1 0.1 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle 0 20 40 60 8 0 100 0.01 0.1 1 10 t j = 125 c t j = 25 c t j = 75 c percent of rated peak re v erse v oltage (%) instantaneo u s re v erse leakage c u rrent ( a) figure 5. typical junction capacitance 1 10 100 10 100 re v erse v oltage ( v ) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p j u nction capacitance (pf) do-201ad 0.210 (5.3) 0.190 (4. 8 ) dia. 0.052 (1.32) 0.04 8 (1.22) dia. 1.0 (25.4) mi n . 1.0 (25.4) mi n . 0.375 (9.5) 0.2 8 5 (7.2)
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.
|