Part Number Hot Search : 
GL1500 ST723244 HER803 A8504 L6390 ACT9211 2SB566AK 1N4756G
Product Description
Full Text Search
 

To Download FYLS-0603CUBC-Z1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model. no. rev. ningbo foryard optoelectronics co.,ltd add: no.115 qixin road ningbo zhejiang china zip: 315051 tel: 0086-574-87933652 87927870 87922206 fax: 0086-574-87927917 e-mail: sales@foryard.com ( general) http://www.foryard.com page 1/8 approved by applications: light strips lcd backlight decorative lighting prepared by interior automotive illuminations mobile phones product specification model no. FYLS-0603CUBC-Z1 customer approved signatures smd type size (mm):1.6*0.6*1.0 checked by FYLS-0603CUBC-Z1 a features: indicators rohs compliant smt package suitable for all smt assembly and soldering method http://www.foryard.com pb-free reflow soldering application emitting color:blue
model. no. rev. mechanical dimensions notes: 1. dimension in millimeter [inch], tolerance is 0. 25 [.010]. 2.the specifications,characteristics and technical data described in the datasheet are subject to chan ge without prior notice. page 2/8 model no. FYLS-0603CUBC-Z1 http://www.foryard.com FYLS-0603CUBC-Z1 a
model. no. rev. min. typ. 2.80 --- 470 468 120 50% power angle --- 130 --- page 3/8 note: 2.pay attention about static for ingan 1.luminous intensity is based on the for yard standards. material / gold silicone ingan mcd deg material item reflector wire encapsulate chip if = 20ma 10 unit v u a nm nm if = 20ma if = 20ma luminous intensity iv 2? condition if = 20ma vr = 5v if = 20ma reverse current peak emission wavelength dominant wavelength symbol vf ir p d v absolute maximum rating 30 items forward voltage max 3.60 reflow soldering:250 /5sec reverse voltage mw if 100 100 -30 o c +80 o c -40oc +100oc soldering temperature vr tsol 5 power dissipation operation temperature topr a symbol ifp peak forward current* absolute maximun ratings(ta=25 o oo o c) *pulse width Q Q Q Q 1msec duty Q Q Q Q 1/10 FYLS-0603CUBC-Z1 model no. FYLS-0603CUBC-Z1 items forward current(dc) pd unit ma ma typical electrical &optical charcteristics(ta=25oc ) tstg storage temperature http://www.foryard.com
model. no. rev. typical eletrical/optical characteristics curves(t a=25 o oo o c unless otherwise noted) page 4/8 FYLS-0603CUBC-Z1 a model no. FYLS-0603CUBC-Z1 http://www.foryard.com relative lumionous intensity(lop @max=1) ingan/al 2 o 3
model. no. rev. packing diagram note: the specifications are subject to change with out notice. please contact us for updated informati on. page 5/8 model no. FYLS-0603CUBC-Z1 a http://www.foryard.com FYLS-0603CUBC-Z1
model. no. rev. packing diagram note: the specifications are subject to change with out notice. please contact us for updated informati on. page 6/8 FYLS-0603CUBC-Z1 a model no. FYLS-0603CUBC-Z1 http://www.foryard.com foryard o p t o e l e c t r o n i c s led ledled led pn:fyls-xxxxx-xx qty:xxxxx pcs date:xxxx/xx/xx gw: xx kg nw: xx kg xxxxxxxxxx rohs rohs rohs rohs attention attention attention attention 0603c 4000/reel 9 reels /box 6 boxes/carton qc: qc pass reel 1 1 . 5 30 18 . 5 foryard o p t o e l e c t r o n i c s www.foryard.com 39.0 3 8 . 0 3 2 . 0 outside label outside label
model. no. rev. precautions for use: page 7/8 required if the shelf life has expired 1. storage (2)reflow soldering temperature profile baking is required take the material out of the pac kaging bag before baking. do not open the oven door use a soldering iron of less than 25 watts is recom mended . the iron temperature must be kept below 3 15 handling of an smd led should be done only when the package has been cooled down to below 40 and soldering time no more than 2 seconds. the epoxy resin of an smd led should not contact th e tip of the soldering iron. no mechanical stress should be exerted on the resin portion of an smd led during soldering. model no. FYLS-0603CUBC-Z1 http://www.foryard.com before opening the packaging , check for air leaks in the bag. FYLS-0603CUBC-Z1 frequently during the baking process. 2. soldering (1) manual soldering with a soldering iron secondary protection a the shelf life of leds stored in the original seale d bag at <40 and < 90% rh is 12 months. baking is to prevent moisture absorption into smd leds during the transportation and storage , the leds are pac ked smd leds must be used within 24 hours. if the leds are not within 24 hours after removal from the bag , after the bag is opened, the smd leds must be store d at <30 and < 60% rh. under these conditions, in a moisture-barrier bag. desiccants and a humidit y indicator are packed together with the leds as peak temperature temperature pre-heat soak reflow cooling time melting-point
model. no. rev. page 8/8 high-brightness led light may injure human eyes. av oid looking directly into lighted led the appearance and specifications of the product ma y be modified for improvement without notice. 3. static electricity esd shoe strap or an anti-electrostatic glove be us ed when handling the leds. when washing is required, ipa (isopropyl alcohol) s hould be used. all devices, equipment and machinery must be proper ly grounded 4. others is changed slightly an operating current and therm al. this device should not be used in any type of fluid such as water, oil, organic solvent and etc must be pre-qualified to avoid damage to t he smd leds. reflow soldering should not be done more t han one time no stress should be exerted on the package during soldering. (3) recommend soldering pad design(unit=mm) duration above 217 is 80 sec. max preheat time:100seconds.max ramp-down rate:6 /sec.max peak temperature:250 http://www.foryard.com model no. FYLS-0603CUBC-Z1 solder=sn63-pb37 average ramp-up rate:4 /sec.max peak preheat temperature:100-150 preheat time:100seconds.max ramp-down rate:6 /sec.max peak temperature:230 time within 5 of actual peak temperature=10 sec. max average ramp-up rate:4 /sec.max duration above 183 is 80 sec. max FYLS-0603CUBC-Z1 a time within 5 of actual peak temperature=10 sec. max peak preheat temperature:100-150 solder= pb-free smd led should not be modified after solde ring. if modification cannot be avoided, the modifi cation static electricity and surge voltage damage the led s. so it is recommended that an esd wrist band, reverse voltage should not exceed the absolute maxi mum rating on the data sheet. the colour of the le ds the influence of ultrasonic cleaning on the leds de pends on factors such as ultrasonic power and the w ay.


▲Up To Search▲   

 
Price & Availability of FYLS-0603CUBC-Z1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X