Part Number Hot Search : 
FJP5321 HB2440CK OP37FJ 13005 ISL62 MSC23 GS101 MSC23
Product Description
Full Text Search
 

To Download FFB0412VHN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  42 http://www.deltaww.com ffb dimensions drawing p & q curve (at rated voltage) 40 x 40 x 28 mm series * bearing type ball bearings * material impeller & pillow : plastic(ul 94v-0) * lead wires : ul 1007 awg #24 or equivalent red wire positive(+) black wire negative(-) * weight : 32g (1.13 oz) model rated voltage operating voltage range input current input power speed maximum air flow maximum air pressure noise part no. function vdc vdc amp watt r.p.m. m 3 /min cfm mmh 2 o in h 2 o db-a ffb0412mn -r00/-f00 12 4.5 to 13.8 0.05 0.60 5000 0.228 8.05 3.77 0.148 30.0 ffb0424mn -r00/-f00 24 14.0 to 27.6 0.04 0.96 ffb0412hn -r00/-f00 12 4.5 to 13.8 0.07 0.84 6500 0.300 10.59 6.30 0.248 36.0 ffb0424hn -r00/-f00 24 14.0 to 27.6 0.06 1.44 ffb0412hhn -r00/-f00 12 4.5 to 13.8 0.11 1.32 8000 0.375 13.24 9.39 0.370 41.0 ffb0424hhn -r00/-f00 24 14.0 to 27.6 0.08 1.92 FFB0412VHN -r00/-f00 12 4.5 to 13.8 0.16 1.92 9500 0.447 15.79 12.94 0.509 45.0 ffb0424vhn -r00/-f00 24 14.0 to 26.4 0.10 2.40 ffb0412shn -r00/-f00 12 4.5 to 13.8 0.50 6.00 13000 0.680 24.00 27.30 1.075 54.5 * function type is optional. * the max. air fow and the speed are measured in free air ; max. air pressure is measured at zero air fow. * noise is measured in anechoic chamber in free air, one meter from intake side. * all readings are typical values at rated voltage. * specifcations are subject to change without notice. mounting panel cutout (inch) unit: mm (m 3 /min) inlet side outlet side (mm h 2 o) (in h 2 o) mm (inch) unit: air pressure air flow (cfm) 0 6 12 18 24 0 0.2 0.4 0.6 0.8 1.0 1.2 15 0 5 10 20 25 30 0 .75 0 .45 0 .6 0 .3 0 .15 0 ffb0412/24xn 8-?3.50.2 (8-?0.1380.008) 330.010.0 (12.9920.394) 10.0 (0.394) 40.00.5 (1.5750.020) 4.00.4 (0.1570.016) 28.00.5 (1.1020.020) 4.00.4 (0.1570.016) 32.00.3 (1.2600.012) 40.00.5 (1.5750.020) 32.00.3 (1.2600.012) 38.0 (1.496) 32.0 (1.260) 38.0 (1.496) 32.0 (1.260) 4-?3.5 (4-?0.138) ?41.0 (?1.614) 38.0 (1.496) 32.0 (1.260) 38.0 (1.496) 32.0 (1.260) 4-?3.5 (4-?0.138) ?41.0 (?1.614)


▲Up To Search▲   

 
Price & Availability of FFB0412VHN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X