Part Number Hot Search : 
MV8W00 SZN6329 SDR3000 LT158 DD203 SXXXBF 3EZ62D5 PIC18
Product Description
Full Text Search
 

To Download DTA114TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features xbuilt-in b ias resis tors ena ble the con figuration of an inv erte r circuit without connecting external input resistors (see equivalent circuit) x the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects x only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings parameter symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current-continuous i c -100 ma collector dissipation p c 150m w junction temperature range t j -55~150 : storage temperature range t stg -55~150 : electrical characteristics sym parameter min typ max unit v (br)cbo collector-base breakdown voltage (i c =-50ua, i e =0) -50 --- --- v v (br)ceo collector-emitter breakdown voltage (i c =-1ma, i b =0) -50 --- --- v v (br)ebo emitter-base breakdown voltage (i e =-50ua, i c =0) -5 --- --- v i cbo collector cut-off current (v cb =-50v, i e =0) --- --- -0.5 ua i ebo emitter cut-off current (v eb =-4v, i c =0) --- --- -0.5 ua h fe dc current gain (v ce =-5v, i c =-1ma) 100 250 600 --- v ce(sat) collector-emitter saturation voltage (i c =-10ma, i b =-1ma) --- --- -0.3 v r 1 input resistor f t transition frequency (v ce =-10v, i c =-5ma, f=100mhz) --- 250 --- mhz sot-523 710 13 k ? * marking: 94 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 DTA114TE pnp digital transistor 2012-0 willas electronic corp. dimensions in inches and (millimeters) .043(1.10) .035(0.90) .069(1.75) .057(1.45) .004(0.10)min. .008(0.20) .004(0.10) .035(0.90) .028(0.70) .006(0.15) .014(0.35) .004(0.10)max. .067(1.70) .059(1.50) .035(0.90) .028(0.70) .014(0.35) .010(0.25)
2012-0 willas electronic corp. DTA114TE pnp digital transistor


▲Up To Search▲   

 
Price & Availability of DTA114TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X