Part Number Hot Search : 
ICX405AL KLLU2500 SP02041 IRFN054 28F00 SW7N65DW M4001 CX4HGSM
Product Description
Full Text Search
 

To Download DTA114TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type features pnp epitaxial planar silicon transistor (resistor built-in typ.) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector-base breakdown voltage bv cbo i c =-50 a -50 v collector-emitter breakdown voltage bv ceo i c = -1ma -50 v emitter-base breakdown voltage bv ebo i e =-50 a -5 v collector cut-off current i cbo v cb = -50v -0.5 a emitter cut-off current i ebo v eb =-4v -0.5 a collector-emitter saturation voltage v ce(sat) i c = -10ma , i b = -1ma -0.3 v dc current transfer ratio h fe v ce =-5v,i c = -1ma 100 250 600 input resistance r 1 71013 k transistion frequency f t *v ce = -10v , i e = 5ma , f = 100mhz 250 mhz * characteristics of built-in transistor marking marking 94 DTA114TCA absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c -100 ma collector power dissipation p c 200 mw junction temperature t j 150 storage temperature t stg -55to+150 product specification sales@twtysemi.com 1of 2 http://www.twtysemi.com 4008-318-123
smd type electrical characteristics curves equivalent circuit DTA114TCA product specification sales@twtysemi.com 2of 2 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of DTA114TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X