Part Number Hot Search : 
FAN70831 2SB1284 CHS2512 IN74A 2VP12U9 P82C42PC E28F320 2805S
Product Description
Full Text Search
 

To Download DTA114TCA-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dta114t c a pnp digital transistor features x built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit) x the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects x only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings parameter symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current-continuous i c -100 ma collector dissipation p c 200 mw junction temperature range t j -55~150 : storage temperature range t stg -55~150 : electrical characteristics sym parameter min typ max unit v (br)cbo collector-base breakdown voltage (i c =-50ua, i e =0) -50 --- --- v v (br)ceo collector-emitter breakdown voltage (i c =-1ma, i b =0) -50 --- --- v v (br)ebo emitter-base breakdown voltage (i e =-50ua, i c =0) -5 --- --- v i cbo collector cut-off current (v cb =-50v, i e =0) --- --- -0.5 ua i ebo emitter cut-off current (v eb =-4v, i c =0) --- --- -0.5 ua h fe dc current gain (v ce =-5v, i c =-1ma) 100 250 600 --- v ce(sat) collector-emitter saturation voltage (i c =-10ma, i b =-1ma) --- --- -0.3 v r 1 input resistor f t transition frequency (v ce =-10v, i c =-5ma, f=100mhz) --- 250 --- mhz  
 omponents 20736 marilla street chatsworth       
     mcc revision: a 2011/01/01 sot-23 suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 in c h es mm . 03 1 .800 .035 .900 . 03 7 .950 .037 .950 k 3 1 2 1. base 2. emitter 3. collector 710 13 k ? www. mccsemi .com 1 of 3 *marking: 94 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 tm micro commercial components
dta114tca mcc revision: a 2011/01/01 tm micro commercial comonents . mccsemi .com of
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 3 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-tp tape&reel;3kpcs/reel


▲Up To Search▲   

 
Price & Availability of DTA114TCA-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X