Part Number Hot Search : 
BUW81A SI8261 1N505906 CEM4804 4836N S7878 G5803 190AX350
Product Description
Full Text Search
 

To Download BZX85C18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  number: db - 069 sep . 20 10 / f page 1 l i c e n s e d b y o n s e m i c o n d u c t o r , a t r a d e m a r k o f s e m i c o n d u c t o r c o m p o n e n t s i n d u s t r i e s , l l c f o r z e n e r t e c h n o l o g y a n d p r o d u c t s . tak cheong ? 1 .3 watt do - 41 hermetically sealed glass zener voltage regulators maximum ratings rating symbol value units maximum steady state power dissipation @ tl50 , lead length = 3/8 derate above 50 p d 1 .3 8 .67 w mw/ operating and storage temperature range t j , t stg - 65 to +200 c specification features: ? zener voltage range = 3.3 v to 100 v ? esd rating of cla s s 3 (>6 kv) per human body model ? do - 41 package ( do - 204al) ? double slug type construction ? metallurg ical bonded construction ? oxide passivated die ? rohs compl i ant ? solder h ot d ip tin (sn) l ead f inish specification features: case : double slug type, hermetically sealed glass finish : all external surfaces are corrosion resistant and leads are readily solderable polarity : cathode indicated by polarity band mounting: any bzx85c3v3 through bzx85c100 series cathode anode l = logo 85cxxx = device code l 85c x xx
number: db - 069 sep . 20 10 / f page 2 l i c e n s e d b y o n s e m i c o n d u c t o r , a t r a d e m a r k o f s e m i c o n d u c t o r c o m p o n e n t s i n d u s t r i e s , l l c f o r z e n e r t e c h n o l o g y a n d p r o d u c t s . tak cheong ? electrical characteristics (t a = 25 unless otherwise noted.) zener voltage (note 2 & 3 .) zener impedance (note 4 .) leakage current v z (volts) @i zt z zt @i zt z zk @i zk i r @ v r device (note 1 .) device marking min nom max (ma) ( ) ( ) (ma) (ua m ax) (volts) bzx85c3v3 bzx85c3v6 bzx85c3v9 bzx85c4v3 bzx85c4v7 bzx85c3v3 bzx85c3v6 bzx85c3v9 bzx85c4v3 bzx85c4v7 3.1 3.4 3.7 4.0 4.4 3.3 3.6 3.9 4.3 4.7 3.5 3.8 4.1 4.6 5.0 80 60 60 50 45 20 15 15 13 13 400 500 500 500 600 1 1 1 1 1 60 30 5 3 3 1 1 1 1 1.5 bzx85c5v1 bzx85c5v6 bzx85c6v2 bzx85c6v8 b zx85c7v5 bzx85c5v1 bzx85c5v6 bzx85c6v2 bzx85c6v8 bzx85c7v5 4.8 5.2 5.8 6.4 7.0 5.1 5.6 6.2 6.8 7.5 5.4 6.0 6.6 7.2 7.9 45 45 35 35 35 10 7 4 3.5 3 500 400 300 300 200 1 1 1 1 0.5 1 1 1 1 1 2 2 3 4 4.5 bzx85c8v2 bzx85c9v1 bzx85c10 bzx85c11 bzx85c12 bzx85c8 v2 bzx85c9v1 bzx85c10 bzx85c11 bzx85c12 7.7 8.5 9.4 10.4 11.4 8.2 9.1 10 11 12 8.7 9.6 10.6 11.6 12.7 25 25 25 20 20 5 5 7 8 9 200 200 200 300 350 0.5 0.5 0.5 0.5 0.5 1 1 0.5 0.5 0.5 5 6.5 7 7.7 8.4 bzx85c13 bzx85c15 bzx85c16 BZX85C18 bzx85c20 bzx85c13 bz x85c15 bzx85c16 BZX85C18 bzx85c20 12.4 13.8 15.3 16.8 18.8 13 15 16 18 20 14.1 15.6 17.1 19.1 21.2 20 15 15 15 10 10 15 15 20 24 400 500 500 500 600 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 9.1 10.5 11.0 12.5 14.0 bzx85c22 bzx85c24 bzx85c27 bzx85c30 bzx85c 33 bzx85c22 bzx85c24 bzx85c27 bzx85c30 bzx85c33 20.8 22.8 25.1 28.0 31.0 22 24 27 30 33 23.3 25.6 28.9 32.0 35.0 10 10 8 8 8 25 25 30 30 35 600 600 750 1000 1000 0.5 0.5 0.25 0.25 0.25 0.5 0.5 0.5 0.5 0.5 15.5 17.0 19.0 21.0 23.0 bzx85c36 bzx85c39 bzx85c4 3 bzx85c47 bzx85c56 bzx85c36 bzx85c39 bzx85c43 bzx85c47 bzx85c56 34 37 40 44 52 36 39 43 47 56 38 41 46 50 60 8 6 6 4 4 40 45 50 90 120 1000 1000 1000 1500 2000 0.25 0.25 0.25 0.25 0.25 0.5 0.5 0.5 0.5 0.5 25 27 30 33 39 bzx85c62 bzx85c75 bzx85c91 bzx85c1 00 bzx85c62 bzx85c75 bzx85c91 bzx85c100 58 70 85 96 62 75 91 100 66 80 96 106 4 4 2.7 2.7 125 150 250 350 2000 2000 3000 3000 0.25 0.25 0.25 0.25 0.5 0.5 0.5 0.5 43 51 62 68 v f = 1.2v max @i f = 200ma for 30v below types , v f = 2.0 v max @i f = 200ma for 30~ 56v types, and v f = 3.0 v max @i f = 200ma for 60v above types 1 . tolerance and type number designation (v z ) tolerance designation C the type numbers listed have zener voltage min/max limits as shown . 2 . specials available include nominal zener voltages bet ween the voltages shown and tigh t er voltage, for detailed information on price, availability and delivery, c ontact you nearest tak cheong representative. 3 . zener voltage (v z ) measurement the zener voltage ( v z ) is tested under pulse conditions such th at t j is no more than 2 above t a . 4 . zener impedance (z z ) derivation the zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk.
number: db - 069 sep . 20 10 / f page 3 l i c e n s e d b y o n s e m i c o n d u c t o r , a t r a d e m a r k o f s e m i c o n d u c t o r c o m p o n e n t s i n d u s t r i e s , l l c f o r z e n e r t e c h n o l o g y a n d p r o d u c t s . tak cheong ? package outli ne case outline d0 - 41 millimeters inches dim min max min max a 0. 68 0.8 1 0.02 7 0.03 2 b 3.70 4.25 0. 146 0. 167 c 25.40 --- 1.000 --- d 2. 10 2. 60 0.08 3 0.10 2
number: db-100 april 14, 2008 / a disclaimer notice tak cheong ? notice the information presented in this document is for reference only. tak cheong reserves the right to make changes without notice for the specification of the products displayed herein. the product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used with equipment or devices which require high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controlle rs and other safety devices), tak cheong semiconductor co., ltd., or anyone on its behalf, assumes no responsi bility or liability for any damagers resulting from such improper use of sale. this publication supersedes & replaces all information reviously supplied. for additional information, please visit our website http://www.takcheong.com , or consult your nearest tak cheong?s sales office for further assistance.


▲Up To Search▲   

 
Price & Availability of BZX85C18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X