Part Number Hot Search : 
MP8003A DN8797SE PCH1632 NJU7009 AP1518K5 TSM1N45 SK241 ISC1812
Product Description
Full Text Search
 

To Download BC857B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc856 series bc857 series bc858 series surface mount pnp silicon transistor description: the central semiconductor bc856, bc857 and bc858 series types are pnp silicon transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for general purpose switching and amplifier applications. marking code: see marking code table on following page note: reverse lead codes available, add r to the end of the part # and marking code. maximum ratings: (t a =25c) symbol bc858 bc857 bc856 units collector-base voltage v cbo 30 50 80 v collector-emitter voltage v ceo 30 45 65 v emitter-base voltage v ebo 5.0 v continuous collector current i c 100 ma peak collector current i cm 200 ma peak base current i bm 200 ma power dissipation p d 350 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 357 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i cbo v cb =30v 15 na i cbo v cb =30v, t a =150c 4.0 a i ebo v eb =5.0v 100 na bv cbo i c =10a (bc858) 30 v bv cbo i c =10a (bc857) 50 v bv cbo i c =10a (bc856) 80 v bv ceo i c =10ma (bc858) 30 v bv ceo i c =10ma (bc857) 45 v bv ceo i c =10ma (bc856) 65 v bv ebo i e =10a 5.0 v v ce(sat) i c =10ma, i b =0.5ma 0.30 v v ce(sat) i c =100ma, i b =5.0ma 0.65 v v be(on) i c =2.0ma, v ce =5.0v 0.6 0.75 v v be(on) i c =10ma, v ce =5.0v 0.82 v f t v ce =5.0v, i c =10ma, f=100mhz 100 mhz nf v ce =5.0v, i c =200a, r s =2.0k , f=1.0khz, bw=200hz 10 db bc856a bc856b bc857a BC857B bc857c bc858a bc858b bc858c min max min max min max h fe v ce =5.0v, i c =2.0ma 125 250 220 475 420 800 sot-23 case r2 (20-november 2009) www.centralsemi.com
bc856 series bc857 series bc858 series surface mount pnp silicon transistor sot-23 case - mechanical outline lead code: device marking code bc856a 3a bc856b 3b bc857a 3e BC857B 3f bc857c 3g bc858a 3j bc858b 3k bc858c 3l * reverse lead codes available, add r to the end of the part # and marking code. standard 1) base 2) emitter 3) collector *reverse 1) emitter 2) base 3) collector www.centralsemi.com r2 (20-november 2009)


▲Up To Search▲   

 
Price & Availability of BC857B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X