Part Number Hot Search : 
GQM219 44000 MM1311 NME1212D HD74H 44000 44000 9904BSA
Product Description
Full Text Search
 

To Download AT24C64SC-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 1660b?seepr?04/04 features  low-voltage and standard-voltage operation, v cc = 2.7v to 5.5v  internally organized 4096 x 8, 8192 x 8  two-wire serial interface  schmitt trigger, filtered inputs for noise suppression  bidirectional data transfer protocol  400 khz compatibility  32-byte page write mode (partial page writes allowed)  self-timed write cycle (5 ms max)  high reliability ? endurance: 1 million write cycles ? data retention: 100 years ? esd protection: >3,000v description the at24c32sc/64sc provides 32,768/65,536 bits of serial electrically erasable and programmable read-only memory (eeprom) or ganized as 4096 /8192 words of 8 bits each. the devices are optimized for use in smart card applications where low-power and low-voltage operation may be essential. the devices are available in several stan- dard iso 7816 smart card modules (see ordering information , page 11). all devices are functionally equivalent to atmel serial eeprom products offered in standard ic packages (pdip, soic, tssop), with the exception of the slave address and write protect functions, which are not required for smart card applications. table 1 . pin configurations figure 1. card module contact pad name description iso module contact vcc power supply voltage c1 gnd ground c5 scl serial clock input c3 sda serial data input/output c7 nc no connect c2, c4, c6, c8 scl = c3 nc = c4 vcc = c1 nc = c2 c5 = gnd c6 = nc c7 = sda c8 = nc two-wire serial eeprom smart card modules 32k (4096 x 8) 64k (8192 x 8) at24c32sc at24c64sc
2 1660b ? seepr ? 04/04 figure 2. block diagram pin description serial clock (scl): the scl input is used to positive edge clock data into each eeprom device and negative e dge clock data out of each device. serial data (sda): the sda pin is bidirectional for serial data transfer. this pin is open-drain driven and may be wire-ored with any number of other open-drain or open- collector devices. memory organization at24c32sc/64sc, 32k/64k serial eeprom: the 32k/64k is internally organized as 128/256 pages of 32 bytes each. random word addressing requires a 12/13-bit data word address. absolute maximum ratings* operating temperature ......................................? 55 c to +125 c note: stresses beyond those listed under ? absolute maxi- mum ratings ? may cause permanent damage to the device. this is a stress rating only; functional opera- tion of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature .........................................? 65 c to +150 c voltage on any pin with respect to ground ........................................ ? 1.0v to +7.0v maximum operating voltage .......................................... 6.25v dc output current........................................................ 5.0 ma
3 1660b ? seepr ? 04/04 pin capacitance notes: 1. this parameter is characterized and is not 100% tested. note: 1. applicable over recommended operating range from t ac = 0 c to +70 c, v cc = +2.7v to +5.5v (unless otherwise noted) 2. v il min and v ih max are reference only and are not tes ted. table 2 . pin capacitance (1) applicable over recommended operating range from t a = 25 c, f = 1.0 mhz, v cc = +2.7v symbol test condition max units conditions c i/o input/output capacitance (sda) 8 pf v i/o = 0v c in input capacitance (scl) 6 pf v in = 0v table 3 . dc characteristics (1) symbol parameter test condition min typ max units v cc supply voltage 2.7 5.5 v i cc1 supply current v cc = 5.0v read at 400 khz 0.4 1.0 ma i cc2 supply current v cc = 5.0v write at 400 khz 2.0 3.0 ma i sb standby current v cc = 2.7v v in = v cc or gnd 2.0 a v cc = 5.5v 6.0 i li input leakage current v in = v cc or gnd 0.10 3.0 a i lo output leakage current v out = v cc or gnd 0.05 3.0 a v il input low level (2) ? 0.6 v cc x 0.3 v v ih input high level (2) v cc x 0.7 v cc + 0.5 v v ol output low level (2) v cc = 3.0v i ol = 2.1ma 0.4 v
4 1660b ? seepr ? 04/04 notes: 1. applicable over recommended operating range from t a = 0 c to +70 c, v cc = +2.7v to +5.5v, cl = 1 ttl gate and 100 pf (unless otherwise noted) 2. this parameter is characterized and is not 100% tested. device operation clock and data transitions: the sda pin is normally pulled high with an exter- nal device. data on the sda pin may change only during scl low time periods (see figure 5 on page 6). data changes during scl high periods will indicate a start or stop condition as defined below. start condition: a high-to-low transition of sda with scl high is a start c ondition that must precede any other command (see figure 6 on page 6). stop condition: a low-to-high transition of sda with scl high is a stop condition. after a read sequence, the stop command will place the eeprom in a standby power mode (see figure 6 on page 6). acknowledge: all addresses and data words are serially transmitted to and from the eeprom in 8-bit words. the eeprom sends a zero during the ninth clock cycle to acknowledge that it has received each word. standby mode: the at24c32sc/64sc features a low-power standby mode that is enabled upon power-up and after the receipt of the stop bit and the co mpletion of any internal operations. table 4 . ac characteristics symbol parameter at24c32sc at24c64sc units min max min max f scl clock frequency, scl 400 400 khz t low clock pulse width low 1.3 1.3 s t high clock pulse width high 0.6 0.6 s t i noise suppression time (1) 50 100 ns t aa clock low to data out valid 0.1 0.9 0.2 0.9 s t buf time the bus must be free before a new transmission can start (1) 1.3 1.3 s t hd.sta start hold time 0.6 0.6 s t su.sta start set-up time 0.6 0.6 s t hd.dat data in hold time 0 0 s t su.dat data in set-up time 100 100 ns t r inputs rise time (2) 0.3 0.3 s t f inputs fall time (2) 300 300 ns t su.sto stop setup time 0.6 0.6 s t dh data out hold time 50 200 ns t wr write cycle time 5 5 ms endurance (2) 5.0v, 25 c, page mode 1m 1m write cycles
5 1660b ? seepr ? 04/04 memory reset: after an interruption in protocol, power loss or system reset, any two-wire part can be reset by following these steps: 1. clock up to nine cycles. 2. look for sda high in each cycle while scl is high. 3. create a start condition as sda is high. timing diagrams bus timing figure 3. bus timing note: scl: serial clock; sda: serial data i/o write cycle timing figure 4. write cycle timing note: scl: serial clock; sda: serial data i/o 1. the write cycle time t wr is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle. t wr (1)
6 1660b ? seepr ? 04/04 data validity figure 5. data validity start and stop definition figure 6. start and stop definition sda scl data stable data change data stable sda scl start stop
7 1660b ? seepr ? 04/04 output acknowledge figure 7. output acknowledge device addressing the 32k/64k eeprom requires an 8-bit device address word following a start condition to enable the chip for a read or write operation (see figure 8 below). the device address word consists of a mandatory ? 1 ? , ? 0 ? sequence for the first four most significant bits as shown. this is common to all two-wire eeprom devices. the next three bits of the device address word are unus ed. these three unused bits should be set to ? 0 ? . the eighth bit of the device address is the read/write operation select bit. a read opera- tion is initiated if this bit is high, and a write operation is initiated if this bit is low. upon a compare of the device address, the eeprom will output a ? 0 ? . if a compare is not made, the device will return to st andby state. figure 8. device address write operations byte write: a write operation requires two 8-bit data word addresses following the device address word and acknowledgment. upon receipt of this address, the eeprom will again respond with a ? 0 ? and then clock in the first 8-bit data word. following receipt of the 8-bit data word, the eeprom will output a ? 0 ? and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. at this time, the eeprom enters an internally-timed write cycle, t wr , to the nonvolatile memory. all inputs are disabled during this write cycle and the eeprom will not respond until the write is complete (see figure 9). scl data i n data out start acknowledge msb lsb 1010000r/w
8 1660b ? seepr ? 04/04 figure 9. byte write page write: the 32k/64k eeprom is capable of 32-byte page writes. a page write is initiated the same way as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. instead, after the eeprom acknowledges receipt of the first data word, the microcontroller can transmit up to 31 more data words. the eeprom will respond with a ? 0 ? after each data word received. the microcontroller must terminate the page write sequence with a stop con dition (see figure 10). figure 10. page write note: * = don ? t care bits ? = don ? t care bits for the 32k the data word address lower five bits are internally incremented following the receipt of each data word. the higher data word address bits are not incremented, retaining the memory page row location. when the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. if more than 32 data words are transmitted to the eeprom, the data word address will ? roll over ? and previous data will be overwritten. acknowledge polling: once the internally-timed write cycle has started and the eeprom i nputs are disabled, acknowledge polling can be initiated. this involves s end- ing a start condition followed by the device address word. the read/write bit is representative of the operation desired. only if the internal write cycle has completed will the eeprom respond with a ? 0 ? , allowing the read or write sequence to continue. read operations read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to ? 1 ? . there are three read operations: current address read, random address read and sequential read. current address read: the internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. this address stays valid between operations as long as the chip power is maintained. the address ? roll over ? during read is from the last byte of the last memory page, to the first byte of the first page. the address ? roll over ? during write is from the last byte of the cur- rent page to the first byte of the same page.
9 1660b ? seepr ? 04/04 once the device address with the read/write select bit set to one is clocked in and acknowledged by the eeprom, the curr ent add ress data word is se rially clo cked out. the microcontroller does not respond with an input ? 0 ? but does generate a following stop condition (see figure 11). figure 11. current address read random read: a random read requires a ? dummy ? byte write sequence to load in the data word address. once the device address word and data word address are clocked in and acknowledged by the eeprom, the microcontroller must generate another start condition. the microcontroller now initiates a current address read by sending a device address with the read/write select bit high. the eeprom acknowledges the device address and serially clocks out the data word. the microcontroller does not respond with a ? 0 ? but does generate a following stop c ondition (refer to figure 12). figure 12. random read sequential read: sequential reads are initiated by either a current address read or a random address read. after the microcontroller receives a data word, it responds with an acknowledge. as long as the eeprom recei ves an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. w hen the memory address limit is reached, the data word address will ? roll over ? and the sequen- tial read will continue. the sequential read operation is terminated when the microcontroller does not respond with a ? 0 ? but does generate a following stop condition (refer to figure 13). sda line s t a r t m s b device address r e a d l s b r / w a c k data n o a c k s t o p device address dummy write sda line m s b s t a r t l s b r / w a c k 1st, 2nd word address n a c k s t a r t a c k device address r e a d data n s t o p n o a c k w r i t e
10 1660b ? seepr ? 04/04 figure 13. sequential read
11 1660b ? seepr ? 04/04 at24c16sc ordering information at24c64sc ordering information notes: 1. formal drawings may be obtained from an atmel sales office. ordering code package voltage range operation range at24c32sc-09at m2 ? a module 2.7v ? 5.5v commercial (0 c ? 70 c) at24c32sc-09bt m2 ? b module 2.7v ? 5.5v commercial (0 c ? 70 c) at24c32sc-10wi 7 mil wafer 2.7v ? 5.5v industrial ( ? 40 c ? 85 c) ordering code package voltage range operation range at24c64sc-09at m2 ? a module 2.7v ? 5.5v commercial (0 c ? 70 c) at24c64sc-09bt m2 ? b module 2.7v ? 5.5v commercial (0 c ? 70 c) at24c64sc-10wi 7 mil wafer 2.7v ? 5.5v industrial ( ? 40 c ? 85 c) package type (1) description m2 ? a module m2 iso 7816 smart card module m2 ? b module m2 iso 7816 smart card module with atmel logo
12 1660b ? seepr ? 04/04 smart card modules *note: the module dimensions listed refer to the dimensions of the exposed metal contact area. the actual dimensions of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions (i.e., a punched m2 module will yield 13.0 x 11.8 mm). module size: m2 dimension*: 12.6 x 11.4 [mm] glob top: square: 8.6 x 8.6 [mm] thickness: 0.58 [mm] max pitch: 14.25 [mm] ordering code: 09at-00 module size: m2 dimension*: 12.6 x 11.4 [mm] thickness: 0.58 [mm] max pitch: 14.25 [mm] glob top: square: 8.6 x 8.6 [mm] ordering code: 09bt-00
printed on recycled paper. disclaimer: atmel corporation makes no warranty for the use of its products, other than those expressly contained in the co mpany ? s standard warranty which is detailed in atmel ? s terms and conditions located on the company ? s web site. the company assumes no responsibil ity for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time wi t hout notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectual property of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel ? s products are not auth orized for use as critical components in life support devices or systems. atmel corporation atmel operations 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 e-mail literature@atmel.com web site http://www.atmel.com 1660b ? seepr ? 04/04 ? atmel corporation 2003 . all rights reserved. atmel ? and combinations thereof are registered trademarks of atmel corporation or its subsidiaries. other terms and product names may be the trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT24C64SC-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X