Part Number Hot Search : 
1N5346B 1010S AHC3G KBPC801 USFB13A 30106 MIHW1018 30106
Product Description
Full Text Search
 

To Download 78127-1249 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 10/10/2014 please check www.molex.com for latest part information part number: 78127-1249 status: active overview: ffc-fpc (smt) description: 0.50mm pitch easy-on? type ffc/fpc connector, surface mount, non zif, vertical, reverse, tin bismuth plating, 24 circuits, lead-free documents: 3d model packaging specification spk-78127-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-78119-001 (pdf) agency certification csa lr19980 ul e29179 general product family ffc/fpc connectors series 78127 overview ffc-fpc (smt) product name easy-on? upc 822350838696 physical circuits (loaded) 24 circuits (maximum) 24 color - resin natural contact position n/a durability (mating cycles max) 20 entry angle vertical flammability 94v-0 mated height 4.10mm material - metal copper alloy material - plating mating nickel, tin-bismuth net weight 0.284/g number of rows 1 orientation vertical pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface 0.50mm pitch - termination interface 0.50mm polarized to pcb no stackable no temperature range - operating -40c to +85c termination interface: style surface mount wire/cable type ffc/fpc electrical current - maximum per contact 0.5a voltage - maximum 50v ac material info reference - drawing numbers packaging specification spk-78127-001 product specification ps-78119-001 sales drawing sd-78127-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 78127 series mates with standard ffc/fpc cables
this document was generated on 10/10/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 78127-1249

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X