Part Number Hot Search : 
ML33111 MAX706P STK433 TSL1402R L132XPG XOK53 CDBN0145 MS2241L3
Product Description
Full Text Search
 

To Download 2SK3541 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-723 plastic-encapsulate mosfets 2SK3541 n-channel mosfet features z low on-resistance z fast switching speed z low voltage drive makes this device ideal for portable equipment z drive circuits can be simple z parallel use is easy applica tions interfacing , switching marking:kn *a protection diode is included between the gate and the source terminals to protect the diode against static electricity when the product is in use. use a protection circuit when the fixed voltages are exceeded. maximum ratings (t a =25 unless otherwise noted) parameter symbol value units drain-source voltage v ds 30 gate-source voltage v gs 20 v continuous drain current i d 100 ma power dissipation p d 0.15 w thermal resistance from junction to ambient r ja 833 /w junction temperature t j 150 storage temperature t stg -55 ~+150 * pw 10 s ,duty cycle 1% so t -723 1. gate 2. source 3. drain kn 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification d,mar,2014
electrical characteristics (t a =25 unless otherwise noted) parameter symbol test condition min typ max unit drain-source breakdown voltage v (br) dss v gs = 0v, i d =10a 30 v gate-source leakage current i gss v ds =0v, v gs =20v 2 a zero gate voltage drain current i dss v ds =30v, v gs =0v 1.0 a gate threshold voltage v gs(th) v ds =3v, i d =100a 0.8 1.5 v v gs =4v, i d =10ma 5 8 static drain-source on-state resistance r ds(on) v gs =2.5v, i d =1ma 7 13 ? forward transconductance g fs v ds =3v, i d =10ma 20 ms input capacitance c iss 13 output capacitance c oss 9 reverse transfer capacitance c rss v ds =5v,v gs =0v,f =1mhz 4 pf turn-on delay time t d(on) 15 rise time t r 35 turn-off delay time t d(off) 80 fall time t f v gs =5v,v dd =5v, i d =10ma r l =500 ? , r g =10 ? 80 ns 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification d,mar,2014
012345 0.00 0.05 0.10 0.15 0.20 01234 0.1 1 10 100 0 5 10 15 20 0 5 10 15 0.2 0.4 0.6 0.8 1.0 0.1 1 10 100 1 10 100 0 20 40 60 4.0v t a =25 pulsed output characteristics 3.5v v gs =3.0v v gs =2.5v v gs =2.0v v gs =1.5v drain current i d (a) drain to source voltage v ds (v) 0.3 3 30 v ds =3v t a =25 pulsed transfer characteristics 200 drain current i d (ma) gate to source voltage v gs (v) t a =25 pulsed i d =100ma i d =50ma v gs ?? r ds(on) on-resistance r ds(on) ( ? ) gate to source voltage v gs (v) 0.3 3 30 200 2SK3541 v gs =0v t a =25 pulsed v sd i s ?? 200 source current i s (ma) source to drain voltage v sd (v) 30 3 t a =25 pulsed i d ?? r ds(on) v gs =2.5v v gs =4v on-resistance r ds(on) ( ? ) drain current i d (ma) 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification d,mar,2014


▲Up To Search▲   

 
Price & Availability of 2SK3541

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X