Part Number Hot Search : 
QL5030 EDS161 AT91SA 15N120 A019301 E5210 MAX3469 13009
Product Description
Full Text Search
 

To Download 2SC5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification 1 silicon npn power transistors 2SC5100 description ? ? with to-3pml package ? complement to type 2sa1908 applications ? audio and general purpose pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(tc=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 160 v v ceo collector-emitter voltage open base 120 v v ebo emitter-base voltage open collector 6 v i c collector current 8 a i b base current 3 a p c collector power dissipation t c =25 ?? 75 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pml) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC5100 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =50ma; i b =0 120 v v cesat collector-emitter saturation voltage i c =3 a;i b =0.3 a 0.5 v i cbo collector cut-off current v cb =160v ;i e =0 10 | a i ebo emitter cut-off current v eb =6v; i c =0 10 | a h fe dc current gain i c =3a ; v ce =4v 50 180 f t transition frequency i e =-0.5a ; v ce =12v 20 mhz c ob output capacitance i e =0; v cb =10v;f=1mhz 200 pf switching times t on turn-on time 0.13 | s t s storage time 3.50 | s t f fall time i c =4a;r l =10 |? i b1 =-i b2 =0.4a v cc =40v 0.32 | s ? h fe classifications o p y 50-100 70-140 90-180
inchange semiconductor product specification 3 silicon npn power transistors 2SC5100 package outline fig.2 outline dimensions
inchange semiconductor product specification 4 silicon npn power transistors 2SC5100


▲Up To Search▲   

 
Price & Availability of 2SC5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X