Part Number Hot Search : 
SMAJ120 CONTROL BFX48 74FCT1 PBA600F MB90F9 DS2223Y TES32423
Product Description
Full Text Search
 

To Download 1N1200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v rrm = 50 v - 600 v i f = 12 a features ? high surge capability do-4 package ? not esd sensitive note: 1. standard polarity: stud is cathode. 3. stud is base. parameter symbol 1n1199a(r) 1N1200A(r) 1n1204a(r) 1n1206a(r) unit repetitive peak reverse voltage v rrm 50 100 400 600 v rms reverse voltage v rms 35 70 280 420 v 2. reverse polarity (r): stud is anode. conditions 1n1199a thru 1n1206ar 200 140 1n1202a(r) maximum ratings, at t j = 25 c, unless otherwise specified silicon standard recover y diode ? types from 50 v to 600 v v rrm dc blocking voltage v dc 50 100 400 600 v continuous forward current i f 12 12 12 12 a operating temperature t j -55 to 150 -55 to 150 -55 to 150 -55 to 150 c storage temperature t stg -55 to 150 -55 to 150 -55 to 150 -55 to 150 c parameter symbol 1n1199a(r) 1N1200A(r) 1n1204a(r) 1n1206a(r) unit diode forward voltage 1.1 1.1 1.1 1.1 10 10 10 10 a 15 15 15 15 ma thermal characteristics thermal resistance, junction - case r thjc 2.00 2.00 2.00 2.00 c/w v 15 1n1202a(r) 2.00 v r = 50 v, t j = 175 c 1.1 v r = 50 v, t j = 25 c i f = 12 a, t j = 25 c t c 150 c conditions 240 240 -55 to 150 12 electrical characteristics, at tj = 25 c, unless otherwise specified 10 200 a reverse current i r v f 240 240 240 -55 to 150 t c = 25 c, t p = 8.3 ms surge non-repetitive forward current, half sine wave i f,sm www.genesicsemi.com/s ilicon-products/standard-recovery-rectifiers/ 1
1n1199a thru 1n1206ar www.genesicsemi.com/s ilicon-products/standard-recovery-rectifiers/ 2
package dimensions and terminal configuration product is marked with part number and terminal configuration. 1n1199a thru 1n1206ar do- 4 (do-203aa) j g f a e d p n b c m inches millimeters min max min max a 10-32 unf b 0.424 0.437 10.77 11.10 c ----- 0.505 ----- 12.82 d ------ 0.800 ----- 20.30 e 0.453 0.492 11.50 12.50 f 0.114 0.140 2.90 3.50 g ----- 0.405 ----- 10.29 j ----- 0.216 ----- 5.50 m ----- 0.302 ----- 7.68 n 0.031 0.045 0.80 1.15 p 0.070 0.79 1.80 2.00 www.genesicsemi.com/s ilicon-products/standard-recovery-rectifiers/ 3


▲Up To Search▲   

 
Price & Availability of 1N1200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X